Part Number Hot Search : 
LB1871M CM150 VQRT645C MAX48 FN3358 LTC3822 LBS11407 26MB10
Product Description
Full Text Search
 

To Download GBPC3506W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
GBPC35005~GBPC3508
HIGH CURRENT SILICON BRIDGE RECTIFIER
GPBC
.25(6.35)
Unit: inch ( mm )
VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes
FEATURES
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * The plastic package has Underwriters Laboratory Flammability Classification 94V-O. * Surge overload ratings to 400 Amperes .
1.00(25.4) .900(22.8)
.442(11.23) .432(10.97)
METAL HEAT SINK 1.129(28.7) 1.118(28.4) .658(16.7) .618(15.7)
MECHANICAL DATA
Case:Molded plastic with heatsink integrally mounthed in the bringe encapsulation. Weight: 1 ounce, 30 grams Therminals: Plated . 25" FASTON
EPOXY CASE
.728(18.5) .689(17.5)
Mounting position: Any
~
-
+
~
No Sufflx Designates faston Terminals All Models are Available on B( Height)=7.62mm Max. Epoxy Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. GBPC 35005 Maximum Recurrent Peak Reverse Voltage Maximum RMS Input Voltage Maximum DC Blocking Voltage DC Output Voltage, Resistive load DC Output Voltage, Capacitive load Maximum Average Forward Current For Resistive Load at TC=55C Non-repetitive Peak Forward Surge Current at Rated Load Maximum Forward Voltage per Bridge Element at 17.5A Specified Current Maximum Reverse Leakage Current at Rated @ TA=25C Dc Blocking Voltage @ T A=100C I2t Rating for fusing ( t<8.35ms) Typical Thermal Resistance per leg (Fig 3) RJC Operating Temperature Range, TJ Storage Temperature Range, TA 50 35 50 30 50 GBPC 3501 100 70 100 62 100 GBPC 3502 200 140 200 124 200 35 400 1.2 10.0 1000 664 2.0 -55 to +150 -55 to +150 A2S C / W C C GBPC 3504 400 280 400 250 400 GBPC 3506 600 420 600 380 600 GBPC 3508 800 560 800 505 800 UNIT V V V V V A A V A
DATE :OCT.01.2002
PAGE . 1
RATING AND CHARACTERISTIC CURVES
1000
35
INSTANTANEOUS FORWARD CURRENT, AMPERES
30
100
AVERAGE FORWARD CURRENT AMPERES
25
10
20
15
1.0
10
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0 25 60 80 100 120
O
140
160
Fig. 2- TYPICAL INSTANTANEOUS FORWARDCHARACTERISITCS AT T J =25 C
O
CASE TEMPERATURE C
Fig. 1- OUTPUT CURRENT VS.CASE TEMPERATURE RESISTIVE OR INDUCTIVE LOAD T J =150 C
O
100 80
AVERAGE POWER DISSIPATION OF BRIDGE, WATTS
35
60
40 30 20
AVERAGE OUTPUT CURRENT ,AMPERES
30
25
20
10 8 6 4
15
10
5 0 25 60 80 100 120
O
5
10
15
20
25
30
35
140
160
180
AVERGE OUTPUT CURRENT,AMPERES
AMBIENT TEMPERATURE, T A C
Fig. 3- OUTPUT CURRENT VS. AMBIENT TEMPERATURE RESISTIVE OR INDUCTIVE LOAD BRIDGE MOUNTED ON A 8" x 8" ALUMINUM PLATE 25"THICK
Fig. 4- POWER DISSIPATION VS.AVERAGE OUTPUT CURRENT RESISTIVE OR INDUCTIVE LOAD TJ=150 OC
DATE :OCT.01.2002
PAGE . 2


▲Up To Search▲   

 
Price & Availability of GBPC3506W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X