Part Number Hot Search : 
SKIIP E43CA 91100 ATMEGA32 M4S54XAJ T90WP ZXMS600 S9132
Product Description
Full Text Search
 

To Download G7752-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INFRARED DETECTOR
Infrared detector module with preamp
Metal dewar type
High sensitivity modules of easy-to-use
These devices combine a dewar type detector with a compatible preamplifier, and easily operate to detect infrared radiation just by connecting to a DC power supply. InGaAs, InSb and MCT (HgCdTe) detectors are provided as standard devices (liquid nitrogen cooling). Custom-designed devices with different active areas, FOV or amplifier gain, etc. are also available to meet your specific needs.
Features
Applications
l Compact integral detector unit l Infrared detection l Optimum connections between the detector element and preamplifier allow amplified signals to be easily obtained.
Accessories (Optional)
l Power supply for preamplifier (15 V)
Accessories (Supplied)
C3871
l 4-conductor cable (for DC power supply): 2 m (connector installed at one end) l BNC-BNC coaxial cable (for signal output): 2 m l Instruction manual
s Specifications / Absolute maximum ratings
Type No. Detector element Active area (mm) 1 3 0.6 2 1x1 External input voltage (V) Vs *1 15
A4372-02 E2573
Absolute maximum ratings Operating Storage External input temperature temperature voltage Topr Tstg (V) (C) (C)
G7754-01 G7754-03 P7751-01 P7751-02 P7752-10 *1: Vs=12 to 15 V
InGaAs InSb MCT
18
0 to +40
-20 to +50
s Electrical and optical characteristics (Typ.)
M easure ment Peak Photo condition Cut-off sensitivity sensitivity Element wavelength wavelength S te m p erature c p =p T (C) (m) (m) (V/W) 2 x 109 2.0 2.4 5 x 108 -196 3 x 108 5.3 5.5 1.5 x 108 12 14 2 x 106 NEP Frequency Output response impedance -3 dB () Maximum Maximum output current voltage consumption 2 * RL=1 k (V) 10 10 10 10 3 (mA) 15 15 20 20 +60, -10
Type No.
G7754-01 G7754-03 P7751-01 P7751-02 P7752-10 *2: Vs=15 V
(Hz) (W/Hz1/2) 3 x 10-14 2 to 500 1.5 x 10-13 2 to 500 3 x 10-13 5 to 10000 1 x 10-12 5 to 12000 3 x 10-12 5 to 140000
50
1
Infrared detector module with preamp
s Spectral response
10
13
Metal dewar type
(Typ. T= -196 C) G7754-01
10
12
D* (cm * Hz 2 /W)
G7754-03
1
1011 P7751-01/-02
10
10
P7752-10
10
9
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
WAVELENGTH (m)
KIRDB0076EC
s Dimensional outline (unit: mm)
11 18 32 DC INPUT VOLTAGE 15 V (4-PIN CONNECTOR)
LN2 FILL PORT
51.2
SIGNAL OUTPUT (BNC)
13.5)
WINDOW 16 (MCT ONLY:
63.5 1
PHOTOSENSITIVE SURFACE
FOAM POLYSTYRENE PLUG PUMP-OUT PIPE
70.0
AMP 49
6.5
37 0.5
10
8.6 1 125.5 1
8.5
89.5
172 1
KIRDA0010EB
s Precaution for use
* The detector should not be placed horizontally during use. * Using these detectors in an environment subjected to vibration may cause microphonic noise. Take measures to prevent vibration as needed.
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
Cat. No. KIRD1024E02 Nov. 2001 DN


▲Up To Search▲   

 
Price & Availability of G7752-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X