Part Number Hot Search : 
LTC31 1616AS5 M0803 A3130 SFH5440 HT46C22 AA3528 7SPB9307
Product Description
Full Text Search
 

To Download FM207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM201 THRU FM207
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
FEATURES
* * * * * * Glass passivated device Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.098 gram
DO-214AA
MECHANICAL DATA
* Epoxy : Device has UL flammability classification 94V-0
0.083 (2.11) 0.077 (1.96) 0.180 (4.57) 0.160 (4.06) 0.155 (3.94) 0.130 (3.30)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA = 75 oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermaesistance Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM (Note 2)RJL (Note 3)RJA CJ TJ,TSTG FM201 FM202 FM203 FM204 FM205 FM206 FM207 50 35 50 100 70 100 200 140 200 400 280 400 2.0 70 20 50 30 -65 to + 175 600 420 600 800 560 800 1000 700 1000 UNITS Volts Volts Volts Amps Amps
0 0
C/ W C/ W pF
0
C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FM201 FM202 FM203 FM204 FM205 FM206 FM207 1.1 5.0 50 UNITS Volts uAmps uAmps 2001-4
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 2. Thermal resistance junction to terminal, 5X5mm 2 copper pads to each terminal. 3. Thermal resistance junction to ambient, 5X5mm2 copper pads to each terminal.
RATING AND CHARACTERISTIC CURVES ( FM201 THRU FM207 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, (A)
AVERAGE FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 4 2 1.0 .4 .2 .1 .04 .02 .01 .6
INSTANTANEOUS REVERSE CURRENT, (uA)
TJ = 25 Pulse Width=300uS 1% Duty Cycle
2.5 2.0 1.5 1.0 .5 0 0 25 50 75 100 125 150 175 AMBIENT TEMPERATURE, ( )
Single Phase Half Wave 60Hz Resistive or Inductive Load
.8 1.0 1.2 1.4 1.5 INSTANTANEOUS FORWARD VOLTAGE, (V) FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT 100 80 60 40 20 0 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave (JEDED Method)
10 4 1.0 .4 .1 .04 .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25 TJ = 100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
200 100 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, ( V )
TJ = 25
RECTRON


▲Up To Search▲   

 
Price & Availability of FM207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X