Part Number Hot Search : 
DRH401 000X1 FDP8443 N2120 N1113 RO2081A TC1682 8720A
Product Description
Full Text Search
 

To Download EPC1018H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
Ethernet DC/DC Converter
ELECTRONICS INC.
EPC1018H
* Designed for Low Common Mode Noise * * Unregulated Output * * 75% Efficiency at Full Load * * Input Filter to Reduce Input Ripple Current * * Input/Output Isolation : 2000 Vrms * * Operating Temperature : 0C to 70C * * Storage Temperature : -20C to -125C *
Electrical Specifications
Parameters Input Voltage Output Voltage Output Current Output Ripple & Noise @ 20 MHz BW --Min. ----------Typ. 5.0 9 5% ------Max. ----200 100 --Units Volts Volts mA mV p-p ---
Pin Connections
V in24 23 N/C 13 to 16
Package E
1 V in+
2
9
10 V o-
11 V o+
12
White Dot Pin 1
PCA EPC1018H Date Code 12V 9V A
Dimensions
B
Dim. (Inches) Min. Max. Nom. Min. (millimeters) Max. Nom.
J
C E H D F G I
A B C D E F G H I J
1.280 .565 ----.125 ----.018 .008 ---
1.300 1.290 32.51 33.02 32.77 .585 .575 14.35 14.86 14.61 .375 ----9.53 ----1.100 ----- 27.94 ----3.18 ------.100 ----2.54 --.635 ----- 16.13 .022 .020 .457 .556 .508 .012 .010 .203 .305 .254 --.020 ----.508
www..com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 www..com
CSC1018H Rev. Orig. 3/20/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC1018H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X