Part Number Hot Search : 
00090 UDZS18B NCV7424 TLHB580 L4728 45984 H1138T MC333
Product Description
Full Text Search
 

To Download EP7312-CV-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EP7311 Data Sheet
FEATURES
I ARM720T Processor -- ARM7TDMI CPU -- 8 KB of four-way set-associative cache -- MMU with 64-entry TLB -- Thumb code support enabled I Ultra low power -- 90 mW at 74 MHz typical -- 30 mW at 18 MHz typical -- 10 mW in the Idle State -- <1 mW in the Standby State I 48 KB of on-chip SRAM I MaverickKeyTM IDs -- 32-bit unique ID can be used for SDMI compliance -- 128-bit random ID I Dynamically programmable clock speeds of 18, 36, 49, and 74 MHz
High-Performance, Low-Power System on Chip with SDRAM and Enhanced Digital Audio Interface
OVERVIEW
The MaverickTM EP7311 is designed for ultra-low-power applications such as PDAs, smart cellular phones, and industrial hand held information appliances. The corelogic functionality of the device is built around an ARM720T processor with 8 KB of four-way setassociative unified cache and a write buffer. Incorporated into the ARM720T is an enhanced memory management unit (MMU) which allows for support of sophisticated operating systems like Linux(R).
(cont.)
(cont.)
BLOCK DIAGRAM
Multimedia Codec Port Power Management
EPB Bus
Clocks & Timers
ARM720T
USER INTERFACE
ICE-JTAG
ARM7TDMI CPU Core Interrupts, PWM & GPIO
SERIAL PORTS
Serial Interface
(2) UARTs w/ IrDA Internal Data Bus
8 KB Cache
Boot ROM
Write Buffer
Bus Bridge
MMU
Keypad& Touch Screen I/F
Memory Controller
TM MaverickKey
SRAM I/F
SDRAM I/F
On-chip SRAM 48 KB
LCD Controller
MEMORY AND STORAGE
Copyright 2001 Cirrus Logic (All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760 (512) 445 7222 FAX: (512) 445 7581 http://www.cirrus.com
July '01 DS506PP1 1
EP7311 High-Performance, Low-Power System on Chip
FEATURES (cont)
I LCD controller -- Interfaces directly to a single-scan panel monochrome STN LCD -- Interfaces to a single-scan panel color STN LCD with minimal external glue logic I Full JTAG boundary scan and Embedded ICE support I Integrated Peripheral Interfaces -- 32-bit SDRAM Interface up to 2 external banks -- 8/32/16-bit SRAM/FLASH/ROM Interface -- Multimedia Codec Port -- Two Synchronous Serial Interfaces (SSI1, SSI2) -- CODEC Sound Interface -- 8x8 Keypad Scanner -- 27 General Purpose Input/Output pins -- Dedicated LED flasher pin from the RTC I Internal Peripherals -- Two 16550 compatible UARTs -- IrDA Interface -- Two PWM Interfaces -- Real-time Clock -- Two general purpose 16-bit timers -- Interrupt Controller -- Boot ROM I Package -- 208-Pin LQFP -- 256-Ball PBGA -- 204-Ball TFBGA I The fully static EP7311 is optimized for low power dissipation and is fabricated on a 0.25 micron CMOS process I Development Kits -- EDB7312: Development Kit with color STN LCD on board. -- EDB7312-LW: EDB7312 with Lynuxworks' BlueCat Linux Tools and software for Windows host (free 30 day BlueCat support from Lynuxworks). -- EDB7312-LL: EDB7312 with Lynuxworks' BlueCat Linux Tools and software for Linux host (free 30 day BlueCat support from Lynuxworks).
Note: * BlueCat available separately through Lynuxworks only. * Use the EDB7312 Development Kit for all the EP73xx devices.
OVERVIEW (cont.)
The EP7311 is designed for low-power operation. Its core operates at only 2.5 V, while its I/O has an operation range of 2.5 V-3.3 V. The device has three basic power states: operating, idle and standby. One of its notable features is MaverickKey unique IDs. These are factory programmed IDs in response to the growing concern over secure web content and commerce. With Internet security playing an important role in the delivery of digital media such as books or music, traditional software methods are quickly becoming unreliable. The MaverickKey unique IDs consist of two registers, one 32-bit series register and one random 128bit register that may be used by an OEM for an authentication mechanism. Simply by adding desired memory and peripherals to the highly integrated EP7311 completes a low-power system solution. All necessary interface logic is integrated onchip.
Contacting Cirrus Logic Support
For a complete listing of Direct Sales, Distributor, and Sales Representative contacts, visit the Cirrus Logic web site at: http://www.cirrus.com/corporate/contacts/sales.cfm
Preliminary product information describes products which are in production, but for which full characterization data is not yet available. Advance product information describes products which are in development and subject to development changes. Cirrus Logic, Inc. has made best efforts to ensure that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). No responsibility is assumed by Cirrus Logic, Inc. for the use of this information, nor for infringements of patents or other rights of third parties. This document is the property of Cirrus Logic, Inc. and implies no license under patents, copyrights, trademarks, or trade secrets. No part of this publication may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc. Items from any Cirrus Logic website or disk may be printed for use by the user. However, no part of the printout or electronic files may be copied, reproduced, stored in a retrieval system, or transmitted, in any form or by any means (electronic, mechanical, photographic, or otherwise) without the prior written consent of Cirrus Logic, Inc.Furthermore, no part of this publication may be used as a basis for manufacture or sale of any items without the prior written consent of Cirrus Logic, Inc. The names of products of Cirrus Logic, Inc. or other vendors and suppliers appearing in this document may be trademarks or service marks of their respective owners which may be registered in some jurisdictions. A list of Cirrus Logic, Inc. trademarks and service marks can be found at http://www.cirrus.com.
2
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Processor Core - ARM720T
The EP7311 incorporates an ARM 32-bit RISC microcontroller that controls a wide range of on-chip peripherals. The processor utilizes a three-stage pipeline consisting of fetch, decode and execute stages. Key features include: * ARM (32-bit) and Thumb (16-bit compressed) instruction sets * Enhanced MMU for Microsoft Windows CE and other operating systems * 8 KB of 4-way set-associative cache. * Translation Look Aside Buffers with 64 Translated Entries
Digital Music Initiative) or any other authentication mechanism. Both a specific 32-bit ID as well as a 128-bit random ID is programmed into the EP7311 through the use of laser probing technology. These IDs can then be used to match secure copyrighted content with the ID of the target device the EP7311 is powering, and then deliver the copyrighted information over a secure connection. In addition, secure transactions can benefit by also matching device IDs to server IDs. MaverickKey IDs provide a level of hardware security required for today's Internet appliances.
Memory Interfaces
There are two main external memory interfaces. The first one is the ROM/SRAM/FLASH-style interface that has programmable wait-state timings and includes burstmode capability, with six chip selects decoding six 256 MB sections of addressable space. For maximum flexibility, each bank can be specified to be 8-, 16-, or 32bits wide. This allows the use of 8-bit-wide boot ROM options to minimize overall system cost. The on-chip boot ROM can be used in product manufacturing to serially download system code into system FLASH memory. To further minimize system memory requirements and cost, the ARM Thumb instruction set is supported, providing for the use of high-speed 32-bit operations in 16-bit op-codes and yielding industryleading code density.
Pin Mnemonic
nCS[5:0] A[27:0]
Power Management
The EP7311 is designed for ultra-low-power operation. Its core operates at only 2.5 V, while its I/O has an operation range of 2.5 V-3.3 V allowing the device to achieve a performance level equivalent to 60 MIPS. The device has three basic power states: * Operating -- This state is the full performance state. All the clocks and peripheral logic are enabled. * Idle -- This state is the same as the Operating State, except the CPU clock is halted while waiting for an event such as a key press. * Standby -- This state is equivalent to the computer being switched off (no display), and the main oscillator shut down. An event such as a key press can wake-up the processor.
I/O
O O I/O
Pin Description
Chip select out Address output Data I/O ROM expansion OP enable ROM expansion write enable Halfword access select output Word access select output Transfer direction
Pin Mnemonic
BATOK nEXTPWR nPWRFL nBATCHG
I/O
I I I I
Pin Description
Battery ok input External power supply sense input Power fail sense input Battery changed sense input
D[31:0] nMOE/nSDCAS nMWE/nSDWE HALFWORD WORD WRITE/nSDRAS (Note) (Note) (Note)
O O O O O
Table A. Power Management Pin Assignments
Table B. Static Memory Interface Pin Assignments
MaverickKey
TM
Unique ID
Note: Pins are multiplexed. See Table S on page 8 for more information.
MaverickKey unique hardware programmed IDs are a solution to the growing concern over secure web content and commerce. With Internet security playing an important role in the delivery of digital media such as books or music, traditional software methods are quickly becoming unreliable. The MaverickKey unique IDs provide OEMs with a method of utilizing specific hardware IDs such as those assigned for SDMI (Secure
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
3
EP7311 High-Performance, Low-Power System on Chip
The second is the programmable 16- or 32-bit-wide SDRAM interface that allows direct connection of up to two banks of SDRAM, totaling 512 Mb. To assure the lowest possible power consumption, the EP7311 supports self-refresh SDRAMs, which are placed in a low-power state by the device when it enters the lowpower Standby State.
Pin Mnemonic
SDCLK SDCKE nSDCS[1:0] WRITE/nSDRAS nMOE/nSDCAS nMWE/nSDWE A[27:15]/DRA[0:12] A[14:13]/DRA[12:14] PD[7:6]/SDQM[1:0] SDQM[3:2] D[31:0] (Note 2) (Note 2) (Note 2) (Note 2) (Note 1)
RX/TX signals to/from UART 1 to enable these signals to drive an infrared communication interface directly.
Pin Mnemonic
TXD[1] RXD[1] CTS
I/O
O I I I I O I O I
Pin Description
UART 1 transmit UART 1 receive UART 1 clear to send UART 1 data carrier detect UART 1 data set ready UART 2 transmit UART 2 receive Infrared LED drive output Photo diode input
I/O
O O O O O O O O I/O O I/O
Pin Description
SDRAM clock output SDRAM clock enable output SDRAM chip select out SDRAM RAS signal output SDRAM CAS control signal SDRAM write enable control signal SDRAM address SDRAM internal bank select SDRAM byte lane mask SDRAM byte lane mask Data I/O
DCD DSR TXD[2] RXD[2] LEDDRV PHDIN
Table D. Universal Asynchronous Receiver/Transmitters Pin Assignments
Multimedia Codec Port (MCP)
The Multimedia Codec Port provides access to an audio codec, a telecom codec, a touchscreen interface, four general purpose analog-to-digital converter inputs, and ten programmable digital I/O lines.
Pin Mnemonic I/O
O O I O
Table C. SDRAM Interface Pin Assignments
Pin Description
Serial bit clock Serial data out Serial data in Sample clock
Note:
1. Pins A[27:13] map to DRA[0:14] respectively. (i.e. A[27}/DRA[0}, A[26}/DRA[1], etc.) This is to balance the load for large memory systems. 2. Pins are multiplexed. See Table S on page 8 for more information.
SIBCLK SIBDOUT SIBDIN SIBSYNC
Digital Audio Capability
The EP7311 uses its powerful 32-bit RISC processing engine to implement audio decompression algorithms in software. The nature of the on-board RISC processor, and the availability of efficient C-compilers and other software development tools, ensures that a wide range of audio decompression algorithms can easily be ported to and run on the EP7311
Table E. MCP Interface Pin Assignments Note: See Table R on page 8 for information on pin multiplexes.
Universal Asynchronous Receiver/Transmitters (UARTs)
The EP7311 includes two 16550-type UARTs for RS-232 serial communications, both of which have two 16-byte FIFOs for receiving and transmitting data. The UARTs support bit rates up to 115.2 kbps. An IrDA SIR protocol encoder/decoder can be optionally switched into the
4
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
CODEC Interface
The EP7311 includes an interface to telephony-type CODECs for easy integration into voice-over-IP and other voice communications systems. The CODEC interface is multiplexed to the same pins as the MCP and SSI2.
Pin Mnemonic
PCMCLK PCMOUT PCMIN PCMSYNC
Synchronous Serial Interface
* ADC (SSI) Interface: Master mode only; SPI and Microwire1-compatible (128 kbps operation) * Selectable serial clock polarity
Pin Mnemonic I/O
O O I O
I/O
O I O O O
Pin Description
SSI1 ADC serial clock SSI1 ADC serial input SSI1 ADC serial output SSI1 ADC chip select SSI1 ADC sample clock
Pin Description
ADCLK Serial bit clock Serial data out Serial data in Frame sync ADCIN ADCOUT nADCCS SMPCLK
Table F. CODEC Interface Pin Assignments Note: See Table R on page 8 for information on pin multiplexes.
Table H. Serial Interface Pin Assignments
LCD Controller
A DMA address generator is provided that fetches video display data for the LCD controller from memory. The display frame buffer start address is programmable, allowing the LCD frame buffer to be in SDRAM, internal SRAM or external SRAM. * Interfaces directly to a single-scan panel monochrome STN LCD * Interfaces to a single-scan panel color STN LCD with minimal external glue logic * Panel width size is programmable from 32 to 1024 pixels in 16-pixel increments * Video frame buffer size programmable up to 128 KB * Bits per pixel of 1, 2, or 4 bits
SSI2 Interface
An additional SPI/Microwire1-compatible interface is available for both master and slave mode communications. The SSI2 unit shares the same pins as the MCP and CODEC interfaces through a multiplexer. * * * * Synchronous clock speeds of up to 512 kHz Separate 16 entry TX and RX half-word wide FIFOs Half empty/full interrupts for FIFOs Separate RX and TX frame sync signals for asymmetric traffic
Pin Mnemonic
SSICLK SSITXDA SSIRXDA SSITXFR SSIRXFR
I/O
I/O O I I/O I/O
Pin Description
Serial bit clock Serial data out Serial data in Transmit frame sync Receive frame sync
Pin Mnemonic
CL1 CL2 DD[3:0] FRM M
I/O
O O O O O
Pin Description
LCD line clock LCD pixel clock out LCD serial display data bus LCD frame synchronization pulse LCD AC bias drive
Table G. SSI2 Interface Pin Assignments Note: See Table R on page 8 for information on pin multiplexes.
Table I. LCD Interface Pin Assignments
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
5
EP7311 High-Performance, Low-Power System on Chip
64-Keypad Interface
Matrix keyboards and keypads can be easily read by the EP7311. A dedicated 8-bit column driver output generates strobes for each keyboard column signal. The pins of Port A, when configured as inputs, can be selectively OR'ed together to provide a keyboard interrupt that is capable of waking the system from a STANDBY or IDLE state. * Column outputs can be individually set high with the remaining bits left at high-impedance * Column outputs can be driven all-low, all-high, or allhigh-impedance * Keyboard interrupt driven by OR'ing together all Port A bits * Keyboard interrupt can be used to wake up the system * 8x8 keyboard matrix usable with no external logic, extra keys can be added with minimal glue logic
.
Pin Mnemonic
nEINT[2:1] EINT[3] nEXTFIQ nMEDCHG/nBROM (Note)
I/O
I I I I
Pin Description
External interrupt External interrupt External Fast Interrupt input Media change interrupt input
Table K. Interrupt Controller Pin Assignments Note: Pins are multiplexed. See Table S on page 8 for more information.
Real-Time Clock
The EP7311 contains a 32-bit Real Time Clock (RTC) that can be written to and read from in the same manner as the timer counters. It also contains a 32-bit output match register which can be programmed to generate an interrupt. * Driven by an external 32.768 kHz crystal oscillator
Pin Mnemonic
COL[7:0]
I/O
O
Pin Description
Keyboard scanner column drive
Pin Mnemonic
RTCIN
Pin Description
Real-Time Clock Oscillator Input Real-Time Clock Oscillator Output Real-Time Clock Oscillator Power Real-Time Clock Oscillator Ground
Table J. Keypad Interface Pin Assignments
RTCOUT VDDRTC VSSRTC
Interrupt Controller
When unexpected events arise during the execution of a program (i.e., interrupt or memory fault) an exception is usually generated. When these exceptions occur at the same time, a fixed priority system determines the order in which they are handled. The EP7311 interrupt controller has two interrupt types: interrupt request (IRQ) and fast interrupt request (FIQ). The interrupt controller has the ability to control interrupts from 22 different FIQ and IRQ sources. * Supports 22 interrupts from a variety of sources (such as UARTs, SSI1, and key matrix.) * Routes interrupt sources to the ARM720T's IRQ or FIQ (Fast IRQ) inputs * Five dedicated off-chip interrupt lines operate as level sensitive interrupts
Table L. Real-Time Clock Pin Assignments
PLL and Clocking
* Processor and Peripheral Clocks operate from a single 3.6864 MHz crystal or external 13 MHz clock * Programmable clock speeds allow the peripheral bus to run at 18 MHz when the processor is set to 18 MHz and at 36 MHz when the processor is set to 36, 49 or 74 MHz
Pin Mnemonic
MOSCIN MOSCOUT VDDOSC VSSOSC
Pin Description
Main Oscillator Input Main Oscillator Output Main Oscillator Power Main Oscillator Ground
Table M. PLL and Clocking Pin Assignments
6
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
DC-to-DC converter interface (PWM)
* Provides two 96 kHz clock outputs with programmable duty ratio (from 1-in-16 to 15-in-16) that can be used to drive a positive or negative DC to DC converter
Hardware debug Interface
* Full JTAG boundary scan and Embedded ICE support
Pin Mnemonic Pin Mnemonic
DRIVE[1:0] FB[1:0]
I/O
I I O I I
Pin Description
JTAG clock JTAG data input JTAG data output JTAG async reset input JTAG mode select
I/O
I/O I
Pin Description
PWM drive output PWM feedback input
TCLK TDI TDO nTRST TMS
Table N. DC-to-DC Converter Interface Pin Assignments
Timers
* Internal (RTC) timer * Two internal 16-bit programmable hardware countdown timers
Table P. Hardware Debug Interface Pin Assignments
LED Flasher
A dedicated LED flasher module can be used to generate a low frequency signal on Port D pin 0 for the purpose of blinking an LED without CPU intervention. The LED flasher feature is ideal as a visual annunciator in battery powered applications, such as a voice mail indicator on a portable phone or an appointment reminder on a PDA. * * * * Software adjustable flash period and duty cycle Operates from 32 kHz RTC clock Will continue to flash in IDLE and STANDBY states 4 mA drive current
General Purpose Input/Output (GPIO)
* Three 8-bit and one 3-bit GPIO ports * Supports scanning keyboard matrix
Pin Mnemonic
PA[7:0] PB[7:0] PD[0]/LEDFLSH PD[5:1] PD[7:6]/SDQM[1:0] (Note) (Note)
I/O
I I I/O I/O I/O I I
Pin Description
GPIO port A GPIO port B GPIO port D GPIO port D GPIO port D GPIO port E GPIO port E
Pin Mnemonic
PD[0]/LEDFLSH (Note)
I/O
O
Pin Description
LED flasher driver
PE[1:0]/BOOTSEL[1:0] (Note) PE[2]/CLKSEL (Note)
Table Q. LED Flasher Pin Assignments Note: Pins are multiplexed. See Table S on page 8 for more information.
Table O. General Purpose Input/Output Pin Assignments Note: Pins are multiplexed. See Table S on page 8 for more information.
Internal Boot ROM
The internal 128 byte Boot ROM facilitates download of saved code to the on-board SRAM/FLASH.
Packaging
The EP7311 is available in a 208-pin LQFP package, 256ball PBGA package or a 204-ball TFBGA package.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
7
EP7311 High-Performance, Low-Power System on Chip
Pin Multiplexing
The following table shows the pin multiplexing of the MCP, SSI2 and the CODEC. The selection between SSI2 and the CODEC is controlled by the state of the SERSEL bit in SYSCON2. The choice between the SSI2, CODEC, and the MCP is controlled by the MCPSEL bit in SYSCON3 (see the EP73xx User's Manual for more information).
Pin Mnemonic
SSICLK SSITXDA SSIRXDA SSITXFR SSIRXFR BUZ
The following table shows the pins that have been multiplexed in the EP7311.
Signal
nMOE nMWE WRITE A[27:15]
Block
Static Memory Static Memory Static Memory Static Memory Static Memory GPIO System Configuration Interrupt Controller GPIO GPIO GPIO
Signal
nSDCAS nSDWE nSDRAS DRA[0:12] DRA[13:14] SDQM[1:0] CLKEN nBROM LEDFLSH BOOTSEL[1:0] CLKSEL
Block
SDRAM SDRAM SDRAM SDRAM SDRAM SDRAM System Configuration Boot ROM select LED Flasher System Configuration System Configuration
I/O
I/O O I I/O I O
MCP
SIBCLK SIBDOUT SIBDIN SIBSYNC p/u
SSI2
SSICLK SSITXDA SSIRXDA SSITXFR SSIRXFR
CODEC
PCMCLK PCMOUT PCMIN PCMSYNC p/u
A[14:13] PD[7:6] RUN nMEDCHG PD[0] PE[1:0] PE[2]
Table R. MCP/SSI2/CODEC Pin Multiplexing
Table S. Pin Multiplexing
8
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
System Design
As shown in system block diagram, simply adding desired memory and peripherals to the highly integrated EP7311 completes a low-power system solution. All necessary interface logic is integrated on-chip.
CRYSTAL CRYSTAL
MOSCIN RTCIN nCS[4] PB0 EXPCLK
DD[0-3] CL1 CL2 FRM M COL[0-7]
LCD
D[0-31]
KEYBOARD
PA[0-7] PB[0-7] PD[0-7] PE[0-2]
PC CARD SOCKET
PC CARD CONTROLLER
A[0-27] nMOE WRITE
SDCAS
x16 SDRAM x16 SDRAM
x16 SDRAM x16 SDRAM
SDCS[0] SDQM[0-3] SDCS[1] SDQM[0-3]
EP7311
SDRAS/
nPOR nPWRFL BATOK nEXTPWR nBATCHG RUN WAKEUP DRIVE[0-1] FB[0-1]
POWER SUPPLY UNIT AND COMPARATORS
DC INPUT
BATTERY
DC-TO-DC CONVERTERS
nCS[0] nCS[1]
x16 FLASH x16 FLASH
x16 FLASH x16 FLASH
CS[n] WORD
SSICLK SSITXFR SSITXDA SSIRXDA SSIRXFR LEDDRV PHDIN RXD1/2 TXD1/2 DSR CTS DCD ADCCLK nADCCS ADCOUT ADCIN SMPCLK
CODEC/SSI2/ MCP
IR LED AND PHOTODIODE
EXTERNAL MEMORYMAPPED EXPANSION
BUFFERS
2x RS-232 TRANSCEIVERS
nCS[2] nCS[3]
ADDITIONAL I/O
BUFFERS AND LATCHES
ADC
DIGITIZER
LEDFLSH
Figure 1. A Maximum EP7311 Based System Note: A system can only use one of the following peripheral interfaces at any given time: SSI2,CODEC or MCP.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
9
EP7311 High-Performance, Low-Power System on Chip
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
DC Core, PLL, and RTC Supply Voltage DC I/O Supply Voltage (Pad Ring) DC Pad Input Current Storage Temperature, No Power 2.9 V 3.6 V
10 mA/pin; 100 mA cumulative
-40C to +125C
Recommended Operating Conditions
DC core, PLL, and RTC Supply Voltage DC I/O Supply Voltage (Pad Ring) DC Input / Output Voltage Operating Temperature 2.5 V 0.2 V 2.3 V - 3.6 V O-I/O supply voltage Extended -20C to +70C; Commercial 0C to +70C; Industrial -40C to +85C
DC Characteristics
All characteristics are specified at VDD = 2.5 V and VSS = 0 V over an operating temperature of 0C to +70C for all frequencies of operation. The current consumption figures relate to typical conditions at 2.5 V, 18.432 MHz operation with the PLL switched "on."
Symbol
VIH VIL VT+
Parameter
CMOS input high voltage CMOS input low voltage Schmitt trigger positive going threshold Schmitt trigger negative going threshold Schmitt trigger hysteresis CMOS output high voltagea
Min
0.65 x VDDIO -0.3 1.6 (Typ)
Typ
Max
VDDIO + 0.3 0.25 x VDDIO 2.0
Unit
V V V
Conditions
VDDIO = 2.5 V VDDIO = 2.5 V
VTVhst
0.8 0.1 VDD - 0.2 2.5 2.5
1.2 (Typ) 0.4
V V V V V VIL to VIH IOH = 0.1 mA IOH = 4 mA IOH = 12 mA IOL = -0.1 mA IOL = -4 mA IOL = -12 mA VIN = VDD or GND VOUT = VDD or GND
VOH
Output drive 1a Output drive 2a CMOS output low voltagea
VOL
Output drive 1a Output drive 2a
0.3 0.5 0.5 1.0 25 8 100 10.0
V V V A A pF
IIN IOZ CIN
Input leakage current Bidirectional 3-state leakage currentb c Input capacitance
10
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Symbol
COUT CI/O
Parameter
Output capacitance Transceiver capacitance
Min
8 8
Typ
Max
10.0 10.0
Unit
pF pF
Conditions
Standby current consumption IDDstandby Core, Osc, RTC @2.5 V I/O @ 3.3 V
TBD TBD
300
A
Only 32 kHz oscillator running, Cache disabled, all other I/O static, VIH = VDD 0.1 V, VIL = GND 0.1 V Both oscillators running, CPU static, Cache disabled, LCD refresh active, VIH = VDD 0.1 V, VIL = GND 0.1 V At 13 MHz All system active, running typical program, cache disabled, and LCD inactive Minimum standby voltage for state retention and RTC operation only
IDDidle
Idle current consumption Core, Osc, RTC @2.5 V I/O @ 2.5 V
TBD TBD
4.2
mA
Operating current consumption IDDoperatin Core, Osc, RTC @2.5 V I/O @ 3.3 V
TBD TBD
mA
VDDstandby Standby supply voltage a. b. c. Note: See Table T on page 29.
TBD
V
Assumes buffer has no pull-up or pull-down resistors. The leakage value given assumes that the pin is configured as an input pin but is not currently being driven. 1) All power dissipation values can be derived from taking the particular IDD current and multiplying by 2.5 V. 2) The RTC of the EP7311 should be brought up at room temperature. This is required because the RTC OSC will NOT function properly if it is brought up at -40C. Once operational, it will continue to operate down to -20C extended and 0C commercial. 3) A typical design will provide 3.3 V to the I/O supply (i.e., VDDIO), and 2.5 V to the remaining logic. This is to allow the I/O to be compatible with 3.3 V powered external logic (i.e., 3.3 V SDRAMs). 4) Pull-up current = 50 A typical at VDD = 3.3 V.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
11
EP7311 High-Performance, Low-Power System on Chip
Timings
Timing Diagram Conventions
This data sheet contains one or more timing diagrams. The following key explains the components used in these diagrams. Any variations are clearly labelled when they occur. Therefore, no additional meaning should be attached unless specifically stated.
Clock
High to Low
High/Low to High
Bus Change
Bus Valid
Undefined/Invalid
Valid Bus to Tristate
Bus/Signal Omission
Timing Conditions
Unless specified otherwise, the following conditions are true for all timing measurements. All characteristics are specified at VDD = 2.3 - 2.7 V and VSS = 0 V over an operating temperature of 0C to +70C. Those characteristics marked with a # will be significantly different for 13 MHz mode because the EXPCLK is provided as an input rather than generated internally. These timings are estimated at present. The timing values are referenced to 1/2 VDD.
12
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
SDRAM Interface
Figure 2 through Figure 5 define the timings associated with all phases of the SDRAM. The following table contains the values for the timings of each of the SDRAM modes.
Parameter
SDCLK rising edge to SDCS assert delay time SDCLK rising edge to SDCS deassert delay time SDCLK rising edge to SDRAS assert delay time SDCLK rising edge to SDRAS deassert delay time SDCLK rising edge to SDRAS invalid delay time SDCLK rising edge to SDCAS assert delay time SDCLK rising edge to SDCAS deassert delay time SDCLK rising edge to ADDR transition time SDCLK rising edge to ADDR invalid delay time SDCLK rising edge to SDMWE assert delay time SDCLK rising edge to SDMWE deassert delay time DATA transition to SDCLK rising edge time SDCLK rising edge to DATA transition hold time SDCLK rising edge to DATA transition delay time
Symbol
tCSa tCSd tRAa tRAd tRAnv tCAa tCAd tADv tADx tMWa tMWd tDAs tDAh tDAd
Min
TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD
Typ
0 0 0 0 0 0 0 0 0 0 0 -
Max
TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD
Unit
ns ns ns ns ns ns ns ns ns ns ns ns ns ns
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
13
EP7311 High-Performance, Low-Power System on Chip
SDRAM Load Mode Register Cycle
SDCLK tCSa SDCS tRAa SDRAS tRAd tCSd
tCAa SDCAS
tCAd
tADv ADDR
tADx
DATA
SDQM tMWa SDMWE tMWd
Figure 2. SDRAM Load Mode Register Cycle Timing Measurement
14
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
SDRAM Burst Read Cycle
SDCLK
tCSa SDCS tCSd tRAa SDRAS tRAd
tCSa tCSd tRAnv
tCAa SDCAS tADv ADDR tCAd tADv
ADRAS
ADCAS
tDAs tDAs tDAs tDAs
DATA
D1
tDAh
D2
tDAh
D3
tDAh
D4
tDAh
SDQM [0:3]
SDMWE
Figure 3. SDRAM Burst Read Cycle Timing Measurement Note: 1. Timings are shown with CAS latency = 2 2. Depending on clock line loading, SDCLK may be phase shifted to the right.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
15
EP7311 High-Performance, Low-Power System on Chip
SDRAM Burst Write Cycle
SDCLK
tCSa SDCS tRAa SDRAS tRAd tCSd
tCSa tCSd
tCAa SDCAS tADv ADDR tDAd DATA tADv tCAd
ADRAS
tDAd tDAd
ADCAS
tDAd
D1
D2
D3
D4
SDQM
0
tMWa tMWd
SDMWE
Figure 4. SDRAM Burst Write Cycle Timing Measurement
16
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
SDRAM Refresh Cycle
SDCLK tCSa SDCS tRAa SDRAS tCAd SDCAS tCAa tRAd tCSd
SDATA
ADDR
SDQM [3:0]
SDMWE
Figure 5. SDRAM Refresh Cycle Timing Measurement
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
17
EP7311 High-Performance, Low-Power System on Chip
Static Memory
Figure 6 through Figure 9 define the timings associated with all phases of the Static Memory. The following table contains the values for the timings of each of the Static Memory modes.
Parameter
EXPCLK rising edge to nCS assert delay time EXPCLK falling edge to nCS deassert hold time EXPCLK rising edge to A assert delay time EXPCLK falling edge to A deassert hold time EXPCLK rising edge to nMWE assert delay time EXPCLK rising edge to nMWE deassert hold time EXPCLK falling edge to nMOE assert delay time EXPCLK falling edge to nMOE deassert hold time EXPCLK falling edge to HALFWORD deassert delay time EXPCLK falling edge to WORD assert delay time EXPCLK rising edge to data valid delay time EXPCLK falling edge to data invalid delay time Data setup to EXPCLK falling edge time EXPCLK falling edge to data hold time EXPCLK rising edge to WRITE assert delay time EXPREADY setup to EXPCLK falling edge time EXPCLK falling edge to EXPREADY hold time
Symbol
tCSd tCSh tAd tAh tMWd tMWh tMOEd tMOEh tHWd tWDd tDv tDnv tDs tDh tWRd tEXs tEXh
Min
TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD
Typ
8 4 4 8 4 4 4 4 4 4 20 8 8 -
Max
TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD TBD
Unit
ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
18
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Static Memory Single Read Cycle
EXPCLK tCSd nCS tAd A tCSh
nMWE tMOEd nMOE tHWd HALFWORD tWDd WORD tDs D tEXs EXPRDY tWRd WRITE tEXh tDh tMOEh
Figure 6. Static Memory Single Read Cycle Timing Measurement Note: 1. The cycle time can be extended by integer multiples of the clock period (27 ns at 36 MHz, 54 ns at 18.432 MHz, and 77 ns at 13 MHz), by either driving EXPRDY low and/or by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
19
EP7311 High-Performance, Low-Power System on Chip
Static Memory Single Write Cycle
EXPCLK tCSd nCS tAd A tMWd nMWE tMWh tCSh
nMOE tHWd HALFWORD
tWDd WORD tDv D tEXs EXPRDY tEXh
WRITE
Figure 7. Static Memory Single Write Cycle Timing Measurement Note: 1. The cycle time can be extended by integer multiples of the clock period (27 ns at 36 MHz, 54 ns at 18.432 MHz, and 77 ns at 13 MHz), by either driving EXPRDY low and/or by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity. 2. Zero wait states for sequential writes is not permitted for memory devices which use nMWE pin, as this cannot be driven with valid timing under zero wait state conditions.
20
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Static Memory Burst Read Cycle
EXPCLK tCSd nCS tAd A tAh tAh tAh tCSh
nMWE tMOEd nMOE tHWd HALF WORD tMOEh
WORD
tWDd tDs tDh tDs tDh tDs tDh tDs tDh
D tEXs EXPRDY tWRd WRITE tEXh
Figure 8. Static Memory Burst Read Cycle Timing Measurement Note: 1. Four cycles are shown in the above diagram (minimum wait states, 1-0-0-0). This is the maximum number of consecutive cycles that can be driven. The number of consecutive cycles can be programmed from 2 to 4, inclusively. 2. The cycle time can be extended by integer multiples of the clock period (27 ns at 36 MHz, 54 ns at 18.432 MHz, and 77 ns at 13 MHz), by either driving EXPRDY low and/or by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity. 3. Consecutive reads with sequential access enabled are identical except that the sequential access wait state field is used to determine the number of wait states, and no idle cycles are inserted between successive non-sequential ROM/expansion cycles. This improves performance so the SQAEN bit should always be set where possible.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
21
EP7311 High-Performance, Low-Power System on Chip
Static Memory Burst Write Cycle
EXPCLK tCSd nCS tAd A tMWd nMWE tMWh tMWd tMWh tMWd tMWh tMWd tMWh tAh tAh tAh tCSh
nMOE tHWd HALF WORD
WORD
tWDd tDv tDnv tDv tDnv tDv tDnv tDv
D tEXs EXPRDY tEXh
WRITE
Figure 9. Static Memory Burst Write Cycle Timing Measurement Note: 1. Four cycles are shown in the above diagram (minimum wait states, 1-1-1-1). This is the maximum number of consecutive cycles that can be driven. The number of consecutive cycles can be programmed from 2 to 4, inclusively. 2. The cycle time can be extended by integer multiples of the clock period (27 ns at 36 MHz, 54 ns at 18.432 MHz, and 77 ns at 13 MHz), by either driving EXPRDY low and/or by programming a number of wait states. EXPRDY is sampled on the falling edge of EXPCLK before the data transfer. If low at this point, the transfer is delayed by one clock period where EXPRDY is sampled again. EXPCLK need not be referenced when driving EXPRDY, but is shown for clarity. 3. Zero wait states for sequential writes is not permitted for memory devices which use nMWE pin, as this cannot be driven with valid timing under zero wait state conditions.
22
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
SSI1 Interface
Parameter
ADCCLK falling edge to nADCCSS deassert delay time ADCIN data setup to ADCCLK rising edge time ADCIN data hold from ADCCLK rising edge time ADCCLK falling edge to data valid delay time ADCCLK falling edge to data invalid delay time
Symbol
tCd tINs tINh tOvd tOd
Min
TBD TBD TBD TBD TBD
Max
TBD TBD TBD TBD TBD
Unit
ns ns ns ns ns
ADC CLK
tCd
nADC CSS
tINs tINh
ADCIN
tOvd tOd
ADC OUT
Figure 10. SSI1 Interface Timing Measurement
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
23
EP7311 High-Performance, Low-Power System on Chip
SSI2 Interface
Parameter
SSICLK period (slave mode) SSICLK high time SSICLK low time SSICLK rise/fall time SSICLK rising edge to RX and/or TX frame sync high time SSICLK rising edge to RX and/or TX frame sync low time SSIRXFR and/or SSITXFR period SSIRXDA setup to SSICLK falling edge time SSIRXDA hold from SSICLK falling edge time SSICLK rising edge to SSITXDA data valid delay time SSITXDA valid time
Symbol
tclk_per tclk_high tclk_low tclkrf tFRd tFRa tFR_per tRXs tRXh tTXd tTXv
Min
0 925 925
Max
512 1025 1025 7 528 448
Unit
ns ns ns ns ns ns ns ns ns
750 30 40 80
ns ns
tclk_per
tclk_high
tclk_low
SSI CLK
tclkrf tFRd tFRa tFR_per
SSIRXFR/ SSITXFR
tRXh tRXs
SSI RXDA
tTXd
D7
D2
D1
D0
SSI TXDA
D7
tTXv
D2
D1
D0
Figure 11. SSI2 Interface Timing Measurement
24
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
LCD Interface
Parameter
CL[1] falling to CL[2] falling time LCD CL[2] low time LCD CL[2] high time CL[2] falling to CL[1] rising delay time CL[1] falling to CL[2] rising delay time LCD CL[1] high time CL[1] falling to FRM transition time CL[1] falling to M transition time CL[2] rising to DD (display data) transition time
Symbol
tclk tclk_low tclk_high tCL1d tCL2d tCL2h tFRMd tMd tDDd
Min
200 80 80 0 80 80 300
Max
6,950 3,475 3,475 25 3,475 3,475 10,425 20 20
Unit
ns ns ns ns ns ns ns ns ns
- 10 - 10
tclk CL[2] tCL1d CL[1] tFRMd FRM tMd M tDDd DD [3:0] tCL2h tCL2d
tclk_low
tclk_high
Figure 12. LCD Controller Timing Measurement
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
25
EP7311 High-Performance, Low-Power System on Chip
JTAG
Parameter
TCK clock period TCK clock high time TCK clock low time JTAG port setup time JTAG port hold time JTAG port clock to output JTAG port high impedance to valid output JTAG port valid output to high impedance
Symbol
tclk_per tclk_high tclk_low tJPs tJPh tJPco tJPzx tJPxz
Min
100 50 50 20 45 -
Max
25 25 25
Units
ns ns ns ns ns ns ns ns
tclk_per tclk_high TCK tJPs TMS tJPh tclk_low
TDI tJPzx TDO tJPco tJPxz
Figure 13. JTAG Timing Measurement
26
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Packages
208-Pin LQFP Package Characteristics
208-Pin LQFP Package Specifications
29.60 (1.165) 30.40 (1.197) 27.80 (1.094) 28.20 (1.110) 0.17 (0.007) 0.27 (0.011)
27.80 (1.094) 28.20 (1.110)
29.60 (1.165) 30.40 (1.197)
EP7311
208-Pin LQFP
0.50 (0.0197) BSC
Pin 1 Indicator
Pin 208 Pin 1
0.45 (0.018) 0.75 (0.030)
1.35 (0.053) 1.45 (0.057)
1.00 (0.039) BSC
0.09 (0.004) 0.20 (0.008) 1.40 (0.055) 1.60 (0.063) 0.05 (0.002) 0.15 (0.006)
0 MIN 7 MAX
Figure 14. 208-Pin LQFP Package Outline Drawing Note: 1) Dimensions are in millimeters (inches), and controlling dimension is millimeter. 2) Drawing above does not reflect exact package pin count. 3) Before beginning any new design with this device, please contact Cirrus Logic for the latest package information. 4) For pin locations, please see Figure 15. For pin descriptions see the EP7311 User's Manual.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
27
EP7311 High-Performance, Low-Power System on Chip
208-Pin LQFP Pin Diagram
nURESET nMEDCHG/nBROM nPOR BATOK nEXTPWR nBATCHG D[7] VSSIO A[7] D[8] A[8] D[9] A[9] D[10] A[10] D[11] VSSIO VDDIO A[11] D[12] A[12] D[13] A[13]\DRA[14] D[14] A[14]/DRA[13] D[15] A[15]/DRA[12] D[16] A[16]/DRA[11] D[17] A[17]/DRA[10] nTRST VSSIO VDDIO D[18] A[18/DRA[9] D[19] A[19]/DRA[8] D[20] A[20]/DRA[7] VSSIO D[21] A[21]/DRA[6] D[22] A[22]/DRA[5] D[23] A[23]/DRA[4] D[24] VSSIO VDDIO A[24]/DRA[3] HALFWORD 156 155 154 153 152 151 150 149 148 147 146 145 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105
Note:
1. N/C should not be grounded but left as no connects. 2. Pin differences between the EP7211 and the EP7311 are bolded.
28
nCS[5] VDDIO VSSIO EXPCLK WORD WRITE/nSDRAS RUN/CLKEN EXPRDY TXD[2] RXD[2] TDI VSSIO PB[7] PB[6] PB[5] PB[4] PB[3] PB[2] PB[1] PB[0] VDDIO TDO PA[7] PA[6] PA[5] PA[4] PA[3] PA[2] PA[1] PA[0] LEDDRV TXD[1] VSSIO PHDIN CTS RXD[1] DCD DSR nTEST[1] nTEST[0] EINT[3] nEINT[2] nEINT[1] nEXTFIQ PE[2]/CLKSEL PE[1]BOOTSEL[1] PE[0]BOOTSEL[0] VSSRTC RTCOUT RTCIN VDDRTC N/C
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
VDDOSC MOSCIN MOSCOUT VSSOSC WAKEUP nPWRFL A[6] D[6] A[5] D[5] VDDIO VSSIO A[4] D[4] A[3] D[3] A[2] VSSIO D[2] A[1] D[1] A[0] D[0] VSSCORE VDDCORE VSSIO VDDIO CL[2] CL[1] FRM M DD[3] DD[2] VSSIO DD[1] DD[0] nSDCS[1] nSDCS[0] SDQM[3] SDQM[2] VDDIO VSSIO SDCKE SDCLK nMWE/nSDWE nMOE/nSDCAS VSSIO nCS[0] nCS[1] nCS[2] nCS[3] nCS[4]
157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208
EP7311
208-Pin LQFP
(Top View)
104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53
D[25] A[25]/DRA[2] D[26] A[26]/DRA[1] D[27] A[27]/DRA[0] VSSIO D[28] D[29] D[30] D[31] BUZ COL[0] COL[1] TCLK VDDIO COL[2] COL[3] COL[4] COL[5] COL[6] COL[7] FB[0] VSSIO FB[1] SMPCLK ADCOUT ADCCLK DRIVE[0] DRIVE[1] VDDIO VSSIO VDDCORE VSSCORE nADCCS ADCIN SSIRXFR SSIRXDA SSITXDA SSITXFR VSSIO SSICLK PD[0]/LEDFLSH PD[1] PD[2] PD[3] TMS VDDIO PD[4] PD[5] PD[6]/SDQM[0] PD[7]/SDQM[1]
Figure 15. 208-Pin LQFP (Low Profile Quad Flat Pack) Pin Diagram
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
208-Pin LQFP Numeric Pin Listing
Table T. 208-Pin LQFP Numeric Pin Listing Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
Signal
nCS[5] VDDIO VSSIO EXPCLK WORD WRITE/nSDRAS RUN/CLKEN EXPRDY TXD[2] RXD[2] TDI VSSIO PB[7] PB[6] PB[5] PB[4] PB[3] PB[2] PB[1]/PRDY2 PB[0]/PRDY1 VDDIO TDO PA[7] PA[6] PA[5] PA[4] PA[3] PA[2] PA[1] PA[0] LEDDRV TXD[1] VSSIO PHDIN CTS RXD[1] DCD
Type
O Pad Pwr Pad Gnd I/O Out Out O I O I
Strength
1
Reset State
Low
Pin No.
38 39 40
Signal
DSR nTEST[1] nTEST[0] EINT[3] nEINT[2] nEINT[1] nEXTFIQ PE[2]/CLKSEL PE[1]/ BOOTSEL[1] PE[0]/ BOOTSEL[0] VSSRTC RTCOUT RTCIN VDDRTC N/C PD[7]/SDQM[1] PD[6]/SDQM[0] PD[5] PD[4] VDDIO TMS PD[3] PD[2] PD[1] PD[0]/LEDFLSH SSICLK VSSIO SSITXFR SSITXDA SSIRXDA SSIRXFR ADCIN nADCCS VSSCORE VDDCORE VSSIO
Type
I I I I I I I I/O I/O I/O RTC Gnd O I RTC power
Strength
Reset State
With p/u* With p/u*
1 1 1 1 1 1 High Low Low Low
41 42 43 44 45 46 47
1 1 1
Input Input Input
I Pad Gnd I/O I/O I/O I/O I/O I/O I/O I/O Pad Pwr O I/O I/O I/O I/O I/O I/O I/O I/O O O Pad Gnd I I I I
with p/u* 48 1 1 1 1 1 1 1 1 Input Input Input Input Input Input Input Input 49 50 51 52 53 54 55 56 57 1 1 1 1 1 1 1 1 1 1 1 1 Three state Input Input Input Input Input Input Input Input Low High High 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73
I/O I/O I/O I/O Pad Pwr I I/O I/O I/O I/O I/O Pad Gnd I/O O I I/O I O Core Gnd Core Pwr Pad Gnd
1 1 1 1
Low Low Low Low
with p/u* 1 1 1 1 1 Low Low Low Low Input
1 1
Low Low
Input
1
High
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
29
EP7311 High-Performance, Low-Power System on Chip
Table T. 208-Pin LQFP Numeric Pin Listing (Continued) Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin No.
74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110
Signal
VDDIO DRIVE[1] DRIVE[0] ADCCLK ADCOUT SMPCLK FB[1] VSSIO FB[0] COL[7] COL[6] COL[5] COL[4] COL[3] COL[2] VDDIO TCLK COL[1] COL[0] BUZ D[31] D[30] D[29] D[28] VSSIO A[27]/DRA[0] D[27] A[26]/DRA[1] D[26] A[25]/DRA[2] D[25] HALFWORD A[24]/DRA[3] VDDIO VSSIO D[24] A[23]/DRA[4]
Type
Pad Pwr I/O I/O O O O I Pad Gnd I O O O O O O Pad Pwr I O O O I/O I/O I/O I/O Pad Gnd O I/O O I/O O I/O O O Pad Pwr Pad Gnd I/O O
Strength
Reset State
Pin No.
111
Signal
D[23] A[22]/DRA[5] D[22] A[21]/DRA[6] D[21] VSSIO A[20]/DRA[7] D[20] A[19]/DRA[8] D[19] A[18]/DRA[9] D[18] VDDIO VSSIO nTRST A[17]/DRA[10] D[17] A[16]/DRA[11] D[16] A[15]/DRA[12] D[15] A[14]/DRA[13] D[14] A[13]/DRA[14] D[13] A[12] D[12] A[11] VDDIO VSSIO D[11] A[10] D[10] A[9] D[9] A[8] D[8] A[7]
Type
I/O O I/O O I/O Pad Gnd O I/O O I/O O I/O Pad Pwr Pad Gnd I O I/O O I/O O I/O O I/O O I/O O I/O O Pad Pwr Pad Gnd I/O O I/O O I/O O I/O O
Strength
1 1 1 1 1
Reset State
Low Low Low Low Low
2 2 1 1 1
High / Low High / Low Low Low Low
112 113 114 115 116 117 118 119 120
1 1 1 1 1 1
Low Low Low Low Low Low
1 1 1 1 1 1
High High High High High High
121 122 123 124 125 126 127 128
1 1 1 1 1 1 1 1 1 1 1 1 1
Low Low Low Low Low Low Low Low Low Low Low Low Low
1 1 1 1 1 1 1
High High Low Low Low Low Low
129 130 131 132 133 134 135 136
2 1 2 1 2 1 1 1
Low Low Low Low Low Low Low Low -- --
137 138 139 140 141 142 143 144 145 146 147 148
1 1 1 1 1 1 1 1
Low Low Low Low Low Low Low Low
1 1
Low Low
30
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Table T. 208-Pin LQFP Numeric Pin Listing (Continued) Table T. 208-Pin LQFP Numeric Pin Listing (Continued)
Pin No.
149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186
Signal
VSSIO D[7] nBATCHG nEXTPWR BATOK nPOR nMEDCHG/ nBROM nURESET VDDOSC MOSCIN MOSCOUT VSSOSC WAKEUP nPWRFL A[6] D[6] A[5] D[5] VDDIO VSSIO A[4] D[4] A[3] D[3] A[2] VSSIO D[2] A[1] D[1] A[0] D[0] VSS CORE VDD CORE VSSIO VDDIO CL[2] CL[1] FRM
Type
Pad Gnd I/O I I I I I I Osc Pwr Osc Osc Osc Gnd I I O I/O Out I/O Pad Pwr Pad Gnd O I/O O I/O O Pad Gnd I/O O I/O O I/O Core Gnd Core Pwr Pad Gnd Pad Pwr O O O
Strength
Reset State
Pin No.
187
Signal
M DD[3] DD[2] VSSIO DD[1] DD[0] nSDCS[1] nSDCS[0] SDQM[3] SDQM[2] VDDIO VSSIO SDCKE SDCLK nMWE/nSDWE nMOE/nSDCAS VSSIO nCS[0] nCS[1] nCS[2] nCS[3] nCS[4]
Type
O I/O I/O Pad Gnd I/O I/O O O I/O I/O Pad Pwr Pad Gnd I/O I/O O O Pad Gnd O O O O O
Strength
1 1 1
Reset State
Low Low Low
1
Low
188 189 190 191
1 1 1 1 2 2
Low Low High High Low Low
Schmitt
192 193 194
Schmitt
195 196 197 198 199
2 2 1 1
Low Low High High
Schmitt
200 201 Low Low Low Low
1 1 1 1
202 203 204 205 206 207
1 1 1 1 1
High High High High High
1 1 2 1 2
Low Low Low Low Low
208
*With p/u' means with internal pull-up on the pin.
1 2 1 2 1
Low Low Low Low Low
1 1 1
Low Low Low
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
31
EP7311 High-Performance, Low-Power System on Chip
204-Ball TFBGA Package Characteristics
204-Ball TFBGA Package Specifications
TOP VIEW A1 CORNER
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 A B C D E F G H J K L M N P R T U V W Y
O0.08 M C
BOTTOM VIEW A1 CORNER
A B C D E F G H J K L M N P R T U V W Y 0.65 12.35
O0.15 M C A B O0.25~0.35(204X)
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
130.05
A
12.35
0.65
B 0.530.05 0.20 C
0.15(4X) C
130.05
0.10 C
Ball Pitch : 0.65
0.36 0.20~0.30 C 1.20 MAX.
Substrate Thickness : 0.36 Mold Thickness : 0.53
SEATING PLANE
Ball Diameter : 0.3
Figure 16. 204-Ball TFBGA Package
32
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
204-Ball TFBGA Pinout (Top View)
1 2 3 4 nCS1 5 6 7 8 DD2 9 FRM 10 CL1 11 GNDCOR E D0 12 D1 13 A2 14 D4 15 A5 16 17 18 19 GNDIO 20 GNDIO A
A VDDIO EXPCLK nCS3
nMWE/ SDQM2 nSDCS1 nSDWE nMOE/ SDCKE nSDCS0 nSDCAS nCS0 SDCLK SDQM3
nPWRFL MOSCOUT GNDIO
B WORD
VDDIO
nCS5
nCS2
DD1
M
CL2 VDDCO RE
A1
D3
A4
D6
WAKEUP MOSCIN GNDOS VDDOSC C
GNDIO
GNDIO nURESET B
C
RUN/ EXPRDY VDDIO CLKEN PB7 RXD2 VDDIO WRITE/ nSDRAS TDI
nCS4
DD0
DD3
A0
D2
A3
D5
A6
GNDIO
BATOK
nPOR
C
D
GNDIO nBATCHG nMEDCHG nEXTPWR /nBROM D7 A8
A7
D
E
PB4
TXD2
D9
E
F
PB3 PB1/ PRDY2 PA7
PB6
D10
F
G
PB2
PB5 PB0/ PRDY1 PA6
D8
A9
D11
G
H
TDO
A10
D12
A12 A13/ DRA14 D15 A16/ DRA11
H
J
PA4
PA5
A11
D13 A14/ DRA13 D16 A17/ DRA10 D19 A20/ DRA7 D22
J
K
PA1
PA2
VDDIO
D14
K
L
TXD1 LEDDRV
PA3
VDDIO A15/ DRA12 D17
L
M RXD1
CTS
PA0
nTRST M A18/ DRA9 D20 A21/ DRA6 A22/ DRA5 A23/ DRA4 A24/ DRA3 D25
N
DSR
nTEST1 PHDIN
N
P EINT3
nEINT2
DCD
D18 A19/ DRA8
P
R nEXTFIQ PE1/ BOOT SEL1
PE2/ nTEST0 CLKSEL PE0/ BOOT SEL0
R
T
nEINT1
D21
D23
T
U GNDRTCRTCOUT RTCIN PD7/ SDQM1 A26/ DRA1 A27/ DRA0
HALF WORD PD4 PD2 SSICLK SSIRXDA nADCCS VDDIO ADCCLK COL7 GNDCO DRIVE1 ADCOUT RE COL4 TCLK BUZ D29 VDDIO
D24
U
V VDDRTC GNDIO GNDIO
VDDIO
V
W GNDIO GNDIO GNDIO
PD6/SD TMS QM0
PD1
SSITXFR SSIRXFR
FB0
COL5 COL2
COL0
D30
D26
VDDIO
W
Y GNDIO GNDIO GNDIO
PD5
PD3
PD0/ VDDCO LED SSITXDA ADCIN DRIVE0 SMPLCK RE FLSH
FB1
COL6 COL3
COL1
D31
D28
D27
A25/ DRA2
VDDIO Y
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
33
EP7311 High-Performance, Low-Power System on Chip
TFBGA Ball List
Table U. 204-Ball TFBGA Ball List
Table U. 204-Ball TFBGA Ball List (Continued)
Die Pad Signal
nCS5 VDDIO GNDIO EXPCLK WORD U2.39 U2.40 U2.41 U2.42 U2.43 U2.44 U2.45 U2.46 U2.47 U2.48 U2.49 U2.50 U2.51 U2.53 U2.54 U2.55 U2.56 U2.57 U2.58 U2.59 U2.60 U2.61 U2.62 U2.63 U2.64 U2.65 U2.66 U2.67 U2.68 U2.69 U2.70 U2.71 U2.72 U2.73 U2.74 U2.75 U2.76 U2.77 U2.78
Bond Pad Package Ball
39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 N2 R3 P1 P2 T3 R1 R2 T1 T2 U1 U2 U3 V1 V4 W4 Y4 V5 L18 W5 Y5 V6 W6 Y6 V7 D18 W7 Y7 V8 W8 Y8 V9 W9 Y9 W3 V10 L18 W10 Y10 V11
Signal
nTEST1 nTEST0 EINT3 nEINT2 nEINT1 nEXTFIQ PE2/CLKSEL PE1/BOOTSEL1 PE0/BOOTSEL0 GNDRTC RTCOUT RTCIN VDDRTC PD7/SDQM1 PD6/SDQM0 PD5 PD4 VDDIO TMS PD3 PD2 PD1 PD0/LEDFLSH SSICLK GNDIO SSITXFR SSITXDA SSIRXDA SSIRXFR ADCIN nADCCS GNDCORE VDDCORE GNDIO VDDIO VDDIO DRIVE1 DRIVE0 ADCCLK
Die Pad
U2.1 U2.2 U2.3 U2.4 U2.5 U2.6 U2.7 U2.8 U2.9 U2.10 U2.11 U2.12 U2.13 U2.14 U2.15 U2.16 U2.17 U2.18 U2.19 U2.20 U2.21 U2.22 U2.23 U2.24 U2.25 U2.26 U2.27 U2.28 U2.29 U2.30 U2.31 U2.32 U2.33 U2.34 U2.35 U2.36 U2.37 U2.38
Bond Pad Package Ball
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 B3 Y20 B18 A2 B1 E3 C1 C2 E2 D2 F3 B18 D1 F2 G3 E1 F1 G2 G1 H3 Y20 H2 H1 J3 J2 J1 L3 K2 K1 M3 L2 L1 B18 N3 M2 M1 P3 N1
WRITE/nSDRAS RUN/CLKEN EXPRDY TXD2 RXD2 TDI GNDIO PB7 PB6 PB5 PB4 PB3 PB2 PB1/PRDY2 PB0/PRDY1 VDDIO TDO PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 LEDDRV TXD1 GNDIO PHDIN CTS RXD1 DCD DSR
34
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Table U. 204-Ball TFBGA Ball List (Continued) Table U. 204-Ball TFBGA Ball List (Continued)
Die Pad
U2.79 U2.80 U2.81 U2.82 U2.83 U2.84 U2.85 U2.86 U2.87 U2.88 U2.89 U2.90 U2.91 U2.92 U2.93 U2.94 U2.95 U2.96 U2.97 U2.98 U2.99 U2.100 U2.101 U2.102 U2.103 U2.104 U2.105 U2.106 U2.107 U2.108 U2.109 U2.110 U2.111 U2.112 U2.113 U2.114 U2.115 U2.116 U2.117
Bond Pad Package Ball
78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 W11 Y11 Y12 Y3 W12 V12 Y13 W13 V13 Y14 W14 A1 V14 Y15 W15 V15 Y16 W16 V16 Y17 Y3 W17 Y18 V17 W18 Y19 W20 U18 V20 A1 Y3 U19 U20 T19 T20 R19 R20 T18 Y3
Signal
ADCOUT SMPLCK FB1 GNDIO FB0 COL7 COL6 COL5 COL4 COL3 COL2 VDDIO TCLK COL1 COL0 BUZ D31 D30 D29 D28 GNDIO A27/DRA0 D27 A26/DRA1 D26 A25/DRA2 D25 HALFWORD A24/DRA3 VDDIO GNDIO D24 A23/DRA4 D23 A22/DRA5 D22 A21/DRA6 D21 GNDIO
Die Pad
U2.118 U2.119 U2.120 U2.121 U2.122 U2.123 U2.124 U2.125 U2.126 U2.127 U2.128 U2.129 U2.130 U2.131 U2.132 U2.133 U2.134 U2.135 U2.136 U2.137 U2.138 U2.139 U2.140 U2.141 U2.142 U2.143 U2.144 U2.145 U2.146 U2.147 U2.148 U2.149 U2.150 U2.151 U2.152 U2.153 U2.154 U2.155 U2.156
Bond Pad Package Ball
117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 P19 P20 R18 N19 N20 P18 A1 Y3 M20 M19 N18 L20 L19 M18 K20 K19 K18 J20 J19 H20 H19 J18 K3 Y3 G20 H18 F20 G19 E20 F19 G18 D20 Y3 F18 D19 E19 C19 C20 E18
Signal
A20/DRA7 D20 A19/DRA8 D19 A18/DRA9 D18 VDDIO GNDIO nTRST A17/DRA10 D17 A16/DRA11 D16 A15/DRA12 D15 A14/DRA13 D14 A13/DRA14 D13 A12 D12 A11 VDDIO GNDIO D11 A10 D10 A9 D9 A8 D8 A7 GNDIO D7 nBATCHG nEXTPWR BATOK nPOR nMEDCHG/nBROM
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
35
EP7311 High-Performance, Low-Power System on Chip
Table U. 204-Ball TFBGA Ball List (Continued) Table U. 204-Ball TFBGA Ball List (Continued)
Die Pad
U2.157 U2.158 U2.159 U2.160 U2.161 U2.162 U2.163 U2.164 U2.165 U2.166 U2.167 U2.168 U2.169 U2.170 U2.171 U2.172 U2.173 U2.174 U2.175 U2.176 U2.177 U2.178 U2.179 U2.180 U2.181 U2.182 U2.183 U2.184 U2.185 U2.186 U2.187 U2.188 U2.189 U2.190 U2.191 U2.192 U2.193 U2.194 U2.195
Bond Pad Package Ball
156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 B20 C17 B17 A17 C16 B16 A16 C15 B15 A15 C14 A1 Y3 B14 A14 C13 B13 A13 Y3 C12 B12 A12 C11 B11 A11 C10 Y3 Y20 B10 A10 A9 B9 C9 A8 Y3 B8 C8 A7 B7
Signal
nURESET VDDOSC MOSCIN MOSCOUT GNDOSC WAKEUP nPWRFL A6 D6 A5 D5 VDDIO GNDIO A4 D4 A3 D3 A2 GNDIO D2 A1 D1 A0 D0 GNDCORE VDDCORE GNDIO VDDIO CL2 CL1 FRM M DD3 DD2 GNDIO DD1 DD0 nSDCS1 nSDCS0
Die Pad
U2.196 U2.197 U2.198 U2.199 U2.200 U2.201 U2.202 U2.203 U2.204 U2.205 U2.206 U2.207 U2.208 U2.209
Bond Pad Package Ball
195 196 197 198 199 200 201 202 203 204 205 206 207 208 C7 A6 V18 B18 B6 C6 A5 B5 B18 C5 A4 B4 A3 C4 A1 B2 C3 D3 K3 L18 V18 V19 W19 Y20 A18 A19 A20 B18 B19 C18 D18 V2 V3 W1 W2 W3 Y1 Y2 Y3
Signal
SDQM3 SDQM2 VDDIO GNDIO SDCKE SDCLK nMWE/nSDWE nMOE/nSDCAS GNDIO nCS0 nCS1 nCS2 nCS3 nCS4 VDDIO VDDIO VDDIO VDDIO VDDIO VDDIO VDDIO VDDIO VDDIO VDDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO GNDIO
36
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
256-Ball PBGA Package Characteristics
256-Ball PBGA Package Specifications
0.85 (0.034) 0.05 (.002) 17.00 (0.669) 0.20 (.008) Pin 1 Corner 15.00 (0.590) 0.20 (.008) 30 TYP 0.40 (0.016) 0.05 (.002)
D1
Pin 1 Indicator 17.00 (0.669) 0.20 (.008)
E1
15.00 (0.590) 0.20 (.008)
2 Layer 0.36 (0.014) 0.09 (0.004)
TOP VIEW
SIDE VIEW
D
17.00 (0.669) 1.00 (0.040) 1.00 (0.040) REF
16 15 14 13 12 11 10 9 8 7
Pin 1 Corner
E
65 432 1
1.00 (0.040) REF
1.00 (0.040)
A B C D E F G H J K L M N P R T
BOTTOM VIEW
17.00 (0.669)
0.50 R 3 Places
JEDEC #: MO-151 Ball Diameter: 0.50 mm 0.10 mm 17 17 1.61 mm body
Figure 17. 256-Ball PBGA Package Note: 1) For pin locations see Table V. 2) Dimensions are in millimeters (inches), and controlling dimension is millimeter 3) Before beginning any new EP7311 design, contact Cirrus Logic for the latest package information.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
37
EP7311 High-Performance, Low-Power System on Chip
256-Ball PBGA Pinout (Top View)
1 A VDDIO 2 nCS[4] 3 nCS[1] 4 SDCLK nMOE/ nSDCAS VDDIO 5 SDQM[3] 6 DD[1] 7 M 8 VDDIO 9 D[0] 10 D[2] 11 A[3] 12 VDDIO 13 A[6] 14 15 16 VSSIO A
MOSCOUT VDDOSC
B
nCS[5]
VDDIO
nCS[3]
VDDIO
nSDCS[1]
DD[2]
CL[1]
VDDCORE
D[1]
A[2]
A[4]
A[5]
WAKEUP
VDDIO
nURESET B
C
VDDIO WRITE/ nSDRAS RXD[2]
EXPCLK
VSSIO
VSSIO
VSSIO nMWE/ nSDWE nCS[0]
VSSIO
VDDIO
VSSIO
VSSIO
VSSIO
VDDIO
VSSIO
VSSIO
nPOR
nEXTPWR C
D
EXPRDY
VSSIO
VDDIO
nCS[2]
nSDCS[0]
CL[2]
VSSRTC
D[4]
nPWRFL
MOSCIN
VDDIO nMEDCHG/ nBROM nBATCHG
VSSIO
D[7]
D[8]
D
E
PB[7]
TDI
WORD
VSSIO RUN/ CLKEN PB[6]
SDQM[2]
FRM
A[0]
D[5]
VSSOSC
VSSIO
VDDIO
D[9]
D[10]
E
F
PB[5]
PB[3]
VSSIO
TXD[2]
VSSIO
SDCKE
DD[3]
A[1]
D[6]
VSSRTC
BATOK
VSSIO
D[11]
VDDIO
F
G
PB[1]
VDDIO
TDO
PB[4]
VSSRTC
VSSRTC
DD[0]
D[3]
VSSRTC
A[7]
A[8]
A[9] A[13]/ DRA[14] A[14]/ DRA[13] D[18] A[21]/ DRA[6] A[23]/ DRA[4] HALFWORD
VSSIO
D[12]
D[13]
G
H
PA[7]
PA[5]
VSSIO
PA[4]
PA[6]
PB[0]
PB[2]
VSSRTC
VSSRTC
A[10] A[17]/ DRA[10] TCLK
A[11] A[16]/ DRA[11] D[20]
A[12] A[15]/ DRA[12] D[19] A[22]/ DRA[5] VSSIO
VSSIO
D[14]
D[15]
H
J
PA[3]
PA[1]
VSSIO
PA[2]
PA[0]
TXD[1]
CTS
VSSRTC
VSSRTC
nTRST
D[16]
D[17]
J
K LEDDRV
PHDIN
VSSIO
DCD
nTEST[1] PE[2]/ CLKSEL TMS
EINT[3]
VSSRTC
ADCIN
COL[4]
VSSIO
VDDIO A[18]/ DRA[9] A[20]/ DRA[7] D[22]
VDDIO A[19]/ DRA[8] D[21]
K
L
RXD[1]
DSR
VDDIO
nEINT[1] PE[0]/ BOOTSEL[0] VDDIO
VSSRTC
PD[0]/ VSSRTC LEDFLSH SSITXFR DRIVE[1]
COL[6]
D[31]
VSSRTC
VSSIO
L
M nTEST[0]
nEINT[2]
VDDIO
VDDIO
FB[0]
COL[0]
D[27]
VDDIO
M
N nEXTFIQ
PE[1]/ VSSIO BOOTSEL[1] RTCOUT VSSIO
PD[5]
PD[2]
SSIRXDA
ADCCLK
SMPCLK
COL[2]
D[29]
D[26]
VSSIO
D[23]
N
P VSSRTC
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO
VSSIO
VDDIO
VSSIO
VSSIO
VDDIO A[27]/ DRA[0] D[28]
VSSIO A[25]/ DRA[2] A[26]/ DRA[1]
D[24]
VDDIO A[24]\ DRA[3] VSSIO
P
R
RTCIN
VDDIO PD[7]/ SDQM[1]
PD[4] PD[6]/ SDQM[0]
PD[1]
SSITXDA
nADCCS
VDDIO
ADCOUT
COL[7]
COL[3]
COL[1]
D[30]
VDDIO
R
T VDDRTC
PD[3]
SSICLK
SSIRXFR VDDCORE DRIVE[0]
FB[1]
COL[5]
VDDIO
BUZ
D[25]
T
38
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
256-Ball PBGA Ball Listing
The list is ordered by ball location.
Table V. 256-Ball PBGA Ball Listing
Ball Location A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 B14 B15 B16 C1 C2 C3 C4 C5 C6 C7 C8 C9 C10 C11 Name VDDIO nCS[4] nCS[1] SDCLK SDQM[3] DD[1] M VDDIO D[0] D[2] A[3] VDDIO A[6] MOSCOUT VDDOSC VSSIO nCS[5] VDDIO nCS[3] nMOE/nSDCAS VDDIO nSDCS[1] DD[2] CL[1] VDDCORE D[1] A[2] A[4] A[5] WAKEUP VDDIO nURESET VDDIO EXPCLK VSSIO VDDIO VSSIO VSSIO VSSIO VDDIO VSSIO VSSIO VSSIO Type Pad power O O O O O O Pad power I/O I/O O Pad power O O Oscillator power Pad ground O Pad power O O Pad power O O O Description C12 Digital I/O power, 3.3V C13 Chip select out C14 Chip select out C15 SDRAM clock out C16 SDRAM byte lane mask LCD serial display data LCD AC bias drive Digital I/O power, 3.3V Data I/O Data I/O System byte address Digital I/O power, 3.3V D7 System byte address D8 Main oscillator out D9 Oscillator power in, 2.5V I/O ground Chip select out I/O ground Chip select out ROM, expansion OP enable/SDRAM CAS control signal Digital I/O power, 3.3V E1 SDRAM chip select out E2 LCD serial display data E3 LCD line clock E4 Core power Digital core power, 2.5V E5 I/O O O O I Pad power I Pad power I Pad ground Pad power Pad ground Pad ground Pad ground Pad power Pad ground Pad ground Pad ground Data I/O E6 System byte address E7 System byte address E8 System byte address E9 System wake up input E10 Digital I/O power, 3.3V User reset input Digital I/O power, 3.3V Expansion clock input I/O ground E14 Digital I/O power, 3.3V E15 I/O ground E16 I/O ground F1 I/O ground F2 Digital I/O power, 3.3V F3 I/O ground F4 I/O ground F5 I/O ground F6 VSSIO Pad ground I/O ground RUN/CLKEN O Run output / clock enable output TXD[2] O UART 2 transmit data output VSSIO Pad ground I/O ground PB[3] I GPIO port B PB[5] I GPIO port B D[10] I/O Data I/O D[9] I/O Data I/O VDDIO Pad power Digital I/O power, 3.3V E11 E12 E13 VSSOSC VSSIO nMEDCHG/nBROM Oscillator ground PLL ground D[5] I/O Data I/O A[0] O System byte address FRM O LCD frame synchronization pulse SDQM[2] O SDRAM byte lane mask nCS[0] O Chip select out VSSIO Pad ground I/O ground WORD O Word access select output TDI I JTAG data input PB[7] I GPIO port B RXD[2] I UART 2 receive data input D10 D11 D12 D13 D14 D15 D16 VSSRTC D[4] nPWRFL MOSCIN VDDIO VSSIO D[7] D[8] Core ground Real time clock ground I/O I I Pad power Data I/O Power fail sense input Main oscillator input Digital I/O power, 3.3V CL[2] O LCD pixel clock out nSDCS[0] O SDRAM chip select out D1 D2 D3 D4 D5 D6 WRITE/nSDRAS EXPRDY VSSIO VDDIO nCS[2] nMWE/nSDWE O I Transfer direction / SDRAM RAS signal output Expansion port ready input nEXTPWR I External power supply sense input nPOR I Power-on reset input VSSIO Pad ground I/O ground VSSIO Pad ground I/O ground VDDIO Pad power Digital I/O power, 3.3V
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location Name Type Description
Pad ground I/O ground Pad power O O Digital I/O power, 3.3V Chip select out ROM, expansion write enable/ SDRAM write enable control signal
Pad ground I/O ground I/O I/O Data I/O Data I/O
Pad ground I/O ground I Media change interrupt input / internal ROM boot enable
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
39
EP7311 High-Performance, Low-Power System on Chip
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location F7 F8 F9 F10 F11 F12 F13 F14 F15 F16 G1 G2 G3 G4 G5 G6 G7 G8 G9 G10 G11 G12 G13 G14 G15 G16 H1 H2 H3 H4 H5 H6 H7 H8 H9 H10 H11 H12 H13 H14 H15 H16 J1 J2 J3 J4 J5 J6 Name SDCKE DD[3] A[1] D[6] VSSRTC BATOK nBATCHG VSSIO D[11] VDDIO PB[1] VDDIO TDO PB[4] PB[6] VSSRTC VSSRTC DD[0] D[3] VSSRTC A[7] A[8] A[9] VSSIO D[12] D[13] PA[7] PA[5] VSSIO PA[4] PA[6] PB[0] PB[2] VSSRTC VSSRTC A[10] A[11] A[12] A[13]/DRA[14] VSSIO D[14] D[15] PA[3] PA[1] VSSIO PA[2] PA[0] TXD[1] Type O O O I/O Description SDRAM clock enable output LCD serial display data System byte address Data I/O
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location J7 J8 J9 J10 J11 J12 J13 J14 J15 J16 K1 K2 K3 K4 K5 K6 K7 K8 K9 K10 K11 K12 K13 K14 K15 K16 L1 L2 L3 L4 L5 L6 L7 L8 L9 L10 L11 L12 L13 L14 L15 L16 M1 M2 M3 M4 M5 M6 Name CTS VSSRTC VSSRTC A[17]/DRA[10] A[16]/DRA[11] A[15]/DRA[12] A[14]/DRA[13] nTRST D[16] D[17] LEDDRV PHDIN VSSIO DCD nTEST[1] EINT[3] VSSRTC ADCIN COL[4] TCLK D[20] D[19] D[18] VSSIO VDDIO VDDIO RXD[1] DSR VDDIO nEINT[1] PE[2]/CLKSEL VSSRTC PD[0]/LEDFLSH VSSRTC COL[6] D[31] VSSRTC A[22]/DRA[5] A[21]/DRA[6] VSSIO A[18]/DRA[9] A[19]/DRA[8] nTEST[0] nEINT[2] VDDIO PE[0]/BOOTSEL[0] TMS VDDIO Type I Description UART 1 clear to send input
RTC ground Real time clock ground RTC ground Real time clock ground O O O O I I/O I/O O I System byte address / SDRAM address System byte address / SDRAM address System byte address / SDRAM address System byte address / SDRAM address JTAG async reset input Data I/O Data I/O IR LED drivet Photodiode input
RTC ground Real time clock ground I I Pad ground I/O Pad power I Pad power O I I Battery ok input Battery changed sense input I/O ground Data I/O Digital I/O power, 3.3V GPIO port B Digital I/O power, 3.3V JTAG data out GPIO port B GPIO port B
Pad ground I/O ground I I I UART 1 data carrier detect Test mode select input External interrupt
Core ground Real time clock ground RTC ground Real time clock ground O I/O LCD serial display data Data I/O
RTC ground Real time clock ground I O I I/O I/O I/O SSI1 ADC serial input Keyboard scanner column drive JTAG clock Data I/O Data I/O Data I/O
RTC ground Real time clock ground O O O Pad ground I/O I/O I I Pad ground I I I I System byte address System byte address System byte address I/O ground Data I/O Data I/O GPIO port A GPIO port A I/O ground GPIO port A GPIO port A GPIO port B GPIO port B
Pad ground I/O ground Pad power Pad power I I Pad power I I Digital I/O power, 3.3V Digital I/O power, 3.3V UART 1 receive data input UART 1 data set ready input Digital I/O power, 3.3V External interrupt input GPIO port E / clock input mode select
RTC ground Real time clock ground I/O GPIO port D / LED blinker output
RTC ground Real time clock ground RTC ground Real time clock ground O O O O Pad ground I/O I/O I I Pad ground I I O System byte address System byte address System byte address System byte address / SDRAM address I/O ground Data I/O Data I/O GPIO port A GPIO port A I/O ground GPIO port A GPIO port A UART 1 transmit data out
Core ground Real time clock ground O I/O Keyboard scanner column drive Data I/O
RTC ground Real time clock ground O O System byte address / SDRAM address System byte address / SDRAM address
Pad ground I/O ground O O I I Pad power I I Pad power System byte address / SDRAM address System byte address / SDRAM address Test mode select input External interrupt input Digital I/O power, 3.3V GPIO port E / Boot mode select JTAG mode select Digital I/O power, 3.3V
40
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location M7 M8 M9 M10 M11 M12 M13 M14 M15 M16 N1 N2 N3 N4 N5 N6 N7 N8 N9 N10 N11 N12 N13 N14 N15 N16 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15 P16 R1 R2 R3 R4 R5 R6 Name SSITXFR DRIVE[1] FB[0] COL[0] D[27] VSSIO A[23]/DRA[4] VDDIO A[20]/DRA[7] D[21] nEXTFIQ PE[1]/BOOTSEL[1] VSSIO VDDIO PD[5] PD[2] SSIRXDA ADCCLK SMPCLK COL[2] D[29] D[26] HALFWORD VSSIO D[22] D[23] VSSRTC RTCOUT VSSIO VSSIO VDDIO VSSIO VSSIO VDDIO VSSIO VDDIO VSSIO VSSIO VDDIO VSSIO D[24] VDDIO RTCIN VDDIO PD[4] PD[1] SSITXDA nADCCS Type I/O I/O I O I/O Pad ground O Pad power O I/O I I Pad ground Pad power I/O I/O I/O O O O I/O I/O O Pad ground I/O I/O Description MCP/CODEC/SSI2 frame sync PWM drive output PWM feedback input Keyboard scanner column drive Data I/O I/O ground System byte address / SDRAM address Digital I/O power, 3.3V System byte address / SDRAM address Data I/O External fast interrupt input GPIO port E / boot mode select I/O ground Digital I/O power, 3.3V GPIO port D GPIO port D MCP/CODEC/SSI2 serial data input SSI1 ADC serial clock SSI1 ADC sample clock Keyboard scanner column drive Data I/O Data I/O Halfword access select output I/O ground Data I/O Data I/O
Table V. 256-Ball PBGA Ball Listing (Continued)
Ball Location R7 R8 R9 R10 R11 R12 R13 R14 R15 R16 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 Name VDDIO ADCOUT COL[7] COL[3] COL[1] D[30] A[27]/DRA[0] A[25]/DRA[2] VDDIO A[24]/DRA[3] VDDRTC PD[7]/SDQM[1] PD[6]/SDQM[0] PD[3] SSICLK SSIRXFR VDDCORE DRIVE[0] FB[1] COL[5] VDDIO BUZ D[28] A[26]/DRA[1] D[25] VSSIO Type Pad power O O O O I/O O O Pad power O RTC power I/O I/O I/O I/O - Description Digital I/O power, 3.3V SSI1 ADC serial data output Keyboard scanner column drive Keyboard scanner column drive Keyboard scanner column drive Data I/O System byte address / SDRAM address System byte address / SDRAM address Digital I/O power, 3.3V System byte address / SDRAM address Real time clock power, 2.5V GPIO port D / SDRAM byte lane mask GPIO port D / SDRAM byte lane mask GPIO port D MCP/CODEC/SSI2 serial clock MCP/CODEC/SSI2 frame sync
Core power Core power, 2.5V I/O I O Pad power O I/O O I/O PWM drive output PWM feedback input Keyboard scanner column drive Digital I/O power, 3.3V Buzzer drive output Data I/O System byte address / SDRAM address Data I/O
Pad ground I/O ground
RTC ground Real time clock ground O Pad ground Pad ground Pad power Pad ground Pad ground Pad power Pad ground Pad power Pad ground Pad ground Pad power Pad ground I/O Pad power I/O Pad power I/O I/O O O Real time clock oscillator output I/O ground I/O ground Digital I/O power, 3.3V I/O ground I/O ground Digital I/O power, 3.3V I/O ground Digital I/O power, 3.3V I/O ground I/O ground Digital I/O power I/O ground Data I/O Digital I/O power, 3.3V Real time clock oscillator input Digital I/O power, 3.3V GPIO port D GPIO port D MCP/CODEC/SSI2 serial data output SSI1 ADC chip select
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
41
EP7311 High-Performance, Low-Power System on Chip
JTAG Boundary Scan Signal Ordering
Table W. JTAG Boundary Scan Signal Ordering
LQFP Pin No.
1 4 5 6 7 8 9 10 13 14 15 16 17 18 19 20 23 24 25 26 27 28 29 30 31 32 34 35 36 37 38 39 40 41 42 43
TFBGA Ball
B3 A2 B1 E3 C1 C2 E2 D2 F3 D1 F2 G3 E1 F1 G2 G1 H3 H1 J3 J2 J1 L3 K2 K1 M3 L2 L1 N3 M2 M1 P3 N1 N2 R3 P1 P2
PBGA Ball
B1 C2 E4 D1 F5 D2 F4 E1 E2 G5 F1 G4 F2 H7 G1 H6 H1 H5 H2 H4 J1 J4 J2 J5 K1 J6 K2 J7 L1 K4 L2 K5 M1 K6 M2 L4
Signal
nCS[5] EXPCLK WORD WRITE/nSDRAS RUN/CLKEN EXPRDY TXD2 RXD2 PB[7] PB[6] PB[5] PB[4] PB[3] PB[2] PB[1]/PRDY2 PB[0]/PRDY1 PA[7] PA[6] PA[5] PA[4] PA[3] PA[2] PA[1] PA[0] LEDDRV TXD1 PHDIN CTS RXD1 DCD DSR nTEST1 nTEST0 EINT3 nEINT2 nEINT1
Type
O I/O O O O I O I I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O O O I I I I I I I I I I
Position
1 3 6 8 10 13 14 16 17 20 23 26 29 32 35 38 41 44 47 50 53 56 59 62 65 67 69 70 71 72 73 74 75 76 77 78
42
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Table W. JTAG Boundary Scan Signal Ordering (Continued)
LQFP Pin No.
44 45 46 47 53 54 55 56 59 60 61 62 68 69 70 75 76 77 78 79 80 82 83 84 85 86 87 88 91 92 93 94 95 96 97 99 100 101
TFBGA Ball
T3 R1 R2 T1 T2 V4 W4 Y4 V5 W5 Y5 V6 W6 Y6 W8 Y8 V9 W10 Y10 V11 W11 Y11 Y12 W12 V12 Y13 W13 V13 Y14 W14 A1 V14 Y15 W15 V15 Y16 W16 V16
PBGA Ball
N1 L5 N2 M4 T2 T3 N5 R3 T4 N6 R4 L7 T6 K8 R6 M8 T8 N8 R8 N9 T9 M9 R9 L9 T10 K9 R10 N10 R11 M10 T12 L10 R12 N11 T13 R13 M11 T14
Signal
nEXTFIQ PE[2]/CLKSEL PE[1]/BOOTSEL1 PE[0]/BOOTSEL0 PD[7]/SDQM[1] PD[6/SDQM[0]] PD[5] PD[4] PD[3] PD[2] PD[1] PD[0]/LEDFLSH SSIRXFR ADCIN nADCCS DRIVE1 DRIVE0 ADCCLK ADCOUT SMPCLK FB1 FB0 COL7 COL6 COL5 COL4 COL3 COL2 COL1 COL0 BUZ D[31] D[30] D[29] D[28] A[27]/DRA[0] D[27] A[26]/DRA[1]
Type
I I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O O I/O I O I/O I/O O O O I I O O O O O O O O O I/O I/O I/O I/O Out I/O O
Position
79 80 83 86 89 92 95 98 101 104 107 110 122 125 126 128 131 134 136 138 140 141 142 144 146 148 150 152 154 156 158 160 163 166 169 172 174 177
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
43
EP7311 High-Performance, Low-Power System on Chip
Table W. JTAG Boundary Scan Signal Ordering (Continued)
LQFP Pin No.
102 103 104 105 106 109 110 111 112 113 114 115 117 118 119 120 121 122 126 127 128 129 130 131 132 133 134 135 136 137 138 141 142 143 144 145 146 147
TFBGA Ball
Y17 W17 Y18 V17 W18 Y19 W20 U18 V20 U19 U20 T19 T20 R19 R20 T18 P19 P20 R18 N19 N20 P18 M19 N18 L20 L19 M18 K20 K19 K18 J20 J19 H20 H19 J18 K3 Y3 G20
PBGA Ball
N12 R14 T15 N13 R16 P15 M13 N16 L12 N15 L13 M16 M15 K11 L16 K12 L15 K13 J10 J16 J11 J15 J12 H16 J13 H15 H13 G16 H12 G15 H11 F15 H10 E16 G13 E15 G12 D16
Signal
D[26] A[25]/DRA[2] D[25] HALFWORD A[24]/DRA[3] D[24] A[23]/DRA[4] D[23] A[22]/DRA[5] D[22] A[21]/DRA[6] D[21] A[20]/DRA[7] D[20] A[19]/DRA[8] D[19] A[18]/DRA[9] D[18] A[17]/DRA[10] D[17] A[16]/DRA[11] D[16] A[15]/DRA[12] D[15] A[14]/DRA[13] D[14] A[13]/DRA[14] D[13] A[12] D[12] A[11] D[11] A[10] D[10] A[9] D[9] A[8] D[8]
Type
I/O O I/O O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O O I/O
Position
179 182 184 187 189 191 194 196 199 201 204 206 209 211 214 216 219 221 224 226 229 231 234 236 239 241 244 246 249 251 254 256 259 261 264 266 269 271
44
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
Table W. JTAG Boundary Scan Signal Ordering (Continued)
LQFP Pin No.
148 150 151 152 153 154 155 156 161 162 163 164 165 166 169 170 171 172 173 175 176 177 178 179 184 185 186 187 188 189 191 192 193 194 195 196 199 200
TFBGA Ball
H18 F20 G19 E20 F19 G18 D20 F18 D19 E19 C19 C20 E18 B20 B16 A16 C15 B15 A15 C14 B14 A14 C13 B13 A13 C12 B12 A12 C11 B11 B10 A10 A9 B9 C9 A8 B8 C8
PBGA Ball
G11 D15 F13 C16 F12 C15 E13 B16 B14 D11 A13 F10 B13 E10 B12 D10 A11 G9 B11 A10 F9 B10 E9 A9 D8 B8 E8 A7 F8 B7 A6 G8 B6 D7 A5 E7 F7 A4
Signal
A[7] D[7] nBATCHG nEXTPWR BATOK nPOR nMEDCHG/nBROM nURESET WAKEUP nPWRFL A[6] D[6] A[5] D[5] A[4] D[4] A[3] D[3] A[2] D[2] A[1] D[1] A[0] D[0] CL2 CL1 FRM M DD[3] DD[2] DD[1] DD[0] nSDCS[1] nSDCS[0] SDQM[3] SDQM[2] SDCKE SDCLK
Type
O I/O I I I I I I I I O I/O O I/O O I/O O I/O O I/O O I/O O I/O O O O O I/O I/O I/O I/O O O I/O I/O I/O I/O
Position
274 276 279 280 281 282 283 284 285 286 287 289 292 294 297 299 302 304 307 309 312 314 317 319 322 324 326 328 330 333 336 339 342 344 346 349 352 355
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
45
EP7311 High-Performance, Low-Power System on Chip
Table W. JTAG Boundary Scan Signal Ordering (Continued)
LQFP Pin No.
201 202 204 205 206 207 208
TFBGA Ball
A7 B7 C7 A6 B6 C6 A5
PBGA Ball
D6 B4 E6 A3 D5 B3 A2
Signal
nMWE/nSDWE nMOE/nSDCAS nCS[0] nCS[1] nCS[2] nCS[3] nCS[4]
Type
O O O O O O O
Position
358 360 362 364 366 368 370
1) See EP7311 Users' Manual for pin naming / functionality. 2) For each pad, the JTAG connection ordering is input, output, then enable as applicable.
46
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
CONVENTIONS
This section presents acronyms, abbreviations, units of measurement, and conventions used in this data sheet.
Table X. Acronyms and Abbreviations (Continued)
Acronym/ Abbreviation
TAP TLB
Definition
test access port translation lookaside buffer universal asynchronous receiver
Acronyms and Abbreviations
Table X lists abbreviations and acronyms used in this data sheet.
Table X. Acronyms and Abbreviations
UART
Units of Measurement
Table Y. Unit of Measurement
Acronym/ Abbreviation
A/D ADC CODEC D/A DMA EPB FCS FIFO FIQ GPIO ICT IR IRQ IrDA JTAG LCD LED LQFP LSB MIPS MMU MSB PBGA PCB PDA PLL p/u RISC RTC SIR SRAM SSI
Definition
analog-to-digital analog-to-digital converter coder / decoder digital-to-analog direct-memory access embedded peripheral bus frame check sequence first in / first out fast interrupt request general purpose I/O in circuit test infrared standard interrupt request Infrared Data Association Joint Test Action Group liquid crystal display light-emitting diode low profile quad flat pack least significant bit millions of instructions per second memory management unit most significant bit plastic ball grid array printed circuit board personal digital assistant phase locked loop pull-up resistor reduced instruction set computer Real-Time Clock slow (9600-115.2 kbps) infrared static random access memory synchronous serial interface
Symbol
Unit of Measure
degree Celsius sample frequency hertz (cycle per second) kilobits per second kilobyte (1,024 bytes) kilohertz kilohm megabits (1,048,576 bits) per second megabyte (1,048,576 bytes) megabytes per second megahertz (1,000 kilohertz) microampere microfarad microwatt microsecond (1,000 nanoseconds) milliampere milliwatt millisecond (1,000 microseconds) nanosecond volt watt
C
fs Hz kbps KB kHz k Mbps MB MBps MHz
A F W s
mA mW ms ns V W
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
47
EP7311 High-Performance, Low-Power System on Chip
General Conventions
Hexadecimal numbers are presented with all letters in uppercase and a lowercase "h" appended or with a 0x at the beginning. For example, 0x14 and 03CAh are hexadecimal numbers. Binary numbers are enclosed in single quotation marks when in text (for example, `11' designates a binary number). Numbers not indicated by an "h", 0x or quotation marks are decimal. Registers are referred to by acronym, with bits listed in brackets separated by a colon (:) (for example, CODR[7:0]), and are described in the EP7311 User's Manual. The use of "TBD" indicates values that are "to be determined," "n/a" designates "not available," and "n/c" indicates a pin that is a "no connect."
Pin Description Conventions
Abbreviations used for signal directions are listed in Table Z.
Table Z. Pin Description Conventions
Abbreviation
I O I/O Input Output Input or Output
Direction
48
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS506PP1
EP7311 High-Performance, Low-Power System on Chip
ORDERING INFORMATION
The order number for the device is:
EP7312 -- CV -- C
Revision Package Type: V = Low Profile Quad Flat Pack B = Plastic Ball Grid Array (17 mm x 17 mm) R = Reduced Ball Grid Array (13 mm x 13 mm) Part Number Product Line: Embedded Processor Temperature Range: C = Commercial E = Extended Operating Version I = Industrial Operating Version
Note:
Contact Cirrus Logic for up-to-date information on revisions. Go to the Cirrus Logic Internet site at http://cirrus.com/corporate/contacts to find contact information for your local sales representative.
DS506PP1
Copyright 2001 Cirrus Logic (All Rights Reserved)
49


▲Up To Search▲   

 
Price & Availability of EP7312-CV-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X