Part Number Hot Search : 
A155M 60030 KDS221E C5698 A143Z 45F2R0 10C221 L7585G
Product Description
Full Text Search
 

To Download EGP30A- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EGP30A-EGP30K
Discrete POWER & Signal Technologies
EGP30A - EGP30K
Features
1.0 min (25.4)
* * * * *
Glass passivated cavity-free junction. High surge current capability. Low leakage current. Superfast recovery time for high efficiency. Low forward voltage, high current capability.
0.375 (9.53) 0.285 (7.24)
DO-201AD
COLOR BAND DENOTES CATHODE
0.210 (5.33) 0.190 (4.83) 0.052 (1.32) 0.048 (1.22)
Dimensions in inches (mm)
3.0 Ampere Glass Passivated High Efficiency Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge)
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TA = 55C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Lead Storage Temperature Range Operating Junction Temperature
Value
3.0 125
Units
A
A 6.25 50 20 8.5 -65 to +150 -65 to +150 W mW/C C/W C/W C C
PD RJA RJL Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
30A Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current @ rated VR TA = 25C TA = 125C Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A Maximum Forward Voltage @ 3.0 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz 50 35 50
TA = 25C unless otherwise noted
Device
30B 100 70 100 30C 150 105 150 30D 200 140 200 5.0 100 50 0.95 95 1.25 75 75 1.7 30F 300 210 300 30G 400 280 400 30J 600 420 600 30K 800 560 800
Units
V V V A A nS V pF
(c)1999 Fairchild Semiconductor Corporation
EGP30A - EGP30K, Rev. A
EGP30A-EGP30K
Typical Characteristics
PEAK FORWARD SURGE CURRENT (A)
Forward Current Derating Curve
3 FORWARD CURRENT (A)
Non-Repetitive Surge Current
175 150 125 100 75 50 25 0 1 2 5 10 20 50 NUMBER OF CYCLES AT 60Hz 100
2
1
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS
0
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C)
175
Forward Characteristics
50 FORWARD CURRENT (A) 10 REVERSE CURRENT ( A)
EGP30A-EGP30D
Reverse Characteristics
100
T A = 150 C
10
T A = 125 C
T A = 150 C
T A= 25 C
1
1
0.1
TA = 75 C
0.1
EGP30F-EGP30K
0.01
TA = 25 C
Pulse Width = 300s 2% Duty Cycle
0.01 0.2
0.4
0.6 0.8 1 1.2 1.4 FORWARD VOLTAGE (V)
1.6
1.8
0.001
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Junction Capacitance
210 180 CAPACITANCE (pF) 150 120
EGP30A-EGP30D
90
EGP30F-EGP30K
60 30 0 0.1 1 10 100 REVERSE VOLTAGE (V) 1000
50 NONINDUCTIVE
50 NONINDUCTIVE
+0.5A
(-)
trr
DUT
50V (approx)
50 NONINDUCTIVE
Pulse Generator (Note 2) (+)
OSCILLOSCOPE (Note 1)
0 -0.25A
NOTES: 1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf. 2. Rise time = 10 ns max; Source impedance = 50 ohms.
-1.0A
1.0cm SET TIME BASE FOR 5/ 10 ns/ cm
Reverse Recovery Time Characterstic and Test Circuit Diagram
EGP30A - EGP30K, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of EGP30A-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X