Part Number Hot Search : 
4957GM LJSA2N2M 60ZFDT AMS41221 167BZI M2N60F FDMS8 PC28F128
Product Description
Full Text Search
 

To Download EGP10A- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EGP10A-EGP10K
Discrete POWER & Signal Technologies
EGP10A - EGP10K
Features
1.0 min (25.4)
* * * *
Superfast recovery time for high efficiency. Low forward voltage, high current capability. Low leakage current. High surge current capability.
Dimensions in inches (mm)
0.205 (5.21) 0.160 (4.06)
DO-41
COLOR BAND DENOTES CATHODE
0.107 (2.72) 0.080 (2.03) 0.034 (0.86) 0.028 (0.71)
1.0 Ampere Glass Passivated High Efficiency Rectifiers
Absolute Maximum Ratings*
Symbol
IO if(surge)
TA = 25C unless otherwise noted
Parameter
Average Rectified Current .375 " lead length @ TL = 55C Peak Forward Surge Current 8.3 ms single half-sine-wave Superimposed on rated load (JEDEC method) Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Storage Temperature Range Operating Junction Temperature
Value
1.0
Units
A
30 2.5 17 50 -65 to +150 -65 to +150
A W mW/C C/W C C
PD RJA Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
Parameter
10A Peak Repetitive Reverse Voltage Maximum RMS Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Current TA = 25C @ rated VR TA = 125C Maximum Reverse Recovery Time IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A Maximum Forward Voltage @ 1.0 A Typical Junction Capacitance VR = 4.0 V, f = 1.0 MHz 50 35 50
TA = 25C unless otherwise noted
Device
10B 100 70 100 10C 150 105 150 10D 200 140 200 5.0 100 50 0.95 22 1.25 15 75 1.7 10F 300 210 300 10G 400 280 400 10J 600 420 600 10K 800 560 800
Units
V V V A A nS V pF
(c)1999 Fairchild Semiconductor Corporation
EPG10A - EPG10K, Rev. A
EGP10A-EGP10K
Typical Characteristics
PEAK FORWARD SURGE CURRENT (A)
Forward Current Derating Curve
1 FORWARD CURRENT (A)
Non-Repetitive Surge Current
30 25 20 15 10 5 0
0.75
0.5 SINGLE PHASE
HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS
0.25
0 25
50
75 100 125 150 LEAD TEMPERATURE ( C)
175
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
Forward Characteristics
50 10
EGP10A-EGP10D TA = 25 C
Reverse Characteristics
1000 REVERSE CURRENT ( A)
T A= 150 C
FORWARD CURRENT (A)
100
T A = 125 C
10
1
1
T A = 100 C
0.1
EGP10F-EGP10K
0.1
TA = 25 C
Pulse Width = 300s 2% Duty Cycle
0.01 0.2
0.4
0.6 0.8 1 1.2 1.4 FORWARD VOLTAGE (V)
1.6
1.8
0.01
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Junction Capacitance
60 50 CAPACITANCE (pF) 40 30
EGP10A-EGP10D
20
EGP10F-EGP10K
10 0 0.1
1 10 100 REVERSE VOLTAGE (V)
1000
50 NONINDUCTIVE
50 NONINDUCTIVE
+0.5A
(-)
trr
DUT
50V (approx)
50 NONINDUCTIVE
Pulse Generator (Note 2) (+)
OSCILLOSCOPE (Note 1)
0 -0.25A
NOTES: 1. Rise time = 7.0 ns max; Input impedance = 1.0 megaohm 22 pf. 2. Rise time = 10 ns max; Source impedance = 50 ohms.
-1.0A
1.0cm SET TIME BASE FOR 5/ 10 ns/ cm
Reverse Recovery Time Characterstic and Test Circuit Diagram
EPG10A - EPG10K, Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of EGP10A-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X