Part Number Hot Search : 
HR0519 INTER ASM3P2 5KP20 40430X A8287 5KP20 ADN2850
Product Description
Full Text Search
 

To Download DSP25-16AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSP 25
Phase-leg Rectifier Diode
VRSM V 1300 1700 VRRM V 1200 1600
TO-247 AD TO-268 AA ISOPLUS 247 TM
VRRM = 1200/1600 V IF(RMS) = 2x43 A IF(AV)M = 2x28 A
TO-247 AD
Version A
TO-268 AA
Version AT
Type DSP 25-12A DSP 25-16A DSP 25-12AT DSP 25-16AT
1 2 3
DSP 25-16AR
1 2 3
1 2 (TAB) 3 2 (TAB)
Symbol IF(RMS) IF(AV)M IFSM
Test Conditions TVJ = TVJM Tcase = 100C; 180 sine TVJ = 45C; t = 10 ms t = 8.3 ms (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine (50 Hz), sine (60 Hz), sine
Maximum Ratings 43 28 300 330 270 300 450 450 340 325 -40...+180 180 -40...+150 A A A A A A A2s A2s A2s A2s C C C Nm N V~ g
ISOPLUS 247 TM
Version AR
1 2 3 TAB
TVJ = 150C; t = 10 ms t = 8.3 ms I2t TVJ = 45C t = 10 ms t = 8.3 ms
1 = Cathode, 2 = Anode/Cathode, 3 = Anode
TVJ = 150C; t = 10 ms t = 8.3 ms TVJ TVJM Tstg Md * FC VISOL ** Weight
* Verson A only; ** Version AR only
mounting torque M3 mounting force with clip 50/60 Hz, RMS, t = 1 minute, leads-to-tab TO-268 / TO-247
0.8...1.2 20...120 2500 4/6
Features International standard packages JEDEC TO-247 AD and TO-268 AA surface mountable For single and three phase bridge configuration Planar passivated chips Epoxy meets UL 94V-0 flammability classification Version AR isolated and UL registered E153432
TO-247 AD and ISOPLUS 247 TM
Symbol IR VF VT0 rT RthJC RthCH a
Test Conditions TVJ = 150C VR = VRRM
Characteristic Values 2 1.6 0.8 15 1.5 0.4 100 mA V V m K/W K/W m/s2
Dim. Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
TM
IF = 55 A; TVJ = 25C For power-loss calculations only TVJ = TVJM DC current DC current (with heatsink compound) Maximum allowable acceleration
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
TO-268 AA Outline
Dim. A A1 A2 b b2 C D E E1 e H L L1 L2 L3 L4
Millimeter Min. Max. 4.9 2.7 .02 1.15 1.9 .4 13.80 15.85 13.3 5.1 2.9 .25 1.45 2.1 .65 14.00 16.05 13.6
Inches Min. Max. .193 .106 .001 .045 .75 .016 .543 .624 .524 .201 .114 .010 .057 .83 .026 .551 .632 .535
A B C D* E F G H J K L M N
5.45 BSC 18.70 19.10 2.40 2.70 1.20 1.40 1.00 1.15 0.25 BSC 3.80 4.10
.215 BSC .736 .752 .094 .106 .047 .055 .039 .045 .010 BSC .150 .161
* ISOPLUS 247
without hole
211
Data according to IEC 60747 and refer to a single diode IXYS reserves the right to change limits, test conditions and dimensions
(c) 2002 IXYS All rights reserved
1-2
DSP 25
70 A 60 IF 50 40
200 A IFSM
50 Hz, 80% VRRM
103 A2s It
2
VR = 0 V
TVJ = 45C TVJ = 45C
100 30 20 10 0 0.0 0 0.001 102 0.01 0.1 t s 1 1 2 3 4 5 6 7 ms 10 89 t TVJ = 150C TVJ = 25C TVJ = 150C
TVJ = 150C
0.5
1.0 VF
1.5 V 2.0
Fig. 1 Forward current versus voltage drop per diode
60 W 50 Ptot 40
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
30 RthJA: 0.5 1.8 3 5 8 15 KW KW KW KW KW KW A Id(AV)M 20
30
20
10
10
0 0 5 10 15 20 Id(AV)M 25 A 0 40 80 120
Tamb
0 160 C 0 30 60 90 120 150 180 C TC
Fig. 4 Power dissipation versus direct output current and ambient temperature, sine 180
1.6 K/W 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0001
DSP25
Fig. 5 Max. forward current versus case temperature
Constants for ZthJC calculation: i 1 2 3 4 5 Rthi (K/W) 0.06075 0.183 0.3405 0.543 0.3728 ti (s) 0.0004 0.00256 0.0045 0.0242 0.15
0.001
0.01
0.1
1 t
s
10
Fig. 6 Transient thermal impedance junction to case
(c) 2002 IXYS All rights reserved
2-2


▲Up To Search▲   

 
Price & Availability of DSP25-16AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X