Part Number Hot Search : 
SH8M11 0320H 2SC3690 TK10J80E AON3402 ELD42 2SC3690 X1N4577U
Product Description
Full Text Search
 

To Download DF04S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S THRU DF10S
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
DF-S
0.06(1.53) 0.04(1.02)
FEATURES
Glass Passivated Die Construction Diffused Junction Low Forward Voltage Drop, High Current Capability Surge Overload Rating to 50A Peak Designed for Surface Mount Application Plastic Material-UL Recognition Flammability Classification 94V-0 * This Series is UL Listed Under Recognized Component Index, File Number E95060 * * * * * *
0.31(7.90)
0.29(7.40) 0.26(6.50)
0.24(6.20)
0.01(0.33) 0.01(0.25) 0.00(.009)
0.05(1.20) 0.04(1.00)
0.34(8.51) 0.32(8.13) 0.13(3.40) 0.09(2.40) 0.20(5.20) 0.20(5.00)
0.00(.076)
0.41(10.40)
MECHANICAL DATA
Case : Molded Plastic Terminals : Plated Leads, solderable per MIL-STD-750, Method 2026 Polarity : As marked on Case Mounting Position: Any Weight : 0.38 gram
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @ TA=40 C
o o
SYMBOLS DF005S VRRM VRMS VDC I (AV) 50 35 50
DF01S 100 70 100
DF02S 200 140 200
DF04S
400 280 400
DF06S
600 420 600
DF08S
800 560 800
DF10S
1000 700 1000
UNITS Volts Volts Volts Amps
1.0
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage @ IF=1.0 A Maximum DC reverse current at rated DC blocking voltage I2t rating for fusing ( t < 8.3ms ) Typical junction capacitance per element (NOTE 1) Typical thermal resistance, junction to ambient (NOTE 2) Operating junction and storage temperature range @TC=25 C @TC=125 C
o o
IFSM
50
Amps
VF
1.1 10
Volts
IR I2t CJ R
JA
500 10.4 25 110 -65 to +150
uA
2
As pF K/W
o
TJ,TSTG
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC. (2) Thermal resistance, junction to ambient, measured on PC board with 5.0mm2 (0.03mm thick) land areas.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES DF005S THRU DF10S
FIG.1 - FORWARD CURRENT DERATING CURVE 1.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 20 40 60 80 100 120
o
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
0.5
60 Hz Resistive or Inductive load
0 150 AMBIENT TEMPERATURE, C
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=100 C
o
10.0
1.00
1.0
0.10
TJ=25 C
o
0.10
TJ=25 C
o
0.01 0.2
PULSE WIDTH=300uS
0.4
0.6
0.8
1.0
1.2
1.4
1.6 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
10
1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of DF04S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X