Part Number Hot Search : 
DS80C ON2001 PU3120 M5S61AJ ALN2642L SD431 SKIIP36 W742E816
Product Description
Full Text Search
 

To Download DF04S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DF005S THRU DF10S
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Case Style DFS
Forward Current - 1.0 Ampere
FEATURES
0.047 (1.20) 0.040 (1.02)
0.205 (5.2) 0.195 (5.0)
0.404 (10.3) 0.386 (9.80) 0.335 (8.51) 0.320 (8.13) 45o 0.255 (6.5) 0.245 (6.2)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 This series is UL recognized under Component Index, file number E54214 Glass passivated chip junctions High surge overload rating-50 amperes peak Ideal for printed circuit boards High temperature soldering guaranteed: 260C/10 seconds at 5 lbs. (2.3kg) tension
0.013 (0.330) 0.130 (3.3) 0.009 (0.241) 0.120 (3.05)
MECHANICAL DATA
0.060 (1.524) 0.040 (1.016)
0.013 (0.330) 0.003 (0.076)
Dimensions in inches and (millimeters)
Case: Molded plastic body over passivated junctions Terminals: Plated leads solderable per MIL-STD-750, Method 2026 Polarity: Polarity symbols marked on body Mounting Position: Any Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
DF 005S
DF 01S
DF 02S
DF 04S
DF 06S
DF 08S
DF 10S
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward output rectified current at TA=40C (NOTE 2) Peak forward surge current single half sine-wave superimposed on rated load (JEDEC Method) TJ=150C Rating for fusing (t < 8.3ms) Maximum instantaneous forward voltage drop per leg at 1.0A Maximum DC reverse current at rated DC blocking voltage per leg TA=25C TA=125C
VRRM VRMS VDC I(AV) IFSM I2t VF IR CJ RJA RJL
50 35 50
100 70 100
200 140 200
400 280 400 1.0 50.0 10.0 1.1 5.0 500 25.0 40.0 15.0 -55 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amp Amps A2sec Volts A pF C/W C
Typical junction capacitance per leg (NOTE 1) Typical thermal resistance per leg (NOTE 2)
Operating junction and storage temperature range TJ, TSTG
NOTES: (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Units mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) copper pads
4/98
RATINGS AND CHARACTERISTICS CURVES DF005S THRU DF10S
FIG.1 - DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
1.0
PEAK FORWARD SURGE CURRENT, AMPERES
60 HZ RESISTIVE OR INDUCTIVE LOAD
60 50 40 30
1.0 CYCLE TJ=150C SINGLE SINE-WAVE (JEDEC Method)
0.5
20 10 0
P.C.B. MOUNTED ON 0.51 x 0.51" (13 x 13mm) COPPER PADS
0 20
40
60
80
100
120
140
160
1
10
NUMBER OF CYCLES AT 60 Hz FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
100
AMBIENT TEMPERATURE, C FIG. 3 - TYPICAL FORWARD CHARACTERISTICS PER LEG
10
100
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
10
TJ=125C
1
1
0.1
0.1
TJ=25C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
0.01
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHZ Vsig=50mVp-p
100
10
10
1
1
1
10
REVERSE VOLTAGE, VOLTS
100
0.1 0.01
0.1
1
t, HEATING TIME, sec.
10
100


▲Up To Search▲   

 
Price & Availability of DF04S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X