Part Number Hot Search : 
ZM4756A HB02110 DGD2118 M68719 IS421 OA1180 03070 SEMICO
Product Description
Full Text Search
 

To Download D4SBL20U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Super Fast Recovery Rectifiers
Super Fast Bridges
D4SBL20U
200V 4A
FEATURES *oe noise Low *oe Package SIL *oe High IFSM APPLICATION
OUTLINE DIMENSIONS
Case : 3S
(Unit : mm)
*oe power supply Switching
*oe ome (Electrical) Appliances Home H *oe ffice Equipment, Telecommunication, Office O Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -55*150 *Z Operating Junction Temperature Tj 150 *Z V 200 V Maximum Reverse Voltage RM I 50Hz sine Average Rectified Forward Current wave, R-load With heatsink 4 Tc=108*Z A O 50Hz sine wave, R-load Without heatsink Ta=25*Z 2.5 IFSM Peak Surge Forward Current sine wave, Non-repetitive 1cycle peak value, Tj=25 50Hz 60 A Dielectric Strength VdisTerminals to case, AC 1 minute 2 kV Mounting Torque TOR i ecommended torque*0.5Nm*j * R F 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit V I =2A, Pulse measurement, Rating Max.0.98 of per diode V Forward Voltage FF I V=V,MPulse measurement, Rating of per diode Reverse Current Max.10EA R RR = Reverse Recovery Timerr I = 0.5A, 1A tF RI Max.35 ns j AEjcunction to case *@*@With heatsinkMax.5.5 Thermal Resistance AEjlunction to lead *@*@ Without heatsink j Max.6*Z/W AEjaunction to ambient Without heatsink ax.30 j M
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
D4SBL20U
100
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP]
1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
D4SBL20U
Junction Capacitance
f=1MHz Tc=25C TYP per diode
Junction Capacitance Cj [pF]
100
10
1
10
100
Reverse Voltage VR [V]
D4SBL20U
10
Forward Power Dissipation
Forward Power Dissipation PF [W]
8
SIN
6
4
2
0
0
1
2
3
4
5
Average Rectified Forward Current IO [A]
Tj = Tjmax
D4SBL20U
7
Derating Curve
Heatsink Tc Tc
Average Rectified Forward Current IO [A]
6
5 SIN
4
3
2
1
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
D4SBL20U
3
Derating Curve
Average Rectified Forward Current IO [A]
2.5
SIN
PCB Glass-epoxy substrate Soldering land 5mm
2
1.5
1
0.5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = VRM Sine wave R-load Free in air
D4SBL20U
120
Peak Surge Forward Capability
IFSM
10ms 10ms
100
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
80
60
40
20
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of D4SBL20U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X