Part Number Hot Search : 
MODEL152 30M25 FS00241 M4S6H BUL39 2931CF CLV1215E HIP1030
Product Description
Full Text Search
 

To Download BDP948 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BDP948, BDP950
PNP Silicon AF Power Transistors For AF driver and output stages High collector current High current gain Low collector-emitter saturation voltage Complementary types: BDP947, BDP949 (NPN)
1For calculation of R thJA please refer to Application Note Thermal Resistance
1

4
3 2 1
VPS05163
Type BDP948 BDP950
Maximum Ratings Parameter
Marking BDP 948 BDP 950 1=B 1=B
Pin Configuration 2=C 2=C 3=E 3=E 4=C 4=C
Package SOT223 SOT223
Symbol VCEO VCBO VEBO
BDP948 45 45 5 3 5 200 500 3 150
BDP950 60 60 5
Unit V
Collector-emitter voltage Collector-base voltage Emitter-base voltage
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 99 C Junction temperature Storage temperature
Thermal Resistance
IC ICM IB IBM Ptot Tj Tstg
A mA W C
-65 ... 150
Junction - soldering point1)
RthJS
17
K/W
Jul-06-2001
BDP948, BDP950
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 100 A, IB = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 45 V, IE = 0 Collector cutoff current VCB = 45 V, IE = 0 , TA = 150 C Emitter cutoff current VEB = 4 V, IC = 0 DC current gain 1) IC = 10 mA, VCE = 5 V IC = 500 mA, VCE = 1 V IC = 1 A, VCE = 2 V Collector-emitter saturation voltage1) IC = 2 A, IB = 0.2 A Base-emitter saturation voltage 1) IC = 2 A, IB = 0.2 A AC Characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Ccb 40 fT 100 VBEsat 1.3 VCEsat hFE 25 85 50 475 0.5 IEBO 100 ICBO 20 ICBO 100 BDP948 BDP950 V(BR)EBO BDP948 BDP950 V(BR)CBO 45 60 5 V(BR)CEO 45 60 typ. max.
Unit
V
-
nA A nA -
V
MHz pF
1) Pulse test: t =300s, D = 2%
2
Jul-06-2001
BDP948, BDP950
Total power dissipation Ptot = f (TS )
Permissible Pulse Load RthJS = f (tp)
3.2
W
10 3
K/W
10 2 2.4
P tot
2
RthJS
10 1
1.6 10 0 1.2
0.8
10 -1
0.4 10 -2 -6 10
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
0 0
20
40
60
80
100
120 C
150
10
-5
10
-4
10
-3
10
-2
s
10
0
TS
tp
Permissible Pulse Load Ptotmax / PtotDC = f (tp)
10 3
DC current gain hFE = f (IC) VCE = 2V
10 3
Ptotmax / PtotDC
-
-
100C 25C D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1
hFE
10 2
10 2
-50C
10 1
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 0 10
10
1
10
2
10
3
mA 10
4
tp
IC
3
Jul-06-2001
BDP948, BDP950
Collector cutoff current ICBO = f (TA ) VCB = 45V
10 5
nA
Collector-emitter saturation voltage IC = f (VCEsat ), hFE = 10
10 4
mA
10 4 10 3
ICBO
10 3
IC
max
10
2
10
2
100C 25C -50C
10 1
typ
10 1
10 0
10 -1 0
20
40
60
80
100
120 C
150
10 0 0.0
0.1
0.2
0.3
0.4
V
0.6
TA
VCEsat
Base-emitter saturation voltage IC = f (VBEsat ), hFE = 10
10 4
mA
Collector current I C = f (VBE) VCE = 2V
10 4
mA
10 3
10 3
10 2
-50C 25C 100C
-50C 25C 100C
10 2
IC
10 1
IC
10 1 10 0 0.0
10 0 0.0
0.2
0.4
0.6
0.8
1.0
V
1.3
0.2
0.4
0.6
0.8
1.0
V
1.3
VBEsat
VBE
4
Jul-06-2001


▲Up To Search▲   

 
Price & Availability of BDP948

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X