Part Number Hot Search : 
P6KE20 20KW192A 41HF120M 4PP2M FSS9130R EP2645 M3302 N2436
Product Description
Full Text Search
 

To Download BAS16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS 16 Surface Mount Silicon Planar Small-Signal Diode Silizium-Planar-Diode fur die Oberflachenmontage
Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. - Gewicht ca.
Dimensions / Mae in mm 1 = anode 2 = n. c. / frei 3 = cathode
250 mA 85 V SOT-23 (TO-236) 0.01 g
Standard packaging taped and reeled see page 18 Standard Lieferform gegurtet auf Rolle siehe Seite 18
Maximum ratings Repetitive peak reverse voltage Periodische Spitzensperrspannung Max. average forward current Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Tj = 25/C f > 15 Hz tp = 1 :s VRRM IFAV IFRM IFSM Tj TS
Grenzwerte 85 V 250 mA 1) 450 mA 1) 2A - 65...+ 150/C - 65...+ 150/C
Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Characteristics Forward voltage Durchlaspannung Tj = 25/C IF = 1 mA IF = 10 mA IF = 50 mA IF = 0.15 A VR = 75 V VR = 25 V VR = 75 V VF VF VF VF IR IR IR
Kennwerte < 715 mV < 855 mV < 1.0 V < 1.25 V < 1 :A < 30 :A < 50 :A
Leakage current Sperrstrom
Tj = 25/C Tj = 150/C Tj = 150/C
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 11.03.2003
1
1
BAS 16 Junction capacitance Sperrschichtkapazitat Reverse recovery time Sperrverzug VF = VR = 0 V f = 1 MHz IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA, UR = 6 V, RL = 100 S Ctot trr < 2 pF < 6 ns
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
RthA
< 417 K/W 1)
2


▲Up To Search▲   

 
Price & Availability of BAS16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X