Part Number Hot Search : 
SD2012 SM540A AN874 MP810 UG18CCT 033EF01 2SD1904Q TEA6842H
Product Description
Full Text Search
 

To Download ADM8692ARN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Upgrade for ADM690/ADM695, MAX690-MAX695 Specified Over Temperature Low Power Consumption (0.7 mW) Precision Voltage Monitor Reset Assertion Down to 1 V VCC Low Switch On-Resistance 0.7 Normal, 7 in Backup High Current Drive (100 mA) Watchdog Timer--100 ms, 1.6 s, or Adjustable 400 nA Standby Current Automatic Battery Backup Power Switching Extremely Fast Gating of Chip Enable Signals (3 ns) Voltage Monitor for Power Fail Available in TSSOP Package APPLICATIONS Microprocessor Systems Computers Controllers Intelligent Instruments Automotive Systems
VBATT VBATT VCC
Microprocessor Supervisory Circuits ADM8690-ADM8695
FUNCTIONAL BLOCK DIAGRAMS
VOUT
4.65V1
RESET GENERATOR2
RESET
WATCHDOG INPUT (WDI) POWER FAIL INPUT (PFI)
WATCHDOG TRANSITION DETECTOR (1.6s)
ADM8690 ADM8692 ADM8694
POWER FAIL OUTPUT (PFO)
1.3V
1VOLTAGE
DETECTOR = 4.65V (ADM8690, ADM8694) 4.40V (ADM8692) 2RESET PULSE WIDTH = 50ms (AD8690, ADM8692) 200ms (ADM8694) BATT ON
GENERAL DESCRIPTION
The ADM8690-ADM8695 family of supervisory circuits offers complete single chip solutions for power supply monitoring and battery control functions in microprocessor systems. These functions include P reset, backup battery switchover, watchdog timer, CMOS RAM write protection and power failure warning. The complete family provides a variety of configurations to satisfy most microprocessor system requirements. The ADM8690, ADM8692 and ADM8694 are available in 8-pin DIP packages and provide: 1. Power-on reset output during power-up, power-down and brownout conditions. The RESET output remains operational with VCC as low as 1 V. 2. Battery backup switching for CMOS RAM, CMOS microprocessor or other low power logic. 3. A reset pulse if the optional watchdog timer has not been toggled within a specified time. 4. A 1.3 V threshold detector for power fail warning, low battery detection or to monitor a power supply other than +5 V. The ADM8691, ADM8693 and ADM8695 are available in 16-pin DIP and small outline packages (including TSSOP) and provide three additional functions: 1. Write protection of CMOS RAM or EEPROM. 2. Adjustable reset and watchdog timeout periods. 3. Separate watchdog timeout, backup battery switchover, and low VCC status outputs. REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
VCC CEIN
ADM8691 ADM8693 ADM8695
VOUT
CEOUT LOW LINE 4.65V1 RESET
OSC IN OSC SEL
RESET AND WATCHDOG TIMEBASE
RESET GENERATOR
RESET
WATCHDOG INPUT (WDI) POWER FAIL INPUT (PFI)
WATCHDOG TRANSITION DETECTOR
WATCHDOG TIMER
WATCHDOG OUTPUT (WDO) POWER FAIL OUTPUT (PFO)
1.3V
1VOLTAGE
DETECTOR = 4.65V (ADM8691, ADM8695) 4.40V (ADM8693)
The ADM8690-ADM8695 family is fabricated using an advanced epitaxial CMOS process combining low power consumption (0.7 mW), extremely fast Chip Enable gating (3 ns) and high reliability. RESET assertion is guaranteed with VCC as low as 1 V. In addition, the power switching circuitry is designed for minimal voltage drop thereby permitting increased output current drive of up to 100 mA without the need of an external pass transistor.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 (c) Analog Devices, Inc., 1997
ADM8690-ADM8695-SPECIFICATIONS T
Parameter BATTERY BACKUP SWITCHING VCC Operating Voltage Range ADM8690, ADM8691, ADM8694, ADM8695 ADM8692, ADM8693 VBATT Operating Voltage Range ADM8690, ADM8691, ADM8694, ADM8695 ADM8692, ADM8693 VOUT Output Voltage VOUT in Battery Backup Mode Supply Current (Excludes IOUT) Supply Current in Battery Backup Mode Battery Standby Current (+ = Discharge, - = Charge) Battery Switchover Threshold VCC - VBATT Battery Switchover Hysteresis BATT ON Output Voltage BATT ON Output Short Circuit Current RESET AND WATCHDOG TIMER Reset Voltage Threshold ADM8690, ADM8691, ADM8694, ADM8695 ADM8692, ADM8693 Reset Threshold Hysteresis Reset Timeout Delay ADM8690, ADM8691, ADM8692, ADM8693 ADM8694, ADM8695 Watchdog Timeout Period, Internal Oscillator Watchdog Timeout Period, External Clock Minimum WDI Input Pulse Width RESET Output Voltage @ VCC = +1 V RESET, LOW LINE Output Voltage RESET, WDO Output Voltage Output Short Circuit Source Current Output Short Circuit Sink Current WDI Input Threshold Logic Low Logic High WDI Input Current POWER FAIL DETECTOR PFI Input Threshold PFI Input Current PFO Output Voltage PFO Short Circuit Source Current PFO Short Circuit Sink Current CHIP ENABLE GATING CEIN Threshold 3.0 CEIN Pull-Up Current CEOUT Output Voltage VOUT - 1.5 VOUT - 0.05 CE Propagation Delay 3 7 3 3.5 1 10 25 Min Typ 4.75 4.5 2.0 2.0 VCC - 0.005 VCC - 0.0025 VCC - 0.2 VCC - 0.125 VBATT - 0.005 VBATT - 0.002 140 0.4 -0.1 70 50 20
(VCC = Full Operating Range, VBATT = +2.8 V, TA = TMIN to MAX unless otherwise noted)
Units Test Conditions/Comments
Max
5.5 5.5 4.25 4.0
V V V V V V V A A A mV mV mV V mA A
200 1 +0.02
IOUT = 1 mA IOUT 100 mA IOUT = 250 A, VCC < VBATT - 0.2 V IOUT = 100 A VCC = 0 V, VBATT = 2.8 V 5.5 V > VCC > VBATT + 0.2 V TA = +25C Power-Up Power-Down ISINK = 3.2 mA BATT ON = VOUT = 4.5 V Sink Current BATT ON = 0 V Source Current
0.3 0.5 55 2.5 25
4.5 4.25
4.65 4.4 40 50 200 1.6 100 4064 1011 4 0.05
4.73 4.48
V V mV ms ms s ms Cycles Cycles ns mV V V V V A mA V V A A V nA V V A mA V V A V V V ns OSC SEL = HIGH OSC SEL = HIGH Long Period Short Period Long Period Short Period VIL = 0.4, VIH = 3.5 V ISINK = 10 A, VCC = 1 V ISINK = 1.6 mA, VCC = 4.25 V ISOURCE = 1 A ISINK = 1.6 mA ISOURCE = 1 A
35 140 1.0 70 3840 768 50
70 280 2.25 140 4097 1025 20 0.4 0.4 25
3.5
Note 1 0.8 3.5 -10 1.25 -25 3.5 1 1 -1 1.3 0.01 10
WDI = VOUT WDI = 0 V VCC = +5 V ISINK = 3.2 mA ISOURCE = 1 A PFI = Low, PFO = 0 V PFI = High, PFO = VOUT VIL VIH ISINK = 3.2 mA ISOURCE = 3.0 mA ISOURCE = 1 A, VCC = 0 V
1.35 +25 0.4 25
3 25
0.8
0.4
-2-
REV. 0
ADM8690-ADM8695
Parameter OSCILLATOR OSC IN Input Current OSC SEL Input Pull-Up Current OSC IN Frequency Range OSC IN Frequency with External Capacitor Min Typ 2 5 0 4 500 Max Units A A kHz kHz Test Conditions/Comments
OSC SEL = 0 V OSC SEL = 0 V, C OSC = 47 pF
NOTE 1 WDI is a three level input which is internally biased to 38% of V CC and has an input impedance of approximately 5 M. Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25C unless otherwise noted)
ORDERING GUIDE Model Temperature Range Package Options*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +6 V VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +6 V All Other Inputs . . . . . . . . . . . . . . . . . . -0.3 V to VOUT + 0.5 V Input Current VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mA VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA Power Dissipation, N-8 DIP . . . . . . . . . . . . . . . . . . . . 400 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 120C/W Power Dissipation, N-16 DIP . . . . . . . . . . . . . . . . . . . 600 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 135C/W Power Dissipation, RU-16 DIP . . . . . . . . . . . . . . . . . . 600 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 158C/W Power Dissipation, R-16 SOIC . . . . . . . . . . . . . . . . . . 600 mW JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 110C/W Operating Temperature Range Industrial (A Version) . . . . . . . . . . . . . . . . . -40C to +85C Extended (S Version) . . . . . . . . . . . . . . . . . -55C to +125C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220C Storage Temperature Range . . . . . . . . . . . . . -65C to +150C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods of time may affect device reliability.
ADM8690AN ADM8690ARN ADM8691AN ADM8691ARN ADM8691ARW ADM8691ARU ADM8692AN ADM8692ARN ADM8693AN ADM8693ARN ADM8693ARW ADM8693ARU ADM8694AN ADM8694ARN ADM8695AN ADM8695ARW
-40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C -40C to +85C
N-8 SO-8 N-16 R-16A R-16 RU-16 N-8 SO-8 N-16 R-16A R-16 RU-16 N-8 SO-8 N-16 R-16
*N = Plastic DIP; R = Small Outline (Wide); R = Small Outline (Narrow); RU = Thin Shrink Small Outline; SO = Small Outline.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADM8690-ADM8695 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. 0
-3-
ADM8690-ADM8695
PIN FUNCTION DESCRIPTION Mnemonic Function
VCC VBATT VOUT GND RESET
Power Supply Input: +5 V Nominal. Backup Battery Input. Output Voltage, VCC or VBATT is internally switched to VOUT depending on which is at the highest potential. VOUT can supply up to 100 mA to power CMOS RAM. Connect VOUT to VCC if VOUT and VBATT are not used. 0 V. Ground reference for all signals. Logic Output. RESET goes low if 1. VCC falls below the Reset Threshold 2. The watchdog timer is not serviced within its timeout period. The reset threshold is typically 4.65 V for the ADM8690/ADM8691/ADM8694/ADM8695 and 4.4 V for the ADM8692 and ADM8693. RESET remains low for 50 ms (ADM8690/ADM8691/ADM8692/ADM8693) or 200 ms (ADM8694/ ADM8695) after VCC returns above the threshold. RESET also goes low for 50 (200) ms if the watchdog timer is enabled but not serviced within its timeout period. The RESET pulse width can be adjusted on the ADM8691/ADM8693/ ADM8695 as shown in Table I. The RESET output has an internal 3 A pull up, and can either connect to an open collector Reset bus or directly drive a CMOS gate without an external pull-up resistor.
WDI
Watchdog Input. WDI is a three level input. If WDI remains either high or low for longer than the watchdog timeout period, RESET pulses low and WDO goes low. The timer resets with each transition on the WDI line. The watchdog timer may be disabled if WDI is left floating or is driven to midsupply. Power Fail Input. PFI is the noninverting input to the Power Fail Comparator when PFI is less than 1.3 V, PFO goes low. Connect PFI to GND or VOUT when not used. Power Fail Output. PFO is the output of the Power Fail Comparator. It goes low when PFI is less than 1.3 V. The comparator is turned off and PFO goes low when VCC is below VBATT. Logic Input. The input to the CE gating circuit. Connect to GND or VOUT if not used. Logic Output. CEOUT is a gated version of the CEIN signal. CEOUT tracks CEIN when VCC is above the reset threshold. If VCC is below the reset threshold, CEOUT is forced high. See Figures 5 and 6. Logic Output. BATT ON goes high when VOUT is internally switched to the VBATT input. It goes low when VOUT is internally switched to VCC. The output typically sinks 35 mA and can directly drive the base of an external PNP transistor to increase the output current above the 100 mA rating of VOUT. Logic Output. LOW LINE goes low when VCC falls below the reset threshold. It returns high as soon as VCC rises above the reset threshold. Logic Output. RESET is an active high output. It is the inverse of RESET. Logic Oscillator Select Input. When OSC SEL is unconnected (floating) or driven high, the internal oscillator sets the reset active time and watchdog timeout period. When OSC SEL is low, the external oscillator input, OSC IN, is enabled. OSC SEL has a 3 A internal pull-up (see Table I). Oscillator Logic Input. With OSC SEL low, OSC IN can be driven by an external clock signal or an external capacitor can be connected between OSC IN and GND. This sets both the reset active pulse timing and the watchdog timeout period (see Table I and Figure 4). With OSC SEL high or floating, the internal oscillator is enabled and the reset active time is fixed at 50 ms typ. (ADM8691/ADM8693) or 200 ms typ (ADM8695). In this mode the OSC IN pin selects between fast (100 ms) and slow (1.6 s) watchdog timeout periods. In both modes, the timeout period immediately after a reset is 1.6 s typical. Logic Output. The Watchdog Output, WDO, goes low if WDI remains either high or low for longer than the watchdog timeout period. WDO is set high by the next transition at WDI. If WDI is unconnected or at midsupply, the watchdog timer is disabled and WDO remains high. WDO also goes high when LOW LINE goes low.
PFI PFO CEIN CEOUT BATT ON
LOW LINE RESET OSC SEL
OSC IN
WDO
-4-
REV. 0
ADM8690-ADM8695
PIN CONFIGURATIONS
VBATT 1 VOUT 1 VCC 2 GND 3 16 RESET 15 RESET
ADM8690 ADM8692 ADM8694
8 VBATT 7 RESET 6 WDI
VOUT 2 VCC 3 GND 4 BATT ON 5
TOP VIEW PFI 4 (Not to Scale) 5 PFO
ADM8691 ADM8693 ADM8695
14 WDO 13 CEIN
TOP VIEW 12 CEOUT (Not to Scale) 6 11 WDI LOW LINE OSC IN 7 OSC SEL 8 10 PFO 9 PFI
PRODUCT SELECTION GUIDE Part Number Nominal Reset Time Nominal VCC Reset Threshold Nominal Watchdog Timeout Period Battery Backup Switching Base Drive Ext PNP Chip Enable Signals
ADM8690 ADM8691 ADM8692 ADM8693 ADM8694 ADM8695
50 ms 50 ms or ADJ 50 ms 50 ms or ADJ 200 ms 200 ms or ADJ
4.65 V 4.65 V 4.4 V 4.4 V 4.65 V 4.65 V
1.6 s 100 ms, 1.6 s, ADJ 1.6 s 100 ms, 1.6 s, ADJ 1.6 s 100 ms, 1.6 s, ADJ
Yes Yes Yes Yes Yes Yes
No Yes No Yes No Yes
No Yes No Yes No Yes
CIRCUIT INFORMATION Battery Switchover Section
The battery switchover circuit compares VCC to the VBATT input, and connects VOUT to whichever is higher. Switchover occurs when VCC is 50 mV higher than VBATT as VCC falls, and when VCC is 70 mV greater than VBATT as VCC rises. This 20 mV of hysteresis prevents repeated rapid switching if VCC falls very slowly or remains nearly equal to the battery voltage.
VCC VBATT VOUT
If the continuous output current requirement at VOUT exceeds 100 mA, or if a lower VCC-VOUT voltage differential is desired, an external PNP pass transistor may be connected in parallel with the internal transistor. The BATT ON output (ADM8691/ ADM8693/ADM8695) can directly drive the base of the external transistor. A 7 MOSFET switch connects the VBATT input to VOUT during battery backup. This MOSFET has very low input-to-output differential (dropout voltage) at the low current levels required for battery back up of CMOS RAM or other low power CMOS circuitry. The supply current in battery back up is typically 0.4 A. The ADM8690/ADM8691/ADM8694/ADM8695 operates with battery voltages from 2.0 V to 4.25 V, and the ADM8692/ ADM8693 operates with battery voltages from 2.0 V to 4.0 V. High value capacitors, either standard electrolytic or the farad size double layer capacitors, can also be used for short-term memory backup. A small charging current of typically 10 nA (0.1 A max) flows out of the VBATT terminal. This current is useful for maintaining rechargeable batteries in a fully charged condition. This extends the life of the backup battery by compensating for its self discharge current. Also note that this current poses no problem when lithium batteries are used for backup since the maximum charging current (0.1 A) is safe for even the smallest lithium cells. If the battery switchover section is not used, VBATT should be connected to GND and VOUT should be connected to VCC.
GATE DRIVE 100 mV INTERNAL SHUTDOWN SIGNAL WHEN VBATT > (VCC + 0.7V) BATT ON (ADM8690, ADM8695)
700 mV
Figure 1. Battery Switchover Schematic
During normal operation, with VCC higher than VBATT, VCC is internally switched to VOUT via an internal PMOS transistor switch. This switch has a typical on-resistance of 0.7 and can supply up to 100 mA at the VOUT terminal. VOUT is normally used to drive a RAM memory bank which may require instantaneous currents of greater than 100 mA. If this is the case then a bypass capacitor should be connected to VOUT. The capacitor will provide the peak current transients to the RAM. A capacitance value of 0.1 F or greater may be used.
REV. 0
-5-
ADM8690-ADM8695
Power Fail RESET Output Watchdog Timer RESET
RESET is an active low output that provides a RESET signal to the Microprocessor whenever VCC is at an invalid level. When VCC falls below the reset threshold, the RESET output is forced low. The nominal reset voltage threshold is 4.65 V (ADM8690/ADM8691/ADM8694/ADM8695) or 4.4 V (ADM8692/ADM8693).
VCC V2 V1 V2 V1
RESET
t1
t1
LOW LINE
t1 = RESET TIME
V1 = RESET VOLTAGE THRESHOLD LOW V2 = RESET VOLTAGE THRESHOLD HIGH HYSTERESIS = V2-V1
The watchdog timer circuit monitors the activity of the microprocessor in order to check that it is not stalled in an indefinite loop. An output line on the processor is used to toggle the Watchdog Input (WDI) line. If this line is not toggled within the selected timeout period, a RESET pulse is generated. The nominal watchdog timeout period is preset at 1.6 seconds on the ADM8690/ADM8692/ADM8694. The ADM8691/ADM8693/ ADM8695 may be configured for either a fixed "short" 100 ms or a "long" 1.6 second timeout period or for an adjustable timeout period. If the "short" period is selected, some systems may be unable to service the watchdog timer immediately after a reset, so the ADM8691/ADM8693/ADM8695 automatically selects the "long" timeout period directly after a reset is issued. The watchdog timer is restarted at the end of reset, whether the reset was caused by lack of activity on WDI or by VCC falling below the reset threshold. The normal (short) timeout period becomes effective following the first transition of WDI after RESET has gone inactive. The watchdog timeout period restarts with each transition on the WDI pin. To ensure that the watchdog timer does not time out, either a high-to-low or low-to-high transition on the WDI pin must occur at or less than the minimum timeout period. If WDI remains permanently either high or low, reset pulses will be issued after each "long" (1.6 s) timeout period. The watchdog monitor can be deactivated by floating the Watchdog Input (WDI) or by connecting it to midsupply.
Figure 2. Power Fail Reset Timing
On power-up, RESET will remain low for 50 ms (200 ms for ADM8694 and ADM8695) after VCC rises above the appropriate reset threshold. This allows time for the power supply and microprocessor to stabilize. On power-down, the RESET output remains low with VCC as low as 1 V. This ensures that the microprocessor is held in a stable shutdown condition. This RESET active time is adjustable on the ADM8691/ ADM8693/ADM8695 by using an external oscillator or by connecting an external capacitor to the OSC IN pin. Refer to Table I and Figure 4. The guaranteed minimum and maximum thresholds of the ADM8690/ADM8691/ADM8694/ADM8695 are 4.5 V and 4.73 V, while the guaranteed thresholds of the ADM8692/ ADM8693 are 4.25 V and 4.48 V. The ADM8690/ADM8691/ ADM8694/ADM8695 is, therefore, compatible with 5 V supplies with a +10%, -5% tolerance while the ADM8692/ ADM8693 is compatible with 5 V 10% supplies. The reset threshold comparator has approximately 50 mV of hysteresis. The response time of the reset voltage comparator is less than 1 s. If glitches are present on the VCC line which could cause spurious reset pulses, then VCC should be decoupled close to the device. In addition to RESET the ADM8691/ADM8693/ADM8695 contain an active high RESET output. This is the complement of RESET and is intended for processors requiring an active high RESET signal.
WDI
WDO
t2
RESET
t3
t1
t1
t1
t1 = RESET TIME t2 = NORMAL (SHORT) WATCHDOG TIMEOUT PERIOD t3 = WATCHDOG TIMEOUT PERIOD IMMEDIATELY FOLLOWING A RESET
Figure 3. Watchdog Timeout Period and Reset Active Time
-6-
REV. 0
ADM8690-ADM8695
Table I. ADM8691, ADM8693, ADM8695 Reset Pulse Width and Watchdog Timeout Selections Watchdog Timeout Period Immediately Normal After Reset Reset Active Period ADM8691/ADM8693 ADM8695
OSC SEL
OSC IN
Low Low Floating or High Floating or High
External Clock Input External Capacitor Low Floating or High
1024 CLKS 400 ms x C/47 pF 100 ms 1.6 s
4096 CLKS 1.6 s x C/47 pF 1.6 s 1.6 s
512 CLKS 200 ms x C/47 pF 50 ms 50 ms
2048 CLKS 520 ms x C/47 pF 200 ms 200 ms
NOTE With the OSC SEL pin low, OSC IN can be driven by an external clock signal, or an external capacitor can be connected between OSC IN and GND. The nominal internal oscillator frequency is 10.24 kHz. The nominal oscillator frequency with external capacitor is: F OSC (Hz) = 184,000/C (pF)
On the ADM8690/ADM8692 the watchdog timeout period is fixed at 1.6 seconds and the reset pulse width is fixed at 50 ms. On the ADM8694 the watchdog timeout period is also 1.6 seconds but the reset pulse width is fixed at 200 ms. The ADM8691/ ADM8693/ADM8695 allow these times to be adjusted as shown in Table I. Figure 4 shows the various oscillator configurations that can be used to adjust the reset pulse width and watchdog timeout period. The internal oscillator is enabled when OSC SEL is high or floating. In this mode, OSC IN selects between the 1.6 second and 100 ms watchdog timeout periods. With OSC IN connected high or floating, the 1.6 second timeout period is selected; while with it connected low, the 100 ms timeout period is selected. In either case, immediately after a reset the timeout period is 1.6 seconds. This gives the microprocessor time to reinitialize the system. If OSC IN is low, then the 100 ms watchdog period becomes effective after the first transition of WDI. The software should be written such that the I/O port driving WDI is left in its power-up reset state until the initialization routines are completed and the microprocessor is able to toggle WDI at the minimum watchdog timeout period of 70 ms.
Watchdog Output (WDO)
8
OSC SEL
ADM8691 ADM8693 ADM8695
7 OSC IN COSC
Figure 4b. External Capacitor
NC
8
OSC SEL
ADM8691 ADM8693 ADM8695
NC 7 OSC IN
Figure 4c. Internal Oscillator (1.6 Second Watchdog)
NC
8
OSC SEL
The Watchdog Output WDO (ADM8691/ADM8693/ ADM8695) provides a status output which goes low if the watchdog timer "times out" and remains low until set high by the next transition on the Watchdog Input. WDO is also set high when VCC goes below the reset threshold.
8 OSC SEL
ADM8691 ADM8693 ADM8695
7 OSC IN
Figure 4d. Internal Oscillator (100 ms Watchdog)
ADM8691 ADM8693 ADM8695
CLOCK 0 TO 500kHz 7
OSC IN
Figure 4a. External Clock Source
REV. 0
-7-
ADM8690-ADM8695
CE Gating and RAM Write Protection (ADM8691/ADM8693/ ADM8695)
The ADM8691/ADM8693/ADM8695 products include memory protection circuitry which ensures the integrity of data in memory by preventing write operations when VCC is at an invalid level. There are two additional pins, CEIN and CEOUT, which may be used to control the Chip Enable or Write inputs of CMOS RAM. When VCC is present, CEOUT is a buffered replica of CEIN, with a 3 ns propagation delay. When VCC falls below the reset voltage threshold or VBATT, an internal gate forces CEOUT high, independent of CEIN. CEOUT typically drives the CE, CS or write input of battery backed up CMOS RAM. This ensures the integrity of the data in memory by preventing write operations when VCC is at an invalid level. Similar protection of EEPROMs can be achieved by using the CEOUT to drive the store or write inputs.
(PFI) is compared to an internal +1.3 V reference. The Power Fail Output (PFO) goes low when the voltage at PFI is less than 1.3 V. Typically PFI is driven by an external voltage divider that senses either the unregulated dc input to the system's 5 V regulator or the regulated 5 V output. The voltage divider ratio can be chosen such that the voltage at PFI falls below 1.3 V several milliseconds before the +5 V power supply falls below the reset threshold. PFO is normally used to interrupt the microprocessor so that data can be stored in RAM and the shut down procedure executed before power is lost
INPUT POWER R1
ADM869x
1.3V PFO POWER FAIL OUTPUT
R2
POWER FAIL INPUT
Figure 7. Power Fail Comparator
ADM869x
CEIN CEOUT VCC LOW = 0 VCC OK = 1
Table II. Input and Output Status In Battery Backup Mode Signal Status
VOUT RESET RESET
V1
VOUT is connected to VBATT via an internal PMOS switch. Logic low. Logic high. The open circuit output voltage is equal to VOUT. Logic low. Logic high. The open circuit voltage is equal to VOUT. WDI is ignored. It is internally disconnected from the internal pull-up resistor and does not source or sink current as long as its input voltage is between GND and VOUT. The input voltage does not affect supply current. Logic high. The open circuit voltage is equal to VOUT. The Power Fail Comparator is turned off and has no effect on the Power Fail Output. Logic low. CEIN is ignored. It is internally disconnected from its internal pull-up and does not source or sink current as long as its input voltage is between GND and VOUT. The input voltage does not affect supply current. Logic high. The open circuit voltage is equal to VOUT. OSC IN is ignored. OSC SEL is ignored.
Figure 5. Chip Enable Gating
VCC
V2
V1
V2
LOW LINE
RESET
t1
t1
BATT ON WDI
LOW LINE
WDO
CEIN
PFI PFO
CEOUT
CEIN
t1 = RESET TIME
V1 = RESET VOLTAGE THRESHOLD LOW V2 = RESET VOLTAGE THRESHOLD HIGH HYSTERESIS = V2-V1
Figure 6. Chip Enable Timing
Power Fail Warning Comparator
CEOUT OSC IN OSC SEL
An additional comparator is provided for early warning of failure in the microprocessor's power supply. The Power Fail Input
-8-
REV. 0
Typical Performance Curves-ADM8690-ADM8695
5.00
2.8 2.798
100
4.99
A4
3.36 V
2.796
4.98
90
VOUT - Volts
VOUT - Volts
2.794 2.792 2.79 2.788 2.786 150 250 350 450 550 650 750 850 950 1050 IOUT - A
4.97
4.96
10 0%
4.95
1V
1V
500ms
4.94
10
20
30
40
50 60 70 IOUT - mA
80
90 100
Figure 8. VOUT vs. IOUT Normal Operation
Figure 9. VOUT vs. IOUT Battery Backup
Figure 10. Reset Output Voltage vs Supply Voltage
1.315 1.31
RESET ACTIVE TIME - ms
53 VCC = +5V 52
4.69
RESET VOLTAGE THRESHOLD - V
VCC = +5V 4.67 4.65 4.63 4.61 4.59 4.57 4.55 -60
PFI INPUT THRESHOLD - Volts
1.305 1.3 1.295 1.29 1.285 1.28 -60
51
50
ADM8690 ADM8691 ADM8692 ADM8693
-30
0
30
60
90
120
49 20
40
TEMPERATURE - C
60 80 100 TEMPERATURE - C
120
-30
0 30 60 TEMPERATURE - C
90
120
Figure 11. PFI Input Threshold vs. Temperature
Figure 12. Reset Active Time vs. Temperature
Figure 13. Reset Voltage Threshold vs. Temperature
6 5 4 3 2 1 0 VPFI PFO 1.3V 30pF VCC = 5V TA = +25C
6 5 4 3 2 1 1.3V 0 VPFI PFO 30pF VCC = 5V TA = +25C
6 5 4 3 2 1 0 VPFI PFO 1.3V 30pF +5V 10k VCC = 5V TA = +25C
1.35 1.25 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 TIME - s
1.35 1.25 0 10 20 30 40 50 60 TIME - s 70 80 90
1.35 1.25 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 TIME - s
Figure 14. Power Fail Comparator Response Time
Figure 15. Power Fail Comparator Response Time
Figure 16. Power Fail Comparator Response Time with Pull-Up Resistor
REV. 0
-9-
ADM8690-ADM8695
+APPLICATION INFORMATION Increasing the Drive Current Monitoring the Status of the Battery
If the continuous output current requirements at VOUT exceed 100 mA, or if a lower VCC-VOUT voltage differential is desired, an external PNP pass transistor may be connected in parallel with the internal transistor. The BATT ON output (ADM8691/ ADM8693/ADM8695) can directly drive the base of the external transistor.
+5V INPUT POWER 0.1F VCC VBATT BATTERY BATT ON VOUT PNP TRANSISTOR 0.1F
The power fail comparator can be used to monitor the status of the backup battery instead of the power supply if desired. This is shown in Figure 20. The PFI input samples the battery voltage and generates an active low PFO signal when the battery voltage drops below a chosen threshold. It may be necessary to apply a test load in order to determine the loaded battery voltage. This can be done under processor control using CEOUT. Since CEOUT is forced high during the battery backup mode, the test load will not be applied to the battery while it is in use, even if the microprocessor is not powered.
+5V INPUT POWER
ADM8691 ADM8693 ADM8695
BATTERY 10M
VBATT
VCC PFO LOW BATTERY SIGNAL TO P I/O PIN CEIN
PFI
Figure 17. Increasing the Drive Current
Using a Rechargeable Battery for Backup
ADM869x
If a capacitor or a rechargeable battery is used for backup then the charging resistor should be connected to VOUT since this eliminates the discharge path that would exist during powerdown if the resistor is connected to VCC.
I= +5V INPUT POWER 0.1F VCC VBATT RECHARGEABLE BATTERY VOUT - VBATT R R VOUT
20k OPTIONAL TEST LOAD
10M FROM P I/O PIN APPLIES TEST LOAD TO BATTERY
CEOUT
Figure 20. Monitoring the Battery Status
Alternate Watchdog Input Drive Circuits
0.1F
The watchdog feature can be enabled and disabled under program control by driving WDI with a three-state buffer (Figure 21a). When three-stated, the WDI input will float, thereby disabling the watchdog timer.
WATCHDOG STROBE CONTROL INPUT WDI
ADM869x
ADM869x
Figure 18. Rechargeable Battery
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis may be added to the power fail comparator. Since the comparator circuit is noninverting, hysteresis can be added simply by connecting a resistor between the PFO output and the PFI input as shown in Figure 19. When PFO is low, resistor R3 sinks current from the summing junction at the PFI pin. When PFO is high, the series combination of R3 and R4 source current into the PFI summing junction. This results in differing trip levels for the comparator.
+7V TO +15V INPUT POWER R1 PFI R2 7805 +5V VCC 1.3V PFO R4 TO P NMI
Figure 21a. Programming the Watchdog Input
ADM869x
R3
This circuit is not entirely foolproof, and it is possible that a software fault could erroneously three-state the buffer. This would then prevent the ADM869x from detecting that the microprocessor is no longer operating correctly. In most cases a better method is to extend the watchdog period rather than disabling the watchdog. This may be done under program control using the circuit shown in Figure 21b. When the control input is high, the OSC SEL pin is low and the watchdog timeout is set by the external capacitor. A 0.01 F capacitor sets a watchdog timeout delay of 100 seconds. When the control input is low, the OSC SEL pin is driven high, selecting the internal oscillator. The 100 ms or the 1.6 s period is chosen, depending on which diode in Figure 21b is used. With D1 inserted, the internal timeout is set at 100 ms; with D2 inserted the timeout is set at 1.6 s.
CONTROL INPUT* OSC SEL D1 D2
5V
VH = 1.3V
(1+
R1 R1 + R2 R3
)
ADM869x
OSC IN *LOW = INTERNAL TIMEOUT HIGH = EXTERNAL TIMEOUT
PFO
VL = 1.3V
R1 (5V 1.3V) (1+ R1 - 1.3V (R- + R ) ) R
2 3 4
0V 0V VL VIN VH
ASSUMING R4 < < R3 THEN HYSTERESIS VH - VL = 5V
( R1 ) R
2
Figure 21b. Programming the Watchdog Input
Figure 19. Adding Hysteresis to the Power Fail Comparator
-10-
REV. 0
ADM8690-ADM8695
TYPICAL APPLICATIONS ADM8690, ADM8692 and ADM8694
Figure 22a shows the ADM8690/ADM8692/ADM8694 in a typical power monitoring, battery backup application. VOUT powers the CMOS RAM. Under normal operating conditions with VCC present, VOUT is internally connected to VCC. If a power failure occurs, VCC will decay and VOUT will be switched to VBATT thereby maintaining power for the CMOS RAM. A RESET pulse is also generated when VCC falls below 4.65 V for the ADM8690/ADM8694 or 4.4 V for the ADM8692. RESET will remain low for 50 ms (200 ms for ADM8694) after VCC returns to 5 V. The watchdog timer input (WDI) monitors an I/O line from the P system. This line must be toggled once every 1.6 seconds to verify correct software execution. Failure to toggle the line indicates that the P system is not correctly executing its program and may be tied up in an endless loop. If this happens, a reset pulse is generated to initialize the processor. If the watchdog timer is not needed, the WDI input should be left floating. The Power Fail Input, PFI, monitors the input power supply via a resistive divider network. The voltage on the PFI input is compared with a precision 1.3 V internal reference. If the input voltage drops below 1.3 V, a power fail output (PFO) signal is generated. This warns of an impending power failure and may be used to interrupt the processor so that the system may be shut down in an orderly fashion. The resistors in the sensing network are ratioed to give the desired power fail threshold voltage VT. VT = (1.3 R1/R2) + 1.3 V R1/R2 = (VT/1.3) - 1
+5V R1 PFI R2 VCC VOUT P POWER CMOS RAM POWER 0.1F
Figure 22b shows a similar application but in this case the PFI input monitors the unregulated input to the 7805 voltage regulator. This gives an earlier warning of an impending power failure. It is useful with processors operating at low speeds or where there are a significant number of housekeeping tasks to be completed before the power is lost.
INPUT POWER V > 8V 7805 R1 PFI R2 +5V 0.1F VCC VOUT 0.1F P POWER CMOS RAM POWER
ADM8690 ADM8692 ADM8694
VBATT + RESET PFO GND WDI
P SYSTEM
P RESET P NMI I/O LINE
BATTERY
Figure 22b. ADM8690/ADM8692/ADM8694 Typical Application Circuit B
ADM8691, ADM8693 and ADM8695
A typical connection for the ADM8691/ADM8693/ADM8695 is shown in Figure 23. CMOS RAM is powered from VOUT. When 5 V power is present this is routed to VOUT. If VCC fails then VBATT is routed to VOUT. VOUT can supply up to 100 mA from VCC, but if more current is required, an external PNP transistor can be added. When VCC is higher than VBATT, the BATT ON output goes low, providing up to 25 mA of base drive for the external transistor. A 0.1 F capacitor is connected to VOUT to supply the transient currents for CMOS RAM. When VCC is lower than VBATT, an internal 20 MOSFET connects the backup battery to VOUT.
INPUT POWER +5V 0.1F VCC 3V BATTERY R1 PFI GND NC VBATT BATT ON VOUT CEOUT CEIN 0.1F CMOS RAM ADDRESS DECODE A0-A15 WDI OSC IN OSC SEL PFO RESET WDO RESET 0.1F I/O LINE NMI RESET
ADM8690 ADM8692 ADM8694
VBATT RESET PFO GND WDI
P SYSTEM
P RESET P NMI I/O LINE
R2
ADM8691 ADM8693 ADM8695
+ BATTERY
P
Figure 22a. ADM8690/ADM8692/ADM8694 Typical Application Circuit A
LOW LINE
SYSTEM STATUS INDICATORS
Figure 23. ADM8691/ADM8693/ADM8695 Typical Application
REV. 0
-11-
ADM8690-ADM8695
RESET Output RAM Write Protection
The internal voltage detector monitors VCC and generates a RESET output to hold the microprocessor's Reset line low when VCC is below 4.65 V (4.4 V for ADM8693). An internal timer holds RESET low for 50 ms (200 ms for the ADM8695) after VCC rises above 4.65 V (4.4 V for ADM8693). This prevents repeated toggling of RESET even if the 5 V power drops out and recovers with each power line cycle. The crystal oscillator normally used to generate the clock for microprocessors can take several milliseconds to stabilize. Since most microprocessors need several clock cycles to reset, RESET must be held low until the microprocessor clock oscillator has started. The power-up RESET pulse lasts 50 ms (200 ms for the ADM8695) to allow for this oscillator start-up time. If a different reset pulse width is required, then a capacitor should be connected to OSC IN or an external clock may be used. Please refer to Table I and Figure 4. The manual reset switch and the 0.1 F capacitor connected to the reset line can be omitted if a manual reset is not needed. An inverted, active high, RESET output is also available.
Power Fail Detector
The ADM8691/ADM8693/ADM8695 CEOUT line drives the Chip Select inputs of the CMOS RAM. CEOUT follows CEIN as long as VCC is above the 4.65 V (4.4 V for ADM8693) reset threshold. If VCC falls below the reset threshold, CEOUT goes high, independent of the logic level at CEIN. This prevents the microprocessor from writing erroneous data into RAM during power-up, power-down, brownouts and momentary power interruptions.
Watchdog Timer
The +5 V VCC power line is monitored via a resistive potential divider connected to the Power Fail Input (PFI). When the voltage at PFI falls below 1.3 V, the Power Fail Output (PFO) drives the processor's NMI input low. If for example a Power Fail threshold of 4.8 V is set with resistors R1 and R2, the microprocessor will have the time when VCC falls from 4.8 V to 4.65 V to save data into RAM. An earlier power fail warning can be generated if the unregulated dc input to the 5 V regulator is available for monitoring. This will allow more time for microprocessor housekeeping tasks to be completed before power is lost.
The microprocessor drives the Watchdog Input (WDI) with an I/O line. When OSC IN and OSC SEL are unconnected, the microprocessor must toggle the WDI pin once every 1.6 seconds to verify proper software execution. If a hardware or software failure occurs such that WDI is not toggled, the ADM8691/ ADM8693 will issue a 50 ms (200 ms for ADM8695) RESET pulse after 1.6 seconds. This typically restarts the microprocessor's power-up routine. A new RESET pulse is issued every 1.6 seconds until WDI is again strobed. If a different watchdog timeout period is required, then a capacitor should be connected to OSC IN or an external clock may be used. Please refer to Table I and Figure 4. The Watchdog Output (WDO) goes low if the watchdog timer is not serviced within its timeout period. Once WDO goes low, it remains low until a transition occurs at WDI. The watchdog timer feature can be disabled by leaving WDI unconnected. The RESET output has an internal 3 A pull-up, and can either connect to an open collector reset bus or directly drive a CMOS gate without an external pull-up resistor.
-12-
REV. 0
ADM8690-ADM8695
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP (N-8)
0.430 (10.92) 0.348 (8.84)
8 5
0.280 (7.11) 0.240 (6.10)
1 4
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93)
0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN SEATING PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.022 (0.558) 0.100 0.070 (1.77) 0.014 (0.356) (2.54) 0.045 (1.15) BSC
0.015 (0.381) 0.008 (0.204)
16-Lead Plastic DIP (N-16)
0.840 (21.33) 0.745 (18.93)
16 1 9 8
0.280 (7.11) 0.240 (6.10) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81)
PIN 1 0.210 (5.33) 0.200 (5.05) 0.125 (3.18) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.015 (0.381) 0.008 (0.204)
REV. 0
-13-
ADM8690-ADM8695
8-Lead Small Outline (SO-8)
0.1968 (5.00) 0.1890 (4.80)
8 1 5 4
0.1574 (4.00) 0.1497 (3.80)
0.2440 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 0.0192 (0.49) (1.27) 0.0138 (0.35) BSC
0.0098 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
16-Lead Small Outline (Wide Body) (R-16)
0.413 (10.50)
16 9
0.299 (7.60)
1 8
0.419 (10.65)
PIN 1 0.012 (0.3)
0.104 (2.65)
0.030 (0.75)
SEATING PLANE
0.05 (1.27) BSC
0.019 (0.49)
0.042 (1.07) 0.013 (0.32)
16-Lead Small Outline (Narrow Body) (R-16A)
0.3937 (10.00) 0.3859 (9.80)
16 1 9 8
0.1574 (4.00) 0.1497 (5.80)
0.2550 (6.20) 0.2284 (5.80)
PIN 1 0.0098 (0.25) 0.0040 (0.10)
0.0688 (1.75) 0.0532 (1.35)
0.0196 (0.50) x 45 0.0099 (0.25)
SEATING PLANE
0.0500 (1.27) BSC
0.0192 (0.49) 0.0138 (0.35)
0.0099 (0.25) 0.0075 (0.19)
8 0
0.0500 (1.27) 0.0160 (0.41)
-14-
REV. 0
ADM8690-ADM8695
16-Lead Thin Shrink Small Outline (RU-16)
0.201 (5.10) 0.193 (4.90)
16
9
0.177 (4.50) 0.169 (4.30)
1
8
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090)
0.256 (6.50) 0.246 (6.25)
SEATING PLANE
8 0
0.028 (0.70) 0.020 (0.50)
REV. 0
-15-
-16-
C2932-10-2/97
PRINTED IN U.S.A.
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of ADM8692ARN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X