Part Number Hot Search : 
UDZS15B 204C56AD C2502 ULTRONIX 2D161C 12N60 CTUP3B 2SK27
Product Description
Full Text Search
 

To Download 8ETL06FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20698 rev. B 02/04
8ETL06 8ETL06S 8ETL06-1 8ETL06FP
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC
Features
* * * * * * Benchmark Ultra-low Forward Voltage Drop Hyperfast Recovery Time Low Leakage Current 175C Operating Junction Temperature Fully Isolated package (VINS = 2500 VRMS) UL E78996 approved
VF = 0.96V typ. IF(AV) = 8Amp VR = 600V
Description
State of the art, ultra-low VF, soft-switching Hyperfast Rectifiers optimized for Discontinuous (Critical) Mode (DCM) Power Factor Correction (PFC). The minimised conduction loss, optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. The device is also intended for use as a free wheeling diode in power supplies and other power switching applications.
Applications
AC-DC SMPS 70W-400W e.g. Laptop & Printer AC Adaptors, Desktop PC, TV & Monitor, Games units and DVD AC-DC power supplies.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFM TJ, TSTG Peak Repetitive Reverse Voltage Average Rectified Forward Current @ TC = 160C @ TC = 142C (FULLPACK) Non Repetitive Peak Surge Current @ TJ = 25C Peak Repetitive Forward Current Operating Junction and Storage Temperatures 175 16 - 65 to 175 C
Max
600 8
Units
V A
Case Styles
8ETL06
8ETL06S
8ETL06-1
8ETL06FP
Base Cathode
2
Base Cathode
2
2
1
1 3
3
1
3
1
3
Cathode
Anode
Cathode
Anode
N/C
Anode
N/C
Anode
TO-220AC www.irf.com
D2PAK
TO-262
TO-220 FULLPACK 1
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
600 V V V A A pF nH IR = 100A IF = 8A, TJ = 25C IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 600V Measured lead to lead 5mm from package body
0.96 1.05 0.81 0.86 0.05 20 17 8.0 5 100 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TC = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
60 150 170 250 15 20 1.3 2.6 100 250 C A ns IF = 1A, diF/dt = 100A/s, VR = 30V IF = 8A, diF/dt = 100A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A diF /dt = 200A/s VR = 390V
IRRM
Peak Recovery Current
-
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Per Leg
Min
- 65 -
Typ
1.4 3.4 0.5 2.0 0.07 -
Max
175 175 2 4.3 70 12 10
Units
C
C/W
Fullpack (Per Leg) RthJA RthCS Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Per Leg
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
100
100 10 1 0.1 0.01
Tj = 175C 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I F (A)
10
T = 175C J T = 150C J T = 25C J
Reverse Current - I R (A)
0.001 100
200
300
400
500
600
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
100
1
Junction Capacitance - C T (pF)
T J = 25C
0.1 0.4
10
0.8
1.2
1.6
2
0
100
200
300
400
500
600
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
Thermal Impedance Z thJC (C/W)
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001 0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
1
www.irf.com
3
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
10
Thermal Impedance Z thJC (C/W)
1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
PDM
t1 t2
0.1
Notes: 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.001 0.01 0.1 1 10 t1, Rectangular Pulse Duration (Seconds) Fig. 5 - Max. Thermal Impedance Z thJC Characteristics (FULLPACK)
0.0001
100
180
Allowable Case Temperature (C)
180
Allowable Case Temperature (C)
175 170 165 160 155
see note (3)
160
DC
140 120
DC
Square wave (D = 0.50) Rated Vr applied
Square wave (D = 0.50) Rated Vr applied
100 see note (3) 80
150 0 2 4 6 8 10 12 14
Average Forward Current - IF(AV) (A) Fig. 6 - Max. Allowable Case Temperature Vs. Average Forward Current
0
2 4 6 8 10 12 14 Average Forward Current - IF(AV) (A)
Fig. 7 - Max. Allowable Case Temperature Vs. Average Forward Current (FULLPACK)
12
Average Power Loss ( Watts )
10 8 6 4 2 0 0
Average Forward Current - IF(AV) (A)
DC D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 8); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
RMS Limit
2
4
6
8
10
12
Fig. 8 - Forward Power Loss Characteristics
4
www.irf.com
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
450 400 350 300
Qrr ( nC ) trr ( ns )
IF = 16 A IF = 8 A
5000 4500 4000 3500 3000 2500 2000 1500
V R = 390V T J = 125C T J = 25C
IF = 16 A IF = 8 A
250 200 150 100 50 0 100
di F /dt (A/s ) Fig. 9 - Typical Reverse Recovery vs. di F /dt
1000 500 100
V R = 390V T J = 125C T J = 25C
1000
1000
di F /dt (A/s )
Fig. 10 - Typical Stored Charge vs. di F /dt
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
diF /dt
dif/dt ADJUST
D G IRFP250 S
Fig. 11- Reverse Recovery Parameter Test Circuit
www.irf.com
5
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
3
IF 0
t rr ta tb
4
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 12 - Reverse Recovery Waveform and Definitions
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 1 14.09 (0.55) 13.47 (0.53) 3 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03) 2.89 (0.11) 2.64 (0.10) 0.10 (0.004) 2.92 (0.11) 2.54 (0.10) TERM 2 DIA. 6.48 (0.25) 6.23 (0.24) 2
1 3
1.32 (0.05) 1.22 (0.05)
Base Cathode
2
Cathode
Anode
1 4.57 (0.18) 4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conforms to JEDEC Outline TO-220AC Dimensions in millimeters and (inches)
6
www.irf.com
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
Outline Table
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
Base Cathode
2
0.55 (0.02) 0.46 (0.02)
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1 3
N/C
1 3
4.57 (0.18)
Anode
4.32 (0.17)
2 0.61 (0.02) MAX. 5.08 (0.20) REF.
8.89 (0.35)
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
2.54 (0.10) 2X
Conforms to JEDEC Outline D2PAK Dimensions in millimeters and (inches)
2
1
3
N/C
Anode
NC
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
7
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
Outline Table
10.6 10.4
HOLE o 3.4 3.1 2.8 2.6
3.7 3.2
1
3
Cathode
Anode
7.1 6.7 16.4 15.4 16.0 15.8
10
3.1 3.3
13.7
2.54 TYP.
0.9 0.7 2.54 TYP.
0.48 0.44 2.85 2.65
1.15 1.4 1.3 1.05
TYP
R0.7 (2 PLACES) R0.5
4.8 4.6
Conforms to JEDEC Outline TO-220 FULLPACK Dimensions in millimeters and (inches)
5 0.5 5 0.5
Ordering Information Table
Device Code
8
1
E
2
T
3
L
4
06
5
-1
6
1 2 3 4 5 6
-
Current Rating (8 = 8A) E T L = Single Diode = TO-220, D2Pak = Ultra-low VF HyperFast Recovery
Voltage Rating (06 = 600V) "-1" = TO-262 Option S = D2Pak None = TO-220AC FP = TO-220 FULLPACK
8
13.5
www.irf.com
8ETL06, 8ETL06S, 8ETL06-1, 8ETL06FP
Bulletin PD-20698 rev. B 02/04
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/04
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of 8ETL06FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X