Part Number Hot Search : 
BTB15C18 T74LS133 2SA102 S9018 MP508W MEGA3 VSIB660 1F155APF
Product Description
Full Text Search
 

To Download 2SA1961 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1961
Silicon PNP epitaxial planer type
For general amplification Complementary to 2SC5419
6.90.1
0.15
Unit: mm
1.05 2.50.1 0.05 (1.45) 0.8
0.5 4.50.1 0.45-0.05 2.50.1
0.7
4.0
s Features
q
0.65 max.
1.0 1.0
0.2
High collector to emitter voltage VCEO.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings -200 -200 -5 - 0.1 -70 1 150 -55 ~ +150 1cm2 Unit V V V A mA W C C
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
0.45-0.05
+0.1
+0.1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
2.50.5 1 2
2.50.5 3
1:Emitter 2:Collector 3:Base MT2 Type Package
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
1.20.1 0.65 max. 0.45+0.1 - 0.05
(HW type)
s Electrical Characteristics
Parameter Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCEO VEBO hFE fT Cob
*1
Conditions IC = -100A, IB = 0 IE = -1A, IC = 0 VCE = -10V, IC = -5mA IC = -50mA, IB = -5mA VCB = -5V, IE = 10mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min -200 -5 30
typ
max
14.50.5
Unit V V
150 -2.5 30 7
- V MHz pF
VCE(sat)
*1h
FE
Rank classification
P 30 ~ 100 Q 60 ~ 150
Rank hFE
1
Transistor
PC -- Ta
2.0 -120 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C -100 -100 - 0.9mA - 0.8mA - 0.7mA - 0.6mA -60 - 0.5mA - 0.4mA -40 - 0.3mA - 0.2mA - 0.1mA 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 0 0
2SA1961
IC -- VCE
-120 VCE=-10V 25C Ta=75C -80 -25C
IC -- VBE
Collector power dissipation PC (W)
Collector current IC (mA)
-80
1.2
Collector current IC (mA)
1.6
IB=-1.0mA
-60
0.8
-40
0.4
-20
-20
- 0.2 - 0.4 - 0.6 - 0.8 -1.0
-1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1 Ta=75C 25C -25C IC/IB=10 240
hFE -- IC
24
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-10V f=1MHz IE=0 Ta=25C
Forward current transfer ratio hFE
210 180 150 Ta=75C 120 25C 90 60 30 0 -1 -25C
20
16
- 0.3 - 0.1 - 0.03 - 0.01
12
8
4
- 0.003 - 0.001 -1
-3
-10
-30
-100 -300 -1000
-3
-10
-30
-100 -300 -1000
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Collector current IC (mA)
Collector to base voltage VCB (V)
2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 2SA1961

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X