Part Number Hot Search : 
HCT04 SAC18 EX162002 3NC120 02040 PIC16F MAS1C 8K63V4X5
Product Description
Full Text Search
 

To Download 10BF20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet PD-20482 rev. B 06/99
10BF.. Series
SURFACE MOUNTABLE ULTRAFAST RECOVERY DIODE
SMB (DO-214AA)
Major Ratings and Characteristics Characteristics
10
I F(AV) VRRM I FSM VF trr TJ @ 1 A, TJ = 25C @ TJ = 25C range 0.95 35
Features Units
For surface mounted applications Low profile package
A V A 1.7 100 V ns C
10BF..
20 40
1 100 to 800 30 1.4 50 - 50 to 150
60
80
Built-in stress relief Compatible with all pick & place equipments Ultrafast recovery times for high efficiency Plastic package has Underwriters Laboratory Flammability Classification 94V-O Glass passivated junction High temperature soldering: 260C\10 seconds at terminals
1.91 (.075) 2.11 (.083)
3.30 (.130 ) 3.94 (.155 )
4.06 (.160) 4.70 (.185) .152 (.006) .305 (.012) 2.13 (.083) 2.44 (.096) 0.76 (.030) 1.27 (.050) .102 (.004) .203 (.008) 5.08 (.200) 5.59 (.220)
Outline SMB (DO-214AA) Dimensions in millimeters and (inches)
1
10BF.. Series
Preliminary Data Sheet PD-20482 rev. B 06/99
Voltage Ratings
V RRM , maximum Part Number peak reverse voltage V
100 200 400 600 800
VDC , maximum blocking voltage V
100 200 400 600 800
IRRM 100C A
100
10BF10 10BF20 10BF40 10BF60 10BF80
Maximum Ratings and Electrical Characteristics
Parameters
10 20
10BF..
40 60 80
Units Conditions
A A @ T L = 100 C 8.3ms single half sine wave superimposed on rated load (JEDEC Method)TA = 55 C
I F(AV) Maximum Average Forward Current IFSM Peak Forward Surge Current
1 30
VFM Max. Instantaneous ForwardVoltage IRM Maximum DC Reverse Current at Rated DC Blocking Voltage t rr CJ Reverse Recovery Time Typical Junction Capacitance
0.95
1.4 10 100
1.7
V A
@ 3A T A = 25 C T A = 100 C
35 10 35
50
100 15 30
ns pf
I F = 0.5A, IR = 1.0A, Irr = 0.25A @ 1.0MHz applied reversevoltage of 4.0V
RthJ Maximum Thermal Resistance TJ Operating Temperature Range
C/W 8.0mm 2 (.013mm thick) land areas C C g (oz) JEDEC molded plastic
- 50 to 150 - 50 to 150 0.21 (0.007) SMB/DO-214AA
T stg Storage Temperature Range wt Approximate Weight Case Style
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load. For capacitive load, derate current by 20%.
2
10BF.. Series
Preliminary Data Sheet PD-20482 rev. B 06/99
50 S NON INDUCTIVE
10 S NON INDUCTIVE
trr +0.5A
D.U.T. (-) (+) (-)
25 V dc (a pprox) 1S NON INDUCTIVE OSCILLOSCOPE NOTE 1 PULSE GENERATOR NOTE 2
0 -0.25 A
(+)
-1 A SET TIME BASE FOR 10nsec/cm 1c m
Fig. 1 - Reverse Recovery Time Characteristic and Test Circuit Diagram
10 Instantaneous Forward Current (A) 10BF10/20
1000 Junction Capacitance - C T (pF)
Typical 1 T J = 25C
10BF40/60
100 10BF10/20
10BF80 0.1
10 10BF40/60/80
0.01 0 0.2 0.4 0.6 0.8 1 1.2 1.4 Instantaneous Forward Voltage (V)
1 0 20 40 60 80 100 Reverse Voltage - V R (V)
Fig. 2 - Typical Forward Characteristics
150 140 Lead Temperature - (C) 130 120 110 100 90 80 70 60 50 0 0.2 0.4 0.6 0.8 1 1.2 Average Forward Current - I F (AV) (A) Single phase half wave 60Hz resistive or inductive load P.C.B. mounted on 0.315x0.315" (8x8mm) copper pad areas
Fig. 3 - Typical Junction Capacitance
100 Peak Forward Surge Current - I FSM (A)
10
8.3ms Single Half Sine Wave JEDEC Method
1 1 10 Number of Cycles at 60HZ 100
Fig. 4 - Forward Current Derating Curve
Fig. 5 - Peak Forward Surge Current
3
10BF.. Series
Preliminary Data Sheet PD-20482 rev. B 06/99
Ordering Information Table
Device Code
10
1
B
2
F
3
80
4
1 2 3 4
-
Current Rating x 10: 10 = 1A B = DO-214AA (SMB) Surface Mount F = Ultrafast Recovery Voltage code: Code = VRRM / 10
Tape & Reel Information
Dimensions in millimeters and (inches)
4


▲Up To Search▲   

 
Price & Availability of 10BF20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X