Part Number Hot Search : 
32210 16511 27T683C GL826 C155T 2SJ661 74LX1G08 BSS138W1
Product Description
Full Text Search
 

To Download ZY12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
ZY7.5V to ZY47V DO- 41 Glass Axial Package
For use in Stabilizing and Clipping Circuits with High Power Rating ABSOLUTE MAXIMUM RATINGS DESCRIPTION Power Dissipation @ Ta=25C Junction Temperature Storage Temperature Range THERMAL RESISTANCE Junction to ambient in free air
SYMBOL *PD Tj Tstg
VALUE 2 150 - 55 to+150
UNIT W C C
*Rth (j-a)
60
K/W
*Valid provided that leads are kept at ambient temperature at a distance of 10mm from case ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) VF <1.1V @ 1A **Zener Voltage Dynamic Resistance Device # Temp . Coeff Test Reverse @ IZT @ IZT Current Voltage of Zener Voltage @ IZ test @ IZ test @ IR = 1 A f=1KHz min max (max) VZ (V) rzj ( ) IZT (mA) VR (V) VZ10 -4/K 2 ZY7.5 7.0 7.9 -0......+7 100 >2.0 2 ZY8.2 7.7 8.7 +3......+8 100 >3.5 4 ZY9.1 8.5 9.6 +3......+8 50 >7.4 4 ZY10 9.4 10.6 +5......+9 50 >8.2 7 ZY11 10.4 11.6 +5......+10 50 >9.2 7 ZY12 11.4 12.7 +5......+10 50 >10 10 ZY13 12.4 14.1 +5......+10 50 >10.7 10 ZY15 13.8 15.8 +5......+10 50 >12 15 ZY16 15.3 17.1 +6......+11 25 >13.3 15 ZY18 16.8 19.1 +6......+11 25 >14.7 15 ZY20 18.8 21.2 +6......+11 25 >16.5 15 ZY22 20.8 23.3 +6......+11 25 >18.3 15 ZY24 22.8 25.6 +6......+11 25 >20.1 15 ZY27 25.1 28.9 +6......+11 25 >22.5 15 ZY30 28 32 +6......+11 25 >25.1 15 ZY33 31 35 +6......+11 25 >27.8 40 ZY36 34 38 +6......+11 10 >30.2 40 ZY39 37 41 +6......+11 10 >32.9 45 ZY43 40 46 +7......+12 10 >35.6 45 ZY47 44 50 +7......+12 10 >39.2 **Tested with Pulse tp=5ms *** Valid provided that leads are kept at ambient temperature at a distance of 10mm from case
ZY7.5_47V Rev _2 050604E
***Admissible Zener Current @ Ta=45C IZ (mA) 200 180 165 145 135 120 110 98 90 80 72 66 60 53 48 4 40 37 33 30
Continental Device India Limited
Data Sheet
Page 1 of 3
ZY7.5V to ZY47V DO- 41 Glass Axial Package DO- 41 Glass Axial Package
A B A DIM A C B NOTES 1. Cathode is marked by Band. 2. All dimensions are in mm. C D D MIN 27.90 4.06 0.71 2.03 MAX -- 5.51 0.87 2.72
DO-41, 52mm Taping Specification
1.05 MAX.
1.5 R MAX.
5.50 4.50
52 mm Taping Specification 1. T & A indicates Axil Tape & Ammo packing (52 mm Tape Spacing). 2. 300 mm (min) leader tape on every spool. 3. No. of empty places allowed 0.25% without consecutive empty places. 4. Ends of leads shall preferably not protrude beyond the tapes. 5. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
LEADER
CENTRE LINE 1.05
54.00 50.00
6.0 5.0
52.0 11 DIODES 48.0 All dimensions in mm.
ED FE
6.0 1. 0 52 2 .0 .0
6.0 1. 0
TAPES
85.0 mm
LABEL
m .0 m 255
73. 5m m
DO-41:- 2500 pcs./Ammo Pack DIODE AMMO PACK
On request also available in 26 mm Tape and Ammo Pack
Packing Detail
PACKAGE Details DO-41 T&A STANDARD PACK Net Weight/Qty Size 10" x 3.5" x 3.5" INNER CARTON BOX Qty 2.5K Size 12.7" x 12.7" x 20" OUTER CARTON BOX Qty 62.5K Gr Wt 30 kgs
2.5K/ ammo box 1.04 kg/ 2.5K pcs
ZY7.5_47V Rev _2 050604E
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
ZY7.5V to ZY47V DO- 41 Glass Axial Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
ZY7.5_47V Rev _2 050604E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of ZY12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X