Part Number Hot Search : 
MC9S12 XVT9002 1R200 VR1203W CS5346 CRZ16 MS12ANA DK2053WB
Product Description
Full Text Search
 

To Download W503GDT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5x5mm SQUARE TOP LED LAMP
W503GDT
GREEN
Features
!LOW !WIDE
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
POWER CONSUMPTION. VIEWING ANGLE. AND RUGGED. UNIFORMITY OF LIGHT OUTPUT.
!RELIABLE
!EXCELLENT !IDEAL !LONG
AS FLUSH MOUNTED PANEL INDICATORS. LIFE - SOLID STATE RELIABILITY.
Package Dimensions
w
w
w
.D
at
aS
he
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
et
4U
.c
SPEC NO:DSAD1927 APPROVED: J.Lu
REV NO: V.1 CHECKED:Allen Liu
om
DATE:APR/16/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 3
www..com
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 10 m A Min . W503GDT GREEN (GaP) GREEN DIFFUSED 1 Ty p . 3 V i ew i n g An g l e 2 1/2 110
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C VF IR P ar am et er Peak Wavelength Dominate Wavelength Green Green D ev i c e Ty p . 565 568 30 15 2.2 2.5 10 Max . Un its nm nm nm pF V uA Tes t Co n d it io n s I F =20mA I F =20mA I F =20mA VF=0V;f=1MHz I F =20mA VR = 5V
Spectral Line Half-width Green Capacitance Forward Voltage Reverse Current Green Green Green
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Gr een 105 25 140 5 -40C To +85C 260C For 5 Seconds
Un its mW mA mA V
SPEC NO:DSAD1927 APPROVED: J.Lu
REV NO: V.1 CHECKED:Allen Liu
DATE:APR/16/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 3
Green
W503GDT
SPEC NO:DSAD1927 APPROVED: J.Lu
REV NO: V.1 CHECKED:Allen Liu
DATE:APR/16/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of W503GDT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X