Part Number Hot Search : 
29LV033 ICM72 EC3SM LT323A SG2812 ST63126 LVC245A LS4148L0
Product Description
Full Text Search
 

To Download UTC2SB772S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SB772S
PNP EPITAXIAL SILICON TRANSISTOR
MEDIUM POWER LOW VOLTAGE TRANSISTOR
DESCRIPTION
The UTC 2SB772S is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator.
1
FEATURES
*High current output up to 3A *Low saturation voltage *Complement to 2SD882S
TO-92
1:EMITTER
2:COLLECTOR
3:BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25C ,unless otherwise specified )
PARAMETER
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Dissipation( Tc=25C) Collector Dissipation( Ta=25C) Collector Current(DC) Collector Current(PULSE) Base Current Junction Temperature Storage Temperature
SYMBOL
VCBO VCEO VEBO Pc Pc Ic Ic IB Tj TSTG
VALUE
-40 -30 -5 10 1 -3 -7 -0.6 150 -55 ~ +150
UNIT
V V V W W A A A C C
ELECTRICAL CHARACTERISTICS(Ta=25C,unless otherwise specified)
PARAMETER
Collector Cut-Off Current Emitter Cut-Off Current DC Current Gain(note 1)
SYMBOL
TEST CONDITIONS
VCB=-30V,IE=0 VEB=-3V,Ic=0 VCE=-2V,Ic=-20mA VCE=-2V,Ic=-1A Ic=-2A,IB=-0.2A Ic=-2A,IB=-0.2A VCE=-5V,Ic=-0.1A VCB=-10V,IE=0,f=1MHz
MIN
TYP
MAX
-1000 -1000
UNIT
nA nA
ICBO IEBO hFE1 hFE2 Collector-Emitter Saturation Voltage VCE(sat) Base-Emitter Saturation Voltage VBE(sat) Current Gain Bandwidth Product fT Output Capacitance Cob Note 1:Pulse test:PW<300s,Duty Cycle<2%
30 100
200 150 -0.3 -1.0 80 45
400 -0.5 -2.0
V V MHz pF
CLASSIFICATION OF hFE
RANK RANGE Q 100-200 P 160-320 E 200-400
UTC
UNISONIC TECHNOLOGIES CO. LTD
1
UTC 2SB772S
PNP EPITAXIAL SILICON TRANSISTOR
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Static characteristics
150
Fig.2 Derating curve of safe operating areas
12
Fig.3 Power Derating
-Ic,Collector current(A)
1.6
1.2
100
Power Dissipation(W)
150 200
- Ic Derating(%)
-IB=9mA -IB=8MA -IB=7mA -IB=6mA -IB=5mA
S/ b
n tio pa si is D
8
0.8
lim ite d
-IB=4mA -IB=3mA
0.4
50
4
d ite lim
-IB=2mA -IB=1mA
0 0 4 8 12 16 20 -50 0 50
0
0 100 -50 0 50 100 150 200
-Collector-Emitter voltage(V)
Tc,Case Temperature(XC)
Tc,Case Temperature(XC)
Fig.4 Collector Output capacitance
3 10 3 10
Fig.5 Current gainbandwidth product
1 10
Fig.6 Safe operating area
Ic(max),Pulse Ic(max),DC
10 mS 1m S
Output Capacitance(pF)
0. 1m S
FT(MHz), Current gainbandwidth product
2 10
IE=0 f=1MHz
VCE=5V
2 10
-Ic,Collector current(A)
0 1 10
10
0
IB=8mA
1 10
1 10
-1 10
0 10 10 0 -1 10 -2 10 -3 10
0 10 -2 10 -1 10 10
-2 10 10 0 1 10 2 10
-Collector-Base Voltage(v)
Ic,Collector current(A)
Collector-Emitter Voltage
Fig.7 DC current gain
3 10 4 10
Fig.8 Saturation Voltage
VCE=-2V -Saturation Voltage(mV)
DC current Gain,HE F
3 10
VBE(sat)
2 10
2 10
1 10
VCE(sat)
1 10
0 10 0 10 1 10 2 10 3 10 4 10
0 10
0 10
1 10
2 10
3 10
4 10
-Ic,Collector current(mA)
-Ic,Collector current(mA)
UTC
UNISONIC TECHNOLOGIES CO. LTD
2


▲Up To Search▲   

 
Price & Availability of UTC2SB772S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X