Part Number Hot Search : 
CY7C4 IN4756A P6KE220 ILQ32 DA733 FH2164 ILA1519 29LV160
Product Description
Full Text Search
 

To Download UM61512ASW-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UM61512A Series
64K X 8 BIT HIGH SPEED CMOS SRAM
Features
Single +5V power supply Access times: 15/20/25ns (max.) Current: Operating: 160mA (max.) Standby: 10mA (max.) Full static operation, no clock or refreshing required All inputs and outputs are directly TTL compatible Common I/O using three-state output Output enable and two chip enable inputs for easy application Data retention voltage: 3V (min.) Available in 32-pin SKINNY DIP, TSOP, SOP, SOJ and both 300/400 mil packages
General Description
The UM61512A is a low operating current 524,288-bit static random access memory organized as 65,536 words by 8 bits and operates on a single 5V power supply. It is built using UMC's high performance CMOS process. Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. Two chip enable inputs are provided for POWER-DOWN and device enable and an output enable input is included for easy interfacing. Data retention is guaranteed at a power supply voltage as low as 3V.
Pin Configurations
SKINNY/SOJ/SOP
1 2 3 4 5 6 VCC A15 CE2 WE A13 A8 A9 A11 OE A10 CE1 I/O8 I/O7 I/O6 I/O5 I/O4 17 32 16 1
TSOP (forward type)
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
NC NC A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O1 I/O2 I/O3 GND
32 31 30 29 28 27
Pin Name A11 A9 A8 A13 WE CE2 A15 VCC NC NC A14 A12 A7 A6 A5 A4
Pin No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Pin Name A3 A2 A1 A0 I/O1 I/O2 I/O3 GND I/O4 I/O5 I/O6 I/O7 I/O8 CE1 A10 OE
UM61512AV
UM61512A
7 8 9 10 11 12 13 14 15 16
26 25 24 23 22 21 20 19 18 17
1
UM61512A
Block Diagram
A0 VCC GND 512 X 2048 DECODER A13 A14 A15 MEMORY ARRAY
I/O1 INPUT DATA CIRCUIT I/O8 COLUMN I/O
CE2 CE1 OE WE CONTROL CIRCUIT
Pin Descriptions
Pin No. 1, 2 3 - 12, 23, 25 - 28, 31 13 - 15, 17 - 21 16 22 24 29 30 32
SKINNY/SOJ/SOP
Symbol NC A0 - A15 I/O1 - I/O8 GND CE1 OE WE CE2 VCC Description No Connection Address Inputs Data Input/Outputs Ground Chip Enable Output Enable Write Enable Chip Enable Power Supply
Pin Description
Pin No. 1 - 4, 7, 11 - 20, 31 5 6 8 9, 10 21 - 23, 25 - 29 24 30 32
TSOP
Symbol A0 - A15 WE CE2 VCC NC I/O1 - I/O8 GND CE1 OE Description Address Inputs Write Enable Chip Enable Power Supply No Connection Data Input/Outputs Ground Chip Enable Output Enable
2
UM61512A
Recommended DC Operating Conditions = 0C to + 70C) (TA
Symbol VCC GND VIH VIL CL TTL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Output Load Output Load Min. 4.75 0 2.2 -0.3 Typ. 5.0 0 3.5 0 Max. 5.25 0 VCC + 0.3 +0.8 30 1 Unit V V V V pF -
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC +0.5V Operating Temperature, Topr . . . . . . . . . . 0 C to +70C Storage Temperature, Tstg . . . . . . . . . . -55 C to +125C Temperature Under Bias, Tbias . . . . . . . -10 C to +85C Power Dissipation, Pt . . . . . . . . . . . . . . . . . . . . . . 1.0W Soldering Temp. & Time . . . . . . . . . . . . . 260 C, 10 sec
*Comments
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
DC Electrical Characteristics (TA = 0C to + 70C, VCC = 5V 5%, GND = 0V)
Symbol Parameter UM61512A-15/20/25 Min. ILI ILO Input Leakage Current Output Leakage Current Max. 2 2 A A VIN = GND to VCC CE1 = VIH or CE2 = VIL or OE = VIH or WE = VIL VI/O = GND to VCC CE1 = VIL, CE2 = VIH II/O = 0 mA CE1 = VIH or CE2 = VIL CE1 VCC - 0.2V, CE2 VCC - 0.2V, VIN 0.2V or VIN VCC - 0.2V Unit Conditions
ICC1 (1) ISB ISB1
Dynamic Operating Current
-
160 30 20
mA mA mA
Standby Power Supply Current ISB2 20 mA
CE1 0.2V, CE2 0.2V
IOL = 8 mA IOH = -4 mA
VIN 0.2V or VIN VCC - 0.2V
VOL VOH
Output Low Voltage Output High Voltage
2.4
0.4 -
V V
Note: 1. ICC1 is dependent on output loading, cycle rates, and Read/Write patterns.
3
UM61512A
Truth Table
Mode Standby CE1 H X Output Disable Read Write Note: X = H or L L L L CE2 X L H H H OE X X H L X WE X X H H L I/O Operation High Z High Z High Z DOUT DIN Supply Current ISB, ISB1 ISB, ISB2 ICC1 ICC1 ICC1
Capacitance (TA = 25C, f = 1.0 MHz)
Symbol CIN * CI/O * Parameter Input Capacitance Input/Output Capacitance Min. Max. 8 10 Unit pF pF Conditions VIN = 0V VI/O = 0V
* These parameters are sampled and not 100% tested.
AC Characteristics (TA = 0C to +70C, VCC = 5V 10%)
Symbol Parameter UM61512A-15 Min. Read Cycle tRC tAA tACE1 tACE2 tOE tCLZ1 tCLZ2 tOLZ tCHZ1 tCHZ2 tOHZ tOH Output Disable to Output in High Z Output Hold from Address Change Output Enable to Output in Low Z Chip Disable to Output in High Z CE1 CE2 Output Enable to Output Valid Chip Enable to Output in Low Z CE1 CE2 Read Cycle Time Address Access Time Chip Enable Access Time CE1 CE2 15 5 5 2 2 3 15 15 15 7 10 10 9 20 5 5 2 2 5 20 20 20 9 * 10 10 9 25 5 5 2 2 5 25 25 25 12 15 15 10 ns ns ns ns ns ns ns ns ns ns ns ns Max. UM61512A-20 Min. Max. UM61512A-25 Min. Max. Unit
4
UM61512A
AC Characteristics (continued)
Symbol Parameter UM61512A-15 Min. Write Cycle tWC tCW tAS tAW tWP tWR tWHZ tDW tDH tOW Write Cycle Time Chip Enable to End of Write Address Setup Time of Write Address Valid to End of Write Write Pulse Width Write Recovery Time Write to Output in High Z Data to Write Time Overlap Data Hold from Write Time Output Active from End of Write 15 12 0 12 9 0 0 7 0 5 20 15 0 15 8 20 15 0 15 11 0 0 7 0 5 25 20 0 20 13 25 20 0 20 13 13 ns ns ns ns ns ns ns ns ns ns Max. UM61512A-20 Min. Max. UM61512A-25 Min. Max. Unit
Notes: tCHZ1, tCHZ2, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not referred to output voltage levels.
Timing Waveforms
Read Cycle 1
(1,2,4)
tRC Address
tAA tOH tOH
DOUT
5
UM61512A
Timing Waveforms (continued)
Read Cycle 2
(1,3,4,6)
CE1
tACE1 tCLZ15
tCHZ15
DOUT
Read Cycle 3
(1,4,7,8)
CE2
tACE2 tCLZ25 tCHZ25
DOUT
6
UM61512A
Timing Waveforms (continued)
Read Cycle 4
(1)
tRC Address
tAA
OE
tOE tOLZ5 CE1
tOH
tACE1 tCLZ25 tCHZ15
CE2 tACE2 tCLZ2 DOUT
5
tOHZ5 tCHZ25
Notes: 1. 2. 3. 4. 5. 6. 7. 8.
WE is high for Read Cycle. Device is continuously enabled CE1 = VIL and CE2 = VIH. Address valid prior to or coincident with CE1 transition low. OE = VIL. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested. CE2 is high. CE1 is low. Address valid prior to or coincident with CE2 transition high.
7
UM61512A
Timing Waveforms (continued)
Write Cycle 1 (Write Enable Controlled)
(6)
tWC Address tAW tCW5 CE1 (4) tWR3
CE2
(4)
tAS1
tWP2
WE
tDW DIN tWHZ
tDH
tOW DOUT
8
UM61512A
Timing Waveforms (continued)
Write Cycle 2 (Chip Enable Controlled)
tWC Address tAW tCW5 CE1 tAS1 (4) tWR3
CE2
(4) tCW5 tWP2
WE
tDW
tDH
DIN
tWHZ7
DOUT
Notes: 1. 2. 3. 4.
tAS is measured from the address valid to the beginning of Write. A Write occurs during the overlap (t WP) of a low CE1, a high CE2 and a low WE . tWR is measured from the earliest of CE1 or WE going high or CE2 going low to the end of the Write cycle. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transition or after the WE transition, outputs remain in a high impedance state. 5. tCW is measured from the later of CE going low or CE2 going high to the end of Write. 6. OE is continuously low. ( OE = VIL) 7. Transition is measured 500mV from steady state. This parameter is sampled and not 100% tested.
9
UM61512A
AC Test Conditions
Input Pulse Levels Input Rise and Fall Time Input and Output Timing Reference Levels Output Load 0V to 3.0V 5 ns 1.5V See Figures 1 and 2
+5V 480 I/O I/O
+5V 480
255
30pF*
255
5pF*
* Including scope and jig.
* Including scope and jig.
Figure 1.Output Load
Figure 2. Output Load for t LZ1, C tCLZ2, tOLZ, tCHZ1, tCHZ2, tOHZ, tWHZ, and tOW
Data Retention Characteristics (TA = 0C to 70C)
Symbol VDR1 VCC for Data Retention VDR2 3 5.25 V Parameter Min. 3 Max. 5.25 Unit V Conditions CE1 VCC - 0.2V CE2 VCC - 0.2V or CE2 0.2V CE2 0.2V CE1 VCC - 0.2V or CE1 0.2V VCC = 3.0V CE1 VCC - 0.2V CE2 VCC - 0.2V VIN VCC - 0.2V or VIN 0.2V VCC = 3.0V CE2 0.2V CE1 0.2V VIN VCC - 0.2V or VIN 0.2V See Retention Waveform 5 ms
ICCDR1
-
5
mA
Data Retention Current ICCDR2 5 mA
tCDR tR
Chip Disable to Data Retention Time Operation Recovery Time
0
-
ns
10
UM61512A
Low VCC Data Retention Waveform (1) CE1 Controlled) (
DATA RETENTION MODE VCC 4.75V tCDR VDR 3V 4.75V tR
CE1
VIH CE1 VDR - 0.2V
VIH
Low VCC Data Retention Waveform (2) (CE2 Controlled)
DATA RETENTION MODE VCC 4.75V tCDR VDR 3V 4.75V tR
CE2
VIL CE2 0.2V
VIL
Ordering Information
Part No. UM61512AK-15 UM61512AK-20 UM61512AS-15 UM61512AS-20 UM61512ASW-15 UM61512ASW-20 UM61512AM-25 UM61512AV-15 Access Time (ns) 15 20 15 20 15 20 25 15 Operating Current Max. (mA) 160 160 160 160 160 160 160 160 Standby Current Max. (mA) 10 10 10 10 10 10 10 10 Package 32L SKINNY 32L SKINNY 32L SOJ (300 mil) 32L SOJ (300 mil) 32L SOJ (400 mil) 32L SOJ (400 mil) 32L SOP 32L TSOP
11
UM61512A
Package Information SKINNY 32L Outline Dimensions
D 32 17
unit: inches/mm
E1
1 S
16 E C
A2
A
A1
Base Plane
L
Seating Plane B B1 e1 \ eA
Symbol A A1 A2 B B1 C D E E1 e1 L \ eA S
Dimensions in inches 0.200 Max. 0.015 Min. 0.130O 0.010 0.018 +0.004 -0.002 0.050 +0.004 -0.002 0.010 +0.004 -0.002 1.600 Typ. (1.620 Max.) 0.310O 0.010 0.288 Typ. (0.300 Max.) 0.100O 0.007 0.130O 0.010 0 ~ 15 0.355O 0.035 0.059 Max.
Dimensions in mm 5.08 Max. 0.38 Min. 3.30O 0.25 0.46 +0.10 -0.05 1.27 +0.10 -0.05 0.25 +0.10 -0.05 40.64 Typ. (41.15 Max.) 7.87O 0.25 7.32 Typ. (7.62 Max.) 2.54O 0.18 3.30O 0.25 0 ~ 15 9.02O 0.89 1.50 Max.
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E1 does not include resin fins. 3. Dimension S includes end flash.
12
UM61512A
Package Information SOJ 32/32LD (300mil BODY) Outline Dimensions
D 32 17 b
unit: inches/mm
F F DETAIL "A" BASE METAL WITH PLATING SECTION F-F
1
16
E
DETAIL "A" HE b1 A2
A
s SEATING PLANE
b
e
MIN 0.026"
y
y e1 0.004 y
Symbol A A1 A2 b b1 c D HE E e1 e s y
Dimensions in inches Min. 0128 0.052 0.095 0.016 0.026 0.006 0.820 0.330 0.295 0.260 Nom. 0.132 0.100 0.018 0.028 0.008 0.825 0.335 0.300 0.267 0.050 Max. 0.140 0.105 0.020 0.032 0.012 0.830 0.340 0.305 0.274 0.048 0.004
D
A1
Dimensions in mm Min. 3.25 2.08 2.41 0.41 0.66 0.15 20.83 8.39 7.49 6.61 Nom. 3.35 2.54 0.46 0.71 0.20 20.96 8.51 7.62 6.78 1.27 Max. 3.56 2.67 0.51 0.81 0.30 21.08 8.63 7.75 6.96 1.22 0.10
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E doesn't include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
13
c
UM61512A
Package Information SOJ 32/32LD (400mil BODY) Outline Dimensions
D 32 17 b b1
unit: inches/mm
E1
F F DETAIL "A" BASE METAL WITH PLATING SECTION F-F
1
16
DETAIL "A" E b2 A2
A
S SEATING PLANE
b
e
MIN 0.025"
y
y E2 0.004 y
Symbol A A1 A2 b b2 c D E E1 E2 e S y
Dimensions in inches Min. 0.131 0.082 0.105 0.016 0.026 0.006 0.820 0.435 0.395 0.360 Nom. 0.138 0.110 0.018 0.028 0.008 0.825 0.440 0.400 0.370 0.050 Max. 0.145 0.115 0.020 0.032 0.011 0.830 0.445 0.405 0.380 0.045 0.004
D
A1
Dimensions in mm Min. 3.35 2.08 2.67 0.41 0.66 0.15 20.83 11.05 10.03 9.15 Nom. 3.51 2.79 0.46 0.71 0.20 20.96 11.18 10.16 9.40 1.27 Max. 3.68 2.91 0.51 0.81 0.28 21.08 11.31 10.29 9.65 1.14 0.10
Notes: 1. Dimension D includes end flash. 2. Dimension E doesn't include resin fins. 3. Dimension E1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
14
c1 c
UM61512A
Package Information SOP (W.B.) 32L Outline Dimensions
32 17 e1 ~ ~
unit: inches/mm
HE
E
L 1 b 16
Detail F
e1 c A2 A
D
s Seating Plane y D
e
A1
LE See Detail F
Symbol A A1 A2 b c D E e e1 HE L LE S y
Dimensions in inches 0.118 Max. 0.004 Min. 0.106O 0.005 0.016 +0.004 -0.002 0.008 +0.004 -0.002 0.805 Typ. (0.820 Max.) 0.445O 0.010 0.050 O 0.006 0.525 NOM. 0.556O 0.010 0.031O 0.008 0.055O 0.008 0.044 Max. 0.004 Max. 0 ~ 10
Dimensions in mm 3.00 Max. 0.10 Min. 2.69O 0.13 0.41 +0.10 -0.05 0.20 +0.10 -0.05 20.45 Typ. (20.83 Max.) 11.30O 0.25 1.27O 0.15 13.34 NOM. 14.12O 0.25 0.79O 0.20 1.40O 0.20 1.12 Max. 0.10 Max. 0 ~ 10
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E does not include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
15
UM61512A
Package Information TSOP 32L TYPE I (8 X 20mm) Outline Dimensions
D
unit: inches/mm
e
A2
12.0 X c A
GAUGE PLANE
E
A1
c
0.25 BSC
L LE
HD Detail "A" Detail "A"
y
D
S
b
0.10(0.004)
M
Symbol A A1 A2 b c D E e HD L LE S Y
Dimensions in inches 0.047 Max. 0.004O 0.002 0.039O 0.002 0.008O 0.001 0.006O 0.001 0.724O 0.004 0.315O 0.004 0.020 TYP. 0.787O 0.007 0.020O 0.004 0.031 TYP. 0.0167 TYP. 0.004 Max. 0 ~ 6
Dimensions in mm 1.20 Max. 0.10O 0.05 1.00O 0.05 0.20O 0.03 0.15O 0.02 18.40O 0.10 8.00O 0.10 0.50 TYP. 20.00O 0.20 0.50O 0.10 0.80 TYP. 0.425 TYP. 0.10 Max. 0 ~ 6
Notes: 1. The maximum value of dimension D includes end flash. 2. Dimension E does not include resin fins. 3. Dimension e1 is for PC Board surface mount pad pitch design reference only. 4. Dimension S includes end flash.
16


▲Up To Search▲   

 
Price & Availability of UM61512ASW-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X