Part Number Hot Search : 
ASM3P DC4R44 MC140 1E106 4213F 5250A 06C300JZ 2N4393
Product Description
Full Text Search
 

To Download TPSMA10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPSMA6.8 thru TPSMA43A
Vishay Semiconductors
formerly General Semiconductor
Surface Mount Automotive Transient Voltage Suppressors
DO-214AC (SMA)
Cathode Band
0.065 (1.65) 0.049 (1.25)
0.110 (2.79) 0.100 (2.54)
ted* aten P
Dimensions in inches and (millimeters)
Breakdown Voltage 6.8 to 43.0V Peak Pulse Power 400W
Mounting Pad Layout
0.060 MIN (1.52 MIN)
0.177 (4.50) 0.157 (3.99) 0.012 (0.305) 0.006 (0.152)
0.094 MAX (2.38 MAX)
0.050 MIN (1.27 MIN) 0.220 REF (5.58)
0.090 (2.29) 0.078 (1.98)
0.060 (1.52) 0.030 (0.76) 0.008 (0.203) MAX. 0.208 (5.28) 0.194 (4.93)
*Patent #'s 4,980,315 5,166,769 5,278,094
Features
* Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Ideal for automated placement * Low profile package * Built-in strain relief * Exclusive patented PAR(R) oxide passivated chip construction * 400W peak pulse power capability with a 10/1000ms waveform, repetition rate (duty cycle): 0.01% * Excellent clamping capability * Low incremental surge resistance * Very fast response time * For devices with V(BR) 10V ID are typically less than 1.0mA at TA = 150C * Designed for under the hood surface mount applications * High temperature soldering: 250C/10 seconds at terminals
Available in uni-directional only
Mechanical Data
Case: JEDEC DO-214AC molded plastic body over passivated chip Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: The color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.002 oz., 0.064 g Packaging codes/options: 5A/7.5K per 13" Reel (12mm Tape), 90K/box 11/1.8K per 7" Reel (12mm Tape), 36K/box
Maximum Ratings and Thermal Characteristics (TA = 25C unless otherwise noted)
Parameter Peak power dissipation with a 10/1000s waveform(1)(2) (Fig. 3) Peak power pulse current with a 10/1000s waveform(1) (Fig. 1) Peak forward surge current 8.3ms single half sine-wave(3) Maximum instantaneous forward voltage at 25A
(3)
Symbol PPPM IPPM IFSM VF TJ, TSTG
Value Minimum 400 See Next Table 40 3.5 -65 to +185
Unit W A A V C
Operating junction and storage temperature range
Notes: (1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25C per Fig. 2 (2) Mounted on P.C.B. with 0.2 x 0.2" (5.0 x 0.5mm) copper pads attached to each terminal (3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum
Document Number 88405 06-May-02
www.vishay.com 1
TPSMA6.8 thru TPSMA43A
Vishay Semiconductors
formerly General Semiconductor
Electrical Characteristics (TA = 25C unless otherwise noted)
Breakdown Voltage V(BR)(1) at IT (V) Min. Max. Maximum Reverse Leakage at VWM IR (A) TJ = 150C Maximum Maximum Peak Pulse Reverse Surge Leakage Current at VWM IPPM (Note 2) ID (A) (Amps) Maximum Clamping Voltage at IPPM Vc (Volts)
Device
Device Marking Code
Test Current IT (mA)
Stand-off Voltage VWM (Volts)
TPSMA6.8 TPSMA6.8A TPSMA7.5 TPSMA7.5A TPSMA8.2 TPSMA8.2A TPSMA9.1 TPSMA9.1A TPSMA10 TPSMA10A TPSMA11 TPSMA11A TPSMA12 TPSMA12A TPSMA13 TPSMA13A TPSMA15 TPSMA15A TPSMA16 TPSMA16A TPSMA18 TPSMA18A TPSMA20 TPSMA20A TPSMA22 TPSMA22A TPSMA24 TPSMA24A TPSMA27 TPSMA27A TPSMA30 TPSMA30A TPSMA33 TPSMA33A TPSMA36 TPSMA36A TPSMA39 TPSMA39A TPSMA43 TPSMA43A
ADP AEP AFP AGP AHP AKP ALP AMP ANP APP AQP ARP ASP ATP AUP AVP AWP AXP AYP AZP BDP BEP BFP BGP BHP BKP BLP BMP BNP BPP BQP BRP BSP BTP BUP BVP BWP BXP BYP BZP
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90
7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.55 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.30 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20
10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.65 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80
300 300 150 150 50 50 10 10 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1000 1000 500 500 200 200 50 50 20 20 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
37.0 38.1 34.2 35.4 32.0 33.1 29.0 29.9 26.7 27.6 24.7 25.6 23.1 24.0 21.1 22.0 18.2 18.9 17.0 17.8 15.1 15.9 13.7 14.4 12.5 13.1 11.5 12.0 10.2 10.7 9.2 9.7 8.4 8.8 7.7 8.0 7.1 7.4 6.5 6.7
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13. 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47. 45.7 52.0 49.9 56.4 53.9 61.9 59.3
Notes: (1) V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent (2) Surge current waveform per Fig. 3 and derate per Fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35
www.vishay.com 2
Document Number 88405 06-May-02
TPSMA6.8 thru TPSMA43A
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig.1 - Peak Pulse Power Rating Curve
TA = 25C Non-repetitive pulse waveform shown in Fig. 3 10
Fig. 2 - Pulse Derating Curve
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage (%)
100
100
PPPM, Peak Power (KW)
75
50
1.0
25
0.2 x 0.2" (5.0 x 5.0mm) copper pad areas 0.1 0.1s 1.0s 10s 100s 1.0ms 10ms
0 0 50 100 150 200
td, Pulse Width, sec.
TA, Ambient Temperature (C)
Fig. 3 - Pulse Waveform
150 10,000 tr = 10sec. Peak Value IPPM
Fig. 4 - Typical Junction Capacitance
TJ = 25C f = 1 MHz Vsig = 50mVp-p 1,000 VR measured at zero bias
IPPM -- Peak Pulse Current, % IRSM
100
Half Value -- IPP 2 IPPM 50 10/1000sec. Waveform as defined by R.E.A.
CJ, Junction Capacitance, pF
TJ = 25C Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM
100 VR measured at stand-off voltage, VWM 10 1 10 100 200
td 0 0 1.0 2.0 3.0 4.0
t -- Time (ms)
V(BR), Breakdown Voltage (V)
Fig. 5 - Maximum Non-Repetitive Peak Forward Surge Current
200
IFSM, Peak Forward Surge Current (A)
TJ = TJ max 8.3ms single half sine-wave (JEDEC method) 100
50
10 1 5 10 50 100
Number of Cycles at 60 Hz
Document Number 88405 06-May-02
www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of TPSMA10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X