Part Number Hot Search : 
122MPD BIP015DU XXXMCXX FM250 ADV7312 PA142 KBPC35 205S35
Product Description
Full Text Search
 

To Download TIP41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
Copyright (c) 1997, Power Innovations Limited, UK DECEMBER 1970 - REVISED MARCH 1997
q
Designed for Complementary Use with the TIP42 Series 65 W at 25C Case Temperature 6 A Continuous Collector Current 10 A Peak Collector Current Customer-Specified Selections Available
B C E
q q q q
TO-220 PACKAGE (TOP VIEW)
1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING TIP41 Collector-base voltage (IE = 0) TIP41A TIP41B TIP41C TIP41 Collector-emitter voltage (IB = 0) TIP41A TIP41B TIP41C Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. V EBO IC ICM IB Ptot Ptot 1/2LIC 2 Tj Tstg TL VCEO VCBO SYMBOL VALUE 80 100 120 140 40 60 80 100 5 6 10 3 65 2 62.5 -65 to +150 -65 to +150 250 V A A A W W mJ C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.52 W/C. Derate linearly to 150C free air temperature at the rate of 16 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, R BE = 100 , VBE(off) = 0, RS = 0.1 , VCC = 20 V.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
DECEMBER 1970 - REVISED MARCH 1997
electrical characteristics at 25C case temperature
PARAMETER Collector-emitter breakdown voltage TEST CONDITIONS TIP41 V (BR)CEO IC = 30 mA (see Note 5) VCE = 80 V ICES Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Small signal forward current transfer ratio Small signal forward current transfer ratio V CE = 100 V V CE = 120 V V CE = 140 V ICEO IEBO hFE VCE(sat) VBE hfe VCE = 30 V V CE = 60 V VEB = VCE = V CE = IB = VCE = 5V 4V 4V 0.6 A 4V VBE = 0 V BE = 0 V BE = 0 V BE = 0 IB = 0 IB = 0 IC = 0 IC = 0.3 A IC = IC = IC = 3A 6A 6A (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) f = 1 kHz f = 1 MHz 20 3 30 15 75 1.5 2 V V IB = 0 TIP41A TIP41B TIP41C TIP41 TIP41A TIP41B TIP41C TIP41/41A TIP41B/41C MIN 40 60 80 100 0.4 0.4 0.4 0.4 0.7 0.7 1 mA mA mA V TYP MAX UNIT
VCE = 10 V VCE = 10 V
IC = 0.5 A IC = 0.5 A
|hfe|
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA Junction to case thermal resistance Junction to free air thermal resistance MIN TYP MAX 1.92 62.5 UNIT C/W C/W
resistive-load-switching characteristics at 25C case temperature
PARAMETER ton toff
TEST CONDITIONS IC = 6 A V BE(off) = -4 V IB(on) = 0.6 A RL = 5
MIN IB(off) = -0.6 A tp = 20 s, dc 2%
TYP 0.6 1
MAX
UNIT s s
Turn-on time Turn-off time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
DECEMBER 1970 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE = 4 V TC = 25C tp = 300 s, duty cycle < 2% hFE - DC Current Gain VCE(sat) - Collector-Emitter Saturation Voltage - V 1000
TCS633AD
COLLECTOR-EMITTER SATURATION VOLTAGE vs BASE CURRENT
10
TCS633AE
IC = 300 mA IC = 1 A IC = 3 A IC = 6 A 1*0
100
10
0*1
1*0 0*01
0*1
1*0
10
0*01 0*001
0*01
0*1 IB - Base Current - A
1*0
10
IC - Collector Current - A
Figure 1.
Figure 2.
BASE-EMITTER VOLTAGE vs COLLECTOR CURRENT
1*2 VCE = 4 V TC = 25C VBE - Base-Emitter Voltage - V 1*1
TCS633AF
1*0
0*9
0*8
0*7
0*6 0*1
1*0 IC - Collector Current - A
10
Figure 3.
PRODUCT
INFORMATION
3
TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
DECEMBER 1970 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAS633AB
IC - Collector Current - A
10
tp = 300 s, d = 0.1 = 10% tp = 1 ms, d = 0.1 = 10% tp = 10 ms, d = 0.1 = 10% DC Operation
1*0
0*1
TIP41 TIP41A TIP41B TIP41C 10 100 1000
0*01 1*0
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
80 Ptot - Maximum Power Dissipation - W 70 60 50 40 30 20 10 0 0 25 50 75 100 125 150 TC - Case Temperature - C
TIS633AB
Figure 5.
PRODUCT
INFORMATION
4
TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
DECEMBER 1970 - REVISED MARCH 1997
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm.
PRODUCT
INFORMATION
5
TIP41, TIP41A, TIP41B, TIP41C NPN SILICON POWER TRANSISTORS
DECEMBER 1970 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
6


▲Up To Search▲   

 
Price & Availability of TIP41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X