Part Number Hot Search : 
3040C IRS21 SDR1190 45985 IR3564B 45985 45985 180CA
Product Description
Full Text Search
 

To Download TEM2-0512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TEM 2 Series
Features
24-Pin DIP Plastic Package Tightly regulated Output Very low Output Noise Short-Circuit Protection Internal Filter Industry Standard Pinout 2 Year Product Warranty
2 Watt
The TEM-2 series is a family of isolated dc/dc converters in a DIP-24 package. They offer tight line/ load regulation and 500 VDC I/O-isolation. Standard features include an internal filter to reduce reflected input ripple current and to guarantee low output noise. This product series provides a cost effective solution by many industrial or consumer electronics applications.
Models
Ordercode TEM 2-0511 TEM 2-0512 TEM 2-0521 TEM 2-0522 TEM 2-1211 TEM 2-1212 TEM 2-1221 TEM 2-1222 TEM 2-2411 TEM 2-2412 TEM 2-2421 TEM 2-2422 Input voltage Output voltage 5 12 12 15 5 12 12 15 5 12 12 15 VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC VDC Output current max. 400 165 80 65 400 165 80 65 400 165 80 60 mA mA mA mA mA mA mA mA mA mA mA mA Efficiency typ. 50 54 53 51 50 56 59 59 51 61 61 61 % % % % % % % % % % % %
5 VDC 10%
12 VDC 10%
24 VDC 10%
www.tracopower.com
Page 1
DC/DC Converter
TEM 2 Series 2 Watt
Input Specifications
Input current (no load) 5 Vin models 12 Vin models 24 Vin models 5 Vin models 12 Vin models 24 Vin models 5 Vin models 12 Vin models 24 Vin models 80 mA typ. 40 mA typ. 20 mA typ. 770 mA typ. 300 mA typ. 145 mA typ. 7.5 VDC 15.0 VDC 30.0 VDC Pi-Filter
Input current (full load)
Surge voltage (1 sec. max.)
Input filter
Output Specifications
Voltage set accuracy Regulation - Input variation Vin min. to Vin max. - Load variation 10 - 100 % - single output models - dual output models balanced load - dual output models un balanced load Ripple and noise (20 MHz Bandwidth) Temperature coefficient Output current limitation Short circuit protection Capacitive load - single output models - single output models - Operating 5VDC output models: - Case - Storage Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 E) Isolation voltage Isolation capacity Isolation resistance Switching frequency Input/Output Input/Output Input/Output (500 VDC) 3% 0.3 % max. 0.5 % max. 1.0 % max. 3.0 % max. 50 mVpk-pk max. 0.02 % / C > 120% Iout max., constant current indefinite 470 F max. 220 F max. - 25 C ... + 70 C - 25 C ... + 60 C + 95 C max. - 40 C ... + 125 C 95 % rel H max. > 800'000 h @ + 25 C 500 VDC 100 pF typ > 1`000 M Ohm 80 kHz typ.
General Specifications
Temperature ranges
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TEM 2 Series 2 Watt
Physical Specifications
Case material Weight Soldering temperature non conductive plastic (UL 94V-0 rating) 12 g (0.42 oz) max. 260 C / 10 sec.
Outline Dimensions mm (inches)
15.24 (0.394)
20.0 (0.394)
123
Bottom view
Pin-Out
10 11 12
Pin 1 2 3 10 11 12
(0.394)
Single +Vin (Vcc) No function No function -Vout +Vout -Vin (GND) -Vin (GND) +Vout -Vout No function No function +Vin (Vcc)
Dual +Vin (Vcc) -Vout Common Common +Vout -Vin (GND) -Vin (GND) +Vout Common Common -Vout +Vin (Vcc)
24 23 22
15 14 13
(0.094)
2.4
10.0
13 14 15 22 23 24
2.54 2.54
(0.1) (0.1)
17.78 (0.7) 27.94 (1.1) 32.0 (1.26)
2.54 2.54
(0.1) (0.1)
2.0
(0.079)
( ) = inches Pin diameter o 0.5 0.05 (0.02) 0.002 Tolerances 0.5 (0.01) Specifications can be changed without notice
Rev. 11/00
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch
(0.15)
3.8
*
internet: http://www.tracopower.com
Page 3


▲Up To Search▲   

 
Price & Availability of TEM2-0512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X