Part Number Hot Search : 
MM1095BS PBM99090 CNF900 4D5N60P SYSTEM DBS100A 4C7V5 ES29F64
Product Description
Full Text Search
 

To Download TC74LCX273FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74LCX273F/FW/FT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX273F,TC74LCX273FW,TC74LCX273FT
Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
The TC74LCX273F/FW/FT is a high-performance CMOS octal D-type flip-flop. Designed for use in 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low-power dissipation. The device is designed for low-voltage (3.3 V) VCC applications, but it could be used to interface to 5-V supply environment for both inputs and outputs. This 8 bit D-type flip-flop is controlled by a clock input (CK) and a clear input (CLR). When the CLR input is low, the eight outputs are at a low logic level. All inputs are equipped with protection circuits against static discharge.
Note: xxxFW (JEDEC SOP) is not available in Japan. TC74LCX273F
TC74LCX273FW
Features
* * * * * * * Low-voltage operation: VCC = 2.0 to 3.6 V High-speed operation: tpd = 8.5 ns (max) (VCC = 3.0 to 3.6 V) Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V) Latch-up performance: 500 mA Available in JEDEC SOP, JEITA SOP and TSSOP Power-down protection is provided on all inputs and outputs Pin and function compatible with the 74 series (74AC/VHC/HC/F/ALS/LS etc.) 273 type
TC74LCX273FT
Weight SOP20-P-300-1.27: 0.22 g (typ.) SOL20-P-300-1.27: 0.46 g (typ.) TSSOP20-P-0044-0.65: 0.08 g (typ.)
1
2002-01-11
TC74LCX273F/FW/FT
Pin Assignment (top view) IEC Logic Symbol
(1) (11)
CLR
1 2 3 4 5 6 7 8 9
20 19 18 17 16 15 14 13 12 11
VCC Q8 D8 D7 Q7 Q6 D6 D5 Q5 CK
CLR CK
R C1
Q1 D1 D2 Q2 Q3 D3 D4 Q4
D0 D1 D2 D3 D4 D5 D6 D7
(3) (4) (7) (8) (13) (14) (17) (18)
1D
(2) (5) (6) (9) (12) (15) (16) (19)
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
GND 10
Truth Table
Inputs
CLR
Outputs CK X Q L L H Qn
Function Clear 3/4 3/4 No change
D X L H X
L H H H
X: Don't care
System Diagram
D1 3 DR D2 4 DR D3 7 DR D4 8 DR D5 13 DR D6 14 DR D7 17 DR D8 18 DR
CLR
1
CK CK 11
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
CK
Q
2 Q1
5 Q2
6 Q3
9 Q4
12 Q5
15 Q6
16 Q7
19 Q8
2
2002-01-11
TC74LCX273F/FW/FT
Maximum Ratings
Characteristics Power supply voltage DC input voltage Symbol VCC VIN Rating
-0.5 to 7.0 -0.5 to 7.0 -0.5 to 7.0 (Note 1)
Unit V V
DC output voltage
VOUT
-0.5 to VCC + 0.5
V
(Note 2) Input diode current Output diode current DC output current Power dissipation DC VCC/ground current Storage temperature IIK IOK IOUT PD ICC/IGND Tstg
-50 50 50
mA (Note 3) mA mA mW mA C
180
100 -65 to 150
Note 1: VCC = 0 V Note 2: High or low state. IOUT absolute maximum rating must be observed. Note 3: VOUT < GND, VOUT > VCC
Recommended Operating Conditions
Characteristics Power supply voltage Input voltage Output voltage Symbol VCC VIN VOUT Rating 2.0 to 3.6
-1.5 to 3.6 (Note 4)
Unit V V V
0 to 5.5 0 to 5.5 (Note 5) 0 to VCC (Note 6)
24 12 -40 to 85
Output current Operating temperature Input rise and fall time
IOH/IOL Topr dt/dv
(Note 7) (Note 8)
mA C
0 to 10
(Note 9)
ns/V
Note 4: Data retention only Note 5: VCC = 0 V Note 6: High or low state Note 7: VCC = 3.0 to 3.6 V Note 8: VCC = 2.7 to 3.0 V Note 9: VIN = 0.8 to 2.0 V, VCC = 3.0 V
3
2002-01-11
TC74LCX273F/FW/FT
Electrical Characteristics DC Characteristics (Ta = -40 to 85C)
Characteristics H-level L-level Symbol VIH VIL IOH = -100 mA H-level VOH VIN = VIH or VIL IOH = -12 mA IOH = -18 mA Output voltage IOH = -24 mA IOL = 100 mA L-level VOL VIN = VIH or VIL IOL = 12 mA IOL = 16 mA IOL = 24 mA Input leakage current Power-off leakage current Quiescent supply current Increase in Icc per input IIN IOFF ICC
DICC
Test Condition VCC (V) 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 2.7 3.0 3.0 2.7 to 3.6 0 2.7 to 3.6 2.7 to 3.6 2.7 to 3.6
Min 2.0
3/4
Max
3/4
Unit
Input voltage
V
0.8
3/4 3/4 3/4 3/4
VCC - 0.2 2.2 2.4 2.2
3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4
V
0.2 0.4 0.4 0.55
5.0 mA mA
VIN = 0 to 5.5 V VIN/VOUT = 5.5 V VIN = VCC or GND VIN = 3.6 to 5.5 V VIN = VCC - 0.6 V
10.0 10.0
10.0
mA
500
AC Characteristics (Ta = -40 to 85C)
Characteristics Symbol Test Condition VCC (V) Maximum clock frequency fMAX tPLH tPHL Propagation delay time ( CLR -Q) tPHL tw (H) tw (L) Minimum pulse width ( CLR ) tw (L) (Figure 3) (Figure 1, Figure 3) (Figure 1, Figure 2) 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 2.7 3.3 0.3 (Note 10) 2.7 3.3 0.3
3/4 3/4 3/4
Min
Max
Unit
MHz
150
3/4
Propagation delay time (CK-Q)
(Figure 1, Figure 2)
9.5 8.5 9.5 8.5
3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4 3/4
ns
1.5
3/4
ns
1.5 3.3 3.3 3.3 3.3 2.5 2.5 1.5 1.5 2.5 2.0
3/4 3/4
Minimum pulse width (CK)
(Figure 1, Figure 2)
ns
ns
Minimum setup time
ts
(Figure 1, Figure 2)
ns
Minimum hold time
th
(Figure 1, Figure 2)
ns
Minimum removal time
trem tosLH tosHL
(Figure 4)
ns
Output to output skew
ns
1.0
Note 10: Parameter guaranteed by design. (tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
4
2002-01-11
TC74LCX273F/FW/FT
Dynamic Switching Characteristics
(Ta = 25C, input: tr = tf = 2.5 ns, CL = 50 pF, RL = 500 W)
Characteristics Quiet output maximum dynamic VOL Quiet output minimum dynamic VOL Symbol VOLP Test Condition VCC (V) VIH = 3.3 V, VIL = 0 V 3.3 3.3 0.8 0.8 V V Typ. Unit
iVOLVi VIH = 3.3 V, VIL = 0 V
Capacitive Characteristics (Ta = 25C)
Characteristics Input capacitance Output capacitance Power dissipation capacitance Symbol CIN COUT CPD fIN = 10 MHz (Note 11) Test Condition VCC (V)
3/4
Typ. 3.3 0 3.3 7 8 25
Unit pF pF pF
Note 11: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/8 (per bit)
5
2002-01-11
TC74LCX273F/FW/FT
AC Test Circuit
Output
CL RL
Measure CL = 50 pF RL = 500 W
Figure 1 AC Waveform
tr 2.5 ns Input (CK) tf 2.5 ns 2.7 V
90% 1.5 V 10% tr 2.5 ns tf 2.5 ns tw (H) tw (L)
GND
Input (D)
90% 10% 1.5 V ts (H) th (H) ts (L) th (L)
2.7 V
GND
VOH Output (Q) 1.5 V tpHL tpLH VOL
Figure 2
tpLH, tpHL, tw, ts, th
Input ( CLR ) tw (L)
VIH GND Input ( CLR )
tr 2.5 ns 90% 1.5 V 10% tr 2.5 ns VIH GND
Output (Q) tpHL
VOH 1.5 V VOL
Output (CK)
90% 10% trem 1.5 V
VIH GND
Figure 3
tpHL
Figure 4
trem
6
2002-01-11
TC74LCX273F/FW/FT
Package Dimensions
Weight: 0.22 g (typ.)
7
2002-01-11
TC74LCX273F/FW/FT
Package Dimensions
Note: This package is not available in japan.
Weight: 0.46 g (typ.)
8
2002-01-11
TC74LCX273F/FW/FT
Package Dimensions
Weight: 0.08 g (typ.)
9
2002-01-11
TC74LCX273F/FW/FT
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
10
2002-01-11


▲Up To Search▲   

 
Price & Availability of TC74LCX273FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X