Part Number Hot Search : 
TLSE16TP FM540 74LCX16 946905 TDA2593N P1500S EST1GF N4754
Product Description
Full Text Search
 

To Download STUB527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STUB06I - STUB5G4
VBR : 6.8 - 440 Volts PPK : 400 Watts
FEATURES :
* 400W surge capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.) * Typical IR less then 1A above 10V
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
2.0 0.2
MECHANICAL DATA
* Case : SMA Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Lead Formed for Surface Mount * Polarity : Color band denotes cathode end except Bipolar. * Mounting position : Any * Weight : 0.064 grams Dimensions in millimeter
DEVICES FOR BIPOLAR APPLICATIONS
For bi-directional altered the third letter of type from "U" to be "B". Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified.
Rating
Peak Power Dissipation at Ta = 25 C, Tp=1ms (Note1) Steady State Power Dissipation at TL = 75 C
(Note 2)
Symbol
PPK PD
Value
Minimum 400 1.0
Unit
Watts Watt
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method)
(Note 3)
IFSM TJ, T STG
40 - 55 to + 150
Amps.
C
Operating and Storage Temperature Range Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25 C per Fig. 1 2 (2) Mounted on copper Lead area at 5.0 mm ( 0.013 mm thick ). (3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
UPDATE : JULY 13, 1998
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) Working Peak Reverse Voltage VRWM (V) 5.80 5.80 6.40 6.40 7.02 7.02 7.78 7.78 8.55 8.55 9.40 9.40 10.2 10.2 11.1 11.1 12.8 12.8 13.6 13.6 15.3 15.3 17.1 17.1 18.8 18.8 20.5 20.5 23.1 23.1 25.6 25.6 28.2 28.2 30.8 30.8 33.3 33.3 36.8 36.8 40.2 40.2 43.6 43.6 47.8 47.8 53.0 Maximum Reverse Leakage @ VRWM IR (A) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 38.0 38.0 35.4 35.4 33.0 33.0 30.0 30.0 27.6 27.6 25.7 25.7 24.0 24.0 22.0 22.0 19.0 19.0 17.8 17.8 16.0 16.0 14.5 14.5 13.0 13.0 12.0 12.0 10.7 10.7 9.6 9.6 8.8 8.8 8.0 8.0 7.4 7.4 6.7 6.7 6.2 6.2 5.7 5.7 5.2 5.2 4.7 Maximum Clamping Voltage @ IRSM VRSM (V) 10.5 10.5 11.3 11.3 12.1 12.1 13.4 13.4 14.5 14.5 15.6 15.6 16.7 16.7 18.2 18.2 21.2 21.2 22.5 22.5 25.2 25.2 27.7 27.7 30.6 30.6 33.2 33.2 37.5 37.5 41.5 41.5 45.7 45.7 49.9 49.9 53.9 53.9 59.3 59.3 64.8 64.8 70.1 70.1 77.0 77.0 85.0 Maximum Temperature Co-efficient of V BR (% / C) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104
TYPE
VBR (V) Min. Max. STUB06I STUB56I STUB07F STUB57F STUB08C STUB58C STUB09B STUB59B STUB010 STUB510 STUB011 STUB511 STUB012 STUB512 STUB013 STUB513 STUB015 STUB515 STUB016 STUB516 STUB018 STUB518 STUB020 STUB520 STUB022 STUB522 STUB024 STUB524 STUB027 STUB527 STUB030 STUB530 STUB033 STUB533 STUB036 STUB536 STUB039 STUB539 STUB043 STUB543 STUB047 STUB547 STUB051 STUB551 STUB056 STUB556 STUB062 6.45 6.45 7.13 7.13 7.79 7.79 8.65 8.65 9.50 9.50 10.5 10.5 11.4 11.4 12.4 12.4 14.3 14.3 15.2 15.2 17.1 17.1 19.0 19.0 20.9 20.9 22.8 22.8 25.7 25.7 28.5 28.5 31.4 31.4 34.2 34.2 37.1 37.1 40.9 40.9 44.7 44.7 48.5 48.5 53.2 53.2 58.9 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 It (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
ELECTRICAL CHARACTERISTICS
Rating at = 25 C ambient temperature unless otherwise specified Breakdown Voltage @ It ( Note 1 ) Working Peak Reverse Voltage VRWM (V) 53.0 58.1 58.1 64.1 64.1 70.1 70.1 77.8 77.8 85.5 85.5 94.0 94.0 102 102 111 111 128 128 136 136 145 145 154 154 171 171 188 188 213 213 239 239 256 256 273 273 299 299 342 342 376 376 Maximum Reverse Leakage @ VRWM IR ( A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Maximum Reverse Current IRSM (A) 4.7 4.3 4.3 3.9 3.9 3.5 3.5 3.2 3.2 2.9 2.9 2.6 2.6 2.4 2.4 2.2 2.2 2.0 2.0 1.8 1.8 1.7 1.7 1.6 1.6 1.5 1.5 1.4 1.4 1.3 1.3 1.3 1.3 1.2 1.2 1.2 1.2 0.9 0.9 0.9 0.9 0.8 0.8 Maximum Clamping Voltage @ IRSM VRSM (V) 85.0 92.0 92.0 103 103 113 113 125 125 137 137 152 152 165 165 179 179 207 207 219 219 234 234 246 246 274 274 301 301 344 344 384 384 414 414 438 438 482 482 548 548 603 603 Maximum Temperature Co-efficient of V BR (% / C) 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
TYPE
VBR (V) Min. Max. STUB562 STUB068 STUB568 STUB075 STUB575 STUB082 STUB582 STUB091 STUB591 STUB0B0 STUB5B0 STUB0B1 STUB5B1 STUB0B2 STUB5B2 STUB0B3 STUB5B3 STUB0B5 STUB5B5 STUB0B6 STUB5B6 STUB0B7 STUB5B7 STUB0B8 STUB5B8 STUB0D0 STUB5D0 STUB0D2 STUB5D2 STUB0D5 STUB5D5 STUB0D8 STUB5D8 STUB0E0 STUB5E0 STUB0E2 STUB5E2 STUB0E5 STUB5E5 STUB0G0 STUB5G0 STUB0G4 STUB5G4 58.9 64.6 64.6 71.3 71.3 77.9 77.9 86.5 86.5 95.0 95.0 105 105 114 114 124 124 143 143 152 152 161 161 171 171 190 190 209 209 237 237 266 266 285 285 304 304 332 332 380 380 418 418 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 308 294 330 315 352 336 385 368 440 420 484 462 It (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Note: ( 1 ) VBR measured after It applied for 300 s., It = square wave pulse or equivalent. ( 2 ) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 110 Volts ) VF = 5.0 Vmax., IF = 25 Amps. ( 120 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave. PW = 8.3 ms, duty cycle = 4 pulses per minute maximum. ( 3 ) "STU" or "STB" will be omitted in marking on the diode.
RATING AND CHARACTERISTIC CURVES ( STUB06 - STUB5G4 )
FIG.1 - PULSE DERATING CURVE
120 60
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
100
PEAK FORWARD SURGE CURRENT, AMPERES
50
80
40
60
30
40
20 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
20 0 0 25 50 75 100 125 150 175
10 0 1
2
4
6
10
20
40
60
100
Ta, AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING PD, STEADY STATE POWER DISSIPATION (WATTS)
1.00 100
FIG.4 - PULSE RATING CURVE
0.75
Pp,PEAK POWER (kW)
Single Phase Half Wave 60 Hz Resistive or Inductive load
10
0.50
1.0
0.25
0.1 0.1s 125 150 175 200
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100
tp, PULSE WIDTH
TL , LEAD TEMPERATURE ( C)
FIG.5 - PULSE WAVEFORM
RMS Tr = 10 s 100 Peak Value IRMS TJ=25 C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM
PEAK PULSE CURRENT - % I
50
Half Value - IRMS 2 10X1000 Waveform as defined by R.E.A. tp
0 0 1.0 2.0 3.0 4.0
T, TIME(ms)


▲Up To Search▲   

 
Price & Availability of STUB527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X