Part Number Hot Search : 
ISL63 BYG21K C74HC3 59101 P6KE75CA UTG0128S UPA610TA RXO2520P
Product Description
Full Text Search
 

To Download SMBJ5919 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMBJ5913 THRU SMBJ5956
Silicon 3.0 Watt Zener Diode
DO-214AA (SMBJ) (Round Lead)
H
* * * * *
Surface Mount Applications 3.3 thru 200 Volt Voltage Range Ideal For High Density, Low Profile Mounting Withstands Large Surge Stresses Available on Tape and Reel
* * * * * *
Mechanical Data
CASE: JEDEC DO-214AA molded Surface Mountable Terminals solderable per MIL-STD-750, Method 2026 Polarity is indicated by cathode band Packaging: Standard 12mm Tape (see EIA 481) Maximum temperature for soldering: 260OC for 10 seconds For surface mount applications with flame retardent epoxy Meeting UL94V-0
Cathode Band
J
A
C
Maximum Ratings @ 25OC Unless Otherwise Specified
Steady State Power Dissipation Operation And Storage Temperature Thermal Resistance P(AV) 3.0W (Note:1)
F G
E
D
B
DIMENSIONS
TJ, TSTG R
-55OC to +150 OC 25OC/W
DIM A B C D E F G H J
INCHES MIN .078 .075 .002 ----.035 .065 .205 .160 .130
MAX .116 .089 .008 .02 .055 .091 .224 .180 .155
MM MIN 1.98 1.90 .05 ----.90 1.65 5.21 4.06 3.30
MAX 2.95 2.25 .20 .51 1.40 2.32 5.69 4.57 3.94
NOTE
NOTE:
1. Mounted on 4.0mm copper pads to each terminal. Lead temperature at TL=75 C
o 2
SUGGESTED SOLDER PAD LAYOUT
0.090"
0.085"
0.070"
www.mccsemi.com
MCC
SMBJ5913 thru SMBJ5956
Electrical Characteristics @ 25oC Unless Otherwise Specified
MAXIMUM DYNAMIC IMPEDANCE Zzt@IZT KNEE IMPEDANCE Zzk MAXIMUM REVERSE CURRENT IR REVERSE VOLTAGE V R MAXIMUM DC CURRENT IZM
MCC PART NUMBER
TEST ZENER VOLTAGE CURRENT Izt Vz
KNEE CURRENT IZK
VOLTS
mA
OHMS
mA
OHMS
uA
VOLTS
mA
SMBJ5913 SMBJ5914 SMBJ5915 SMBJ5916 SMBJ5917 SMBJ5918 SMBJ5919 SMBJ5920 SMBJ5921 SMBJ5922 SMBJ5923 SMBJ5924 SMBJ5925 SMBJ5926 SMBJ5927 SMBJ5928 SMBJ5929 SMBJ5930 SMBJ5931 SMBJ5932 SMBJ5933 SMBJ5934 SMBJ5935 SMBJ5936 SMBJ5937 SMBJ5938 SMBJ5939 SMBJ5940 SMBJ5941 SMBJ5942 SMBJ5943 SMBJ5944 SMBJ5945 SMBJ5946 SMBJ5947 SMBJ5948 SMBJ5949 SMBJ5950 SMBJ5951 SMBJ5952 SMBJ5953 SMBJ5954 SMBJ5955 SMBJ5956
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200
113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50 45.7 41.2 37.5 34.1 31.2 28.8 25 23.4 20.8 18.7 17 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9
10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 28 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1200
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
500 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 8000
100 75 25 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.2 56 62.2 69.2 76 83.6 91.2 98.8 114 121.6 136.8 152
454 416 384 348 319 294 267 241 220 200 182 164 150 125 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9.0 8.0 7.0
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SMBJ5919

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X