Part Number Hot Search : 
1N6300 70004 SB120 HGT1S D45H11E3 MC79L GNTRP 2SK0765
Product Description
Full Text Search
 

To Download SM05B-SRSS-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDC
1.0mm
(.039") pitch
SRom CONNECTOR .c
S ee h 4U t
Emboss Tape
Disconnectable Insulation displacement connectors
Features -----------------------
* Ultra-compact insulation displacement connector
1.0mm (.039") pitch and only 3.0mm (.118") high (side entry type). This connector is only about 61% as large as the smallest conventional (JST) IDC designs.
w
w
w
.D
ta a
* Header designed for vacuum pick and place robotics
Although this shrouded header has locking features for its mating receptacle, there are no holes in the header shroud that would adversely effect vacuum grippig euipment. Since there is enough flat surface for secure vacuum gripping, this miniature surface mount connector is versatile for designers and economic for manufacturing.
* Twin U-slot insulation displacement section
The insulation displacement section connected to each wire consists of two tin-plated slots (twin U-slots), which ensures
w
w
w
.D
JS T 9
t a
S a
e h
reliable connection.
* 3-point grip construction
The 3-point insulation grip feature and the strain relief ensure a firm grip on terminated wires and protection of the insulation displacement connection from possible damage.
t e
U 4
.c
m o
Specifications -------------------
* Current rating: 0.7A DC * Voltage rating: 50V DC * Temperature range: -25C to +85C(including temperature rise in applying electrical current) * Contact resistance: Initial value/20m max. After environmental testing/40m max. * Insulation resistance: 100M min. * Withstanding voltage: 500V AC/minute * Applicable wire: AWG #30 Conductor/7 strands, tin-coated annealed copper Insulation O.D./0.56mm (.022") * Contact JST for details.
Standards ----------------------
0 1
Recognized E60389 Certified LR20812
w
w
w
.D
at
Sh a
et e
4U
.
om c
179
SR
CONNECTOR
Receptacle---------------------------------------------------------------
Circuits
2 3
B 2.45(.097)
Model No. 02SR-3S 03SR-3S 04SR-3S 05SR-3S 06SR-3S 07SR-3S 08SR-3S 09SR-3S 10SR-3S 11SR-3S 12SR-3S 13SR-3S 14SR-3S
Dimensions mm(in.) A
1.0(.039) 2.0(.079) 3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512)
B
3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 14.0(.551) 15.0(.591)
Q'ty / box
3,000 3,000 3,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000
4 5 6 7
3.6(.142)
8 9 10
1.0 (.039) A 2.1(.083)
11 12 13 14
Material and Finish
Contact: Phosphor bronze, tin-plated Housing: Polyamide 66, UL94V-0, natural (ivory)
Shrouded header ---------------------------------------------------------
Side entry type
B
Dimensions mm(in.) Circuits
2
Top entry type BM02B-SRSS-TB BM03B-SRSS-TB BM04B-SRSS-TB BM05B-SRSS-TB BM06B-SRSS-TB BM07B-SRSS-TB BM08B-SRSS-TB BM09B-SRSS-TB BM10B-SRSS-TB BM11B-SRSS-TB BM12B-SRSS-TB BM13B-SRSS-TB BM14B-SRSS-TB
Side entry type SM02B-SRSS-TB SM03B-SRSS-TB SM04B-SRSS-TB SM05B-SRSS-TB SM06B-SRSS-TB SM07B-S RSS-TB SM08B-SRSS-TB SM09B-SRSS-TB SM10B-SRSS-TB SM11B-SRSS-TB SM12B-SRSS-TB SM13B-SRSS-TB SM14B-SRSS-TB
A
1.0(.039) 2.0(.079) 3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512)
B
4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 14.0(.551) 15.0(.591) 16.0(.630)
Top entry type
1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500
Q'ty / reel Side entry type
3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000
2.9(.114)
3 4
1.0 (.039) A 1.5 (.059) 4.25(.167) 0.7(.028)
5 6 7
Top entry type
B
8 9 10 11
4.25(.167)
12 13 14
1.0 (.039) A 0.7(.028) 1.5 (.059) 2.9(.114)
Material and Finish
Contact: Copper alloy, copper-undercoated, tin/lead plated Wafer: Polyamide, UL94V-0, natural (ivory) Solder tab: Brass, copper-undercoated, tin/lead plated
Note: 1. The products listed above are supplied on embossed-tape. 2. Contact JST for the top entry type headers with suction cap.
PC board layout (viewed from component side) and Assembly layout ------------------
Top entry type
2.9(.114) 0.6 0.05 (.024 .002) 1.0 0.05 (.039 .002)
Side entry type
0.6 0.05 (.024 .002) 1.0 0.05 (.039 .002) 4.85(.191)
1.8 0.1 (.071 .004)
Shrouded header
0.7 0.1 (.028 .004)
1.2 0.1 (.047 .004)
0.2 0.1 (.008 .004)
Shrouded header
0.7 0.1 (.028 .004)
1.2 0.1 (.047 .004)
180
Note: 1. Tolerances are non-cumulative: 0.05mm(.002" ) for all centers. 2. Dimensions above should serve as a guideline. Contact JST for details.
0.2 0.1 (.008 .004)
1.8 0.1 (.071 .004)
4.9(.193)
4.0 0.1 (.157 .004)
2.65 0.1 (.104 .004)
2.95(.116)
5.55 0.1 (.219 .004)
4.2 0.1 (.165 .004)
SR
CONNECTOR
Taping specifications ------------------------------------------------------
Feeding direction
Feeding direction
Carrier tape
Cover tape leader area
380 2.0 (14.961 .079)dia
[100(3.937)dia.]
13.0(.512)dia. W1 +2.5 -1.0 (W1+.098 ) -.039 2.0 0.5 (.079 .002) Tail tape 40(1.575) min. Connector loaded area
Lead tape 20 vacancies min.
400(15.748) min.
Top entry type
Feeding direction 4.00.1 (.157.004) 2.00.1 (.079.004)
1.750.1 (.069.004)
Side entry type
Feeding direction 4.0 0.1 (.157 .004) 1.55 0.05 (.061 .002)dia. 2.0 0.1 (.079 .004) 1.75 0.1 (.069 .004) Cover tape
1.550.05 (.061.002)dia.
Cover tape
F0.1 (.004)
F 0.1 (.004)
Carrier tape
W 0.3(.012)
W0.3(.012)
Carrier tape
(S)
(S)
120.1 (.315.004)
0.380.05 (.015.002) 4.55 (.179)
0.38 0.05 (.015 .002) 8.0 0.1 (.315 .004) 3.25 (.128)
Circuits
F Top entry type
5.5(.217) 7.5(.295) 7.5(.295) 11.5(.453) 11.5(.453)
Taping dimensions mm(in.) S Side entry type
5.5(.217) 5.5(.217) 7.5(.295) 7.5(.295) 11.5(.453)
W Top entry type
12(.472) 16(.630) 16(.630) 24(.945) 24(.945)
Reel dimensions mm(in.) W1 Side entry type
12(.472) 12(.472) 16(.630) 16(.630) 24(.945)
Q'ty / reel Top entry type
1,500 1,500 1,500 1,500 1,500
Top entry type
4.75(.187) 6.75(.266) 6.75(.266) 10.75(.423) 10.75(.423)
Side entry type
4.75(.187) 4.75(.187) 6.75(.266) 6.75(.266) 10.75(.423)
Top entry type
13.5(.531) 17.5(.689) 17.5(.689) 25.5(1.004) 25.5(1.004)
Side entry type
13.5(.531) 13.5(.531) 17.5(.689) 17.5(.689) 25.5(1.004)
Side entry type
3,000 3,000 3,000 3,000 3,000
2 to 3 4 5 to 7 8 9 to 14
Note: 1. Specifications conform to JIS C 0806. The tape width, connector recess hole dimensions, etc. are determined by the number of circuits and external shape of the connector to be loaded. 2. Specifications are subject to change without prior notice.
181


▲Up To Search▲   

 
Price & Availability of SM05B-SRSS-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X