Part Number Hot Search : 
B1004 2754EUA RMD06DB0 CTW13X8 1003C B51101BB 2SC4531 25P20
Product Description
Full Text Search
 

To Download SI4820DY-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si4820DY
Vishay Siliconix
N-Channel Reduced Qg, Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.0135 @ VGS = 10 V 0.020 @ VGS = 4.5 V
ID (A)
10 8
DD
DD
SO-8
S S S G 1 2 3 4 Top View Ordering Information: Si4820DY SI4820DY-T1 (with Tape and Reel) 8 7 6 5 D D D D N-Channel MOSFET G
S
SS
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a, b Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a, b Maximum Power Dissipation TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS PD TJ, Tstg
Limit
30 "20 10 8 50 2.3 2.5 1.6 - 55 to 150
Unit
V
A
W _C
Operating Junction and Storage Temperature Range (MOSFET and Schottky)
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction to Ambient (MOSFET)a Junction-to-Ambient t v 10 sec Steady State RthJA 70
Symbol
Typical
Maximum
50
Unit
_C/W
Notes a. Surface Mounted on FR4 Board. b. t v 10 sec. Document Number: 70806 S-03950--Rev. F, 26-May-03 www.vishay.com
2-1
Si4820DY
Vishay Siliconix
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V VDS = 24 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 10 A VGS = 4.5 V, ID = 5 A VDS = 15 V, ID = 10 A IS = 2.3 A, VGS = 0 V 20 0.0105 0.0155 28 0.74 1.2 0.0135 0.020 S V 1 "100 1 25 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 2.3 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 0.5 15 8 45 18 50 VDS = 15 V, VGS = 5.0 V, ID = 10 A 20 8 7 1.6 30 15 90 40 80 ns W 30 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
www.vishay.com
2-2
Document Number: 70806 S-03950--Rev. F, 26-May-03
Si4820DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
50 VGS = 10 thru 5 V 40 I D - Drain Current (A) I D - Drain Current (A) 40 50
Transfer Characteristics
30
4V
30
20
20 TC = 125_C 10
10 3V 0 0 1 2 3 4 5
25_C - 55_C 0 0 1 2 3 4 5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.05 r DS(on) - On-Resistance ( W ) 3500
Capacitance
C - Capacitance (pF)
0.04
2800
Ciss
0.03
2100
0.02
VGS = 4.5 V VGS = 10 V
1400 Coss 700 Crss
0.01
0.00 0 10 20 30 40 50
0 0 5 10 15 20 25 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
10 V GS - Gate-to-Source Voltage (V) r DS(on) - On-Resistance ( W) (Normalized) VDS = 15 V ID = 10 A 8 1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 10 A 1.4
6
1.2
4
1.0
2
0.8
0 0 8 16 24 32 40 Qg - Total Gate Charge (nC)
0.6 - 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Document Number: 70806 S-03950--Rev. F, 26-May-03
www.vishay.com
2-3
Si4820DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Source-Drain Diode Forward Voltage
50 0.10
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
0.08
I S - Source Current (A)
10
TJ = 150_C TJ = 25_C
0.06
ID = 10 A
0.04
0.02
1 0.0
0.00 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V) VGS - Gate-to-Source Voltage (V)
Threshold Voltage
0.4 0.2 V GS(th) Variance (V) ID = 250 mA - 0.0 - 0.2 - 0.4 - 0.6 - 0.8 - 1.0 - 50 0 0.01 Power (W) 60 80
Single Pulse Power
40
20
- 25
0
25
50
75
100
125
150
0.10
1.00 Time (sec)
10.00
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05
PDM t1 t2 1. Duty Cycle, D = t1 t2
0.02 Single Pulse 0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (sec) 1
2. Per Unit Base = RthJA = 70_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
30
www.vishay.com
2-4
Document Number: 70806 S-03950--Rev. F, 26-May-03


▲Up To Search▲   

 
Price & Availability of SI4820DY-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X