Part Number Hot Search : 
N06VL 2SK33 CT14F 2SA1302 00506 1N5804 7C1276 2301P
Product Description
Full Text Search
 

To Download SFS1602G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFS1601G THRU SFS1608G
16.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range 50 to 600 Volts Current 16.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
D2PAK
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260oC/10 seconds .16",(4.06mm) from case. Weight: 1.70 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SFS SFS SFS SFS Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TC = 100 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=100 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3)
SFS SFS SFS SFS Units 1601G 1602G 1603G 1604G 1605G 1606G 1607G 1608G
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 150 200 300 400 500 600 70 105 140 210 280 350 420 100 150 200 300 400 500 600 16.0 125 0.975 10 400 35 1.3 1.7
V V V A A V uA uA nS pF /W
Trr Cj 80 2.5 RJC Operating Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C. 3. Thermal Resistance from Junction to Case.
60
- 282 -
RATINGS AND CHARACTERISTIC CURVES (SFS1601G THRU SFS1608G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT. (A)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
20
INSTANTANEOUS REVERSE CURRENT. ( A)
16 12 8 4 0 0 50 CASE TEMPERATURE. ( C)
o
100
TJ=100 0C
10
TJ=75 0C
100
150
PEAK FORWARD SURGE CURRENT. (A)
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
150
1
TJ=25 0C
120 90 60 30
8.3ms Single Half Sine Wave JEDEC Method
TJ=125 0C
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL FORWARD CHARACTERISTICS PER LEG
100
INSTANTANEOUS FORWARD CURRENT. (A)
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
30 10
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
100 90
CAPACITANCE.(pF)
Tj=25 0C
3 1
80
0.3 0.1
Tj=25oC Pulse Width=300 s 1% Duty Cycle
70 60 50 40 1
0.03 0.01 1000 0.4 0.6 0.8 1.0
2
5
10
20
50
100
200
500
SF S1 60 1G ~S FS SF 16 04 S1 G SF 60 S1 5G 60 ~S 7G FS ~S 16 FS 06 16 G 08 G
1.2 1.4
SF S1
SF S1 60 5G ~S FS 16
60 1G F ~S S1 60 4G
08 G
REVERSE VOLTAGE. (V)
1.6
1.8
FORWARD VOLTAGE. (V)
- 283 -


▲Up To Search▲   

 
Price & Availability of SFS1602G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X