Part Number Hot Search : 
THC63LV 2N3045 SHM50UF PS1201 181RSA O55CC UESP12J O55CC
Product Description
Full Text Search
 

To Download RF2416 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary 4
Typical Applications * GSM/DCS Dual-Band Handsets * Cellular/PCS Dual-Band Handsets
RF2416
DUAL-BAND 2.7V LOW NOISE AMPLIFIER
* General Purpose Amplification * Commercial and Consumer Systems
Product Description
The RF2416 is a dual-band low noise amplifier with bypass switch designed for use as a front-end for 950MHz GSM and DCS1800/PCS1900 applications. It may also be used for dual-band cellular/PCS application. The 900MHz LNA is a single-stage amplifier with bypass switch; the 1800/1900 LNA is a two-stage amplifier with bypass switch. Both amplifiers have excellent noise figure and high linearity in both high gain and bypass/low gain mode. The device is packaged in a 3mmx3mm, 12 pin, leadless chip carrier.
0.80 0.65
1.00 0.85
0.60 0.24 typ
4 PLCS
2
0.30 0.18
1.25 sq. 0.95
12 max 0.05 0.01
0.75 0.50 0.50 0.23 0.13
4 PLCS
Dimensions in mm.
NOTES:
1 Shaded Pin is Lead 1. 2 Dimension applies to plated terminal and is measured between 0.02 mm and 0.25 mm from terminal end. Pin 1 identifier must exist on top surface of package by identification mark or 3 feature on the package body. Exact shape and size is optional. 4 Package Warpage: 0.05 mm max. 5 Die thickness allowable: 0.305 mm max.
Optimum Technology Matching(R) Applied
Si BJT Si Bi-CMOS
u
Package Style: LCC, 12-Pin, 3x3
GaAs HBT SiGe HBT
GaAs MESFET Si CMOS
Features * Low Noise and High Intercept Point * Dual-Band Application GSM900 and DCS1800/PCS1900 * Power Down Control * Switchable Gain
HB GND1
12 HB IN 1
11
10 9 HB OUT
HB BIAS 2
Logic Control
HB GND2
VCC1 HB
8 HB SELECT
LB BIAS 3 4 LB IN 5 LB GND 6 LB OUT
7 LB SELECT
Ordering Information
RF2416 RF2416 PCBA Dual-Band 2.7V Low Noise Amplifier Fully Assembled Evaluation Board
Functional Block Diagram
RF Micro Devices, Inc. 7628 Thorndike Road Greensboro, NC 27409, USA
Tel (336) 664 1233 Fax (336) 664 0454 http://www.rfmd.com
Rev A2 010810
4-199
GENERAL PURPOSE AMPLIFIERS
3.00 sq.
4
0.65 0.30
RF2416
Absolute Maximum Ratings Parameter
Supply Voltage Input RF Level Storage Temperature
Preliminary
Rating
-0.5 to +6.0 +10 -40 to +150
Unit
VDC dBm C
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate at the time of this printing. However, RF Micro Devices reserves the right to make changes to its products without notice. RF Micro Devices does not assume responsibility for the use of the described product(s).
Parameter
Operating Range
Overall Frequency Range Supply Voltage (VCC) Power Down Voltage (VBIAS) Logic Control Voltage Level Operating Ambient Temperature Input Impedance Output Impedance
Specification Min. Typ. Max.
800 1800 2.7 2.7 0 -40 1000 2000 3.0 3.0 3.0 +85
Unit
MHz MHz V V V
oC
Condition
Low Band Operation High Band Operation VCC1 HB, VCC2 HB, VCC1 LB HB BIAS, LB BIAS HB SELECT, LB SELECT
4
GENERAL PURPOSE AMPLIFIERS
2.8 2.8
50 50
T = 25C, RF=950MHz, VCC1LB=VCC2LB=2.78V, LBSelect=0V, ZIN =ZO =50
950MHz Performance High Gain Mode
Gain Gain Variation Over Temperature Range Gain Variation Over Frequency Band Noise Figure Reverse Isolation Input IP3 Input P1dB Input VSWR Output VSWR Total Current Draw 14 15.5 17 +0.5 +0.5 1.1 21 +5.0 -9 2.0 dB dB dB dB dB dBm dB
15 +2.0 -12
4.8
2:1 2:1 6.0
mA
950MHz Performance Bypass Mode
Gain Gain Reduction Input IP3 Input P1dB Input VSWR Output VSWR Total Current Draw -8 12.0 -1 -6 21.5 15.0 +2 -3 dB dBc dBm dB
900MHz LNA ENABLED, 1900MHz LNA DISABLED. ICC + IPD T = 25C, RF=950MHz, VCC1LB=VCC2LB=2.78V, LBSelect=2.7V, ZIN =ZO =50
2.5:1 2:1 See Application Notes
4-200
Rev A2 010810
Preliminary
Parameter
1850MHz Performance High Gain Mode
Gain Gain Variation Over Temperature Range Gain Variation Over Frequency Band Noise Figure Reverse Isolation Input IP3 Input P1dB Input VSWR Output VSWR Total Current Draw 15 17.5 19 +0.5 +0.5 1.5 20 +1.0 -10 2.1 dB dB dB dB dB dBm dB
RF2416
Specification Min. Typ. Max. Unit Condition
T = 25C, RF=1850MHz, VCC1HB=2.78V, HBSelect=0V, ZIN =ZO =50
15 -2.0 -13
8.2
mA
1850MHz Performance Bypass Mode
Gain Gain Reduction Input IP3 Input P1dB Input VSWR Output VSWR Total Current Draw AGC Settling Time Rise and Fall Time -7 22 12.0 +5 -5 23 15.0 +8 -3 24 dB dBc dBm dB
1900MHz LNA ENABLED, 900MHz LNA DISABLED. ICC + IPD T = 25C, RF=1850MHz, VCC1HB=2.78V, HBSelect=2.7V, ZIN =ZO =50
2:1 2.5:1 See Applications Notes 10 10 s s
Rev A2 010810
4-201
GENERAL PURPOSE AMPLIFIERS
2:1 2:1 10
4
RF2416
Pin 1 Function HB IN Description
DCS1800/PCS1900 RF input pin.
Preliminary
Interface Schematic
To Bias VCC1 HB Circuit HB IN
HB GND1
2
HB BIAS
HB BIAS is set to the supply voltage at high gain mode. For bypass mode see "Gain Select Possibility".
HB VREF/P
4
GENERAL PURPOSE AMPLIFIERS
3
LB BIAS
LB BIAS is set to the supply voltage at high gain mode. For bypass mode see "Gain Select Possibility".
LB VREF/PD
4
LB IN
GSM900 RF input pin.
To Bias Circuit LB OUT LB IN
LB GND
5
LB GND
LNA emittance inductance. Total inductance is comprised of package+bondwire+L2 on PCB.
6
LB OUT
7
LB SELECT
GSM900 Amplifier Output pin. This pin is an open-collector output. It must be biased to VCC through a choke or matching inductor. This pin is typically matched to 50 with a shunt bias/matching inductor and series blocking/matching capacitor. Refer to application schematics. This pin selects high gain and bypass for GSM900. Select < 0.8V, high gain. Select > 1.8V, low gain. This pin selects high gain and bypass for DCS1800/PCS1900. Select < 0.8V, high gain. Select > 1.8V, low gain. DCS1800 Amplifier Output pin. This pin is an open-collector output. It must be biased to VCC through a choke or matching inductor. This pin is typically matched to 50 with a shunt bias/matching inductor and series blocking/matching capacitor. Refer to application schematics.
LB SELECT
8
HB SELECT
HB SELECT
9
HB OUT
HB OUT
HB GND2
4-202
Rev A2 010810
Preliminary
Pin 10 Function HB GND2 Description
LNA2 emittance inductance. Total inductance is comprised of package+bondwire+L5 on PCB.
RF2416
Interface Schematic
11
VCC1 HB
Open collector for first stage LNA of DCS1800/PCS1900. It must be biased to VCC through a choke or matching inductor.
VCC1 HB
HB GND1
12
HB GND1
Rev A2 010810
4-203
GENERAL PURPOSE AMPLIFIERS
LNA1 emittance inductance. Total inductance is comprised of package+bondwire+L7 on PCB.
4
RF2416
Application Notes
Preliminary
Bypass Mode Configurations The RF2416 may be placed into either high gain or bypass mode via the HB SELECT and LB SELECT pins for high band and low band operation, respectively. The high gain state is selected by asserting the select pin for the appropriate band to a voltage level of less than 0.8V. For Bypass operation, there are two possible methods for placing the RF2416 into this low gain state. The table below shows the two possible Bypass states for each mode. RF2416 Bypass Mode Possibilities
Gain Select (HB Mode) HB BIAS (V) 0 2.7 LB BIAS (V) 0 2.7 VCC1_HB and VCC2_HB (V) 2.78 2.78 VCC1_LB (V) 2.78 2.78 Current (mA) 1.4 1.9 Current (mA) 0.8 1.5
4
GENERAL PURPOSE AMPLIFIERS
2.7 2.7 Gain Select (LB Mode) 2.7 2.7
For both Bypass configurations, the select pin for the appropriate band must be placed at a level greater than or equal to 1.8V. The difference between the Bypass possibilities is determined by the specific application's ability to change the voltage of the bias pins independently of VCC. The advantage of the ability to assert the bias pins to 0V when in Bypass mode is shown by the decreased current draw when in this Bypass configuration.
4-204
Rev A2 010810
Preliminary
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
VCC1 HB VCC1 HB
RF2416
C14 100 pF C13 0.1 F
C12 100 pF C11 0.1 F L4 3.3 nH 9 C10 0.7 pF 50 strip J4 HB OUT HB SELECT C9 0.1 F C8 0.1 F LB SELECT C7 2.0 pF 50 strip J3 LB OUT
L7 1.0 nH L1 47 nH J1 HB IN HB BIAS C2 0.1 F 50 strip C1 33 nF R1 0 2
L6 3.3 nH
L5 1.0 nH
50 strip 1
12
11
10
4
GENERAL PURPOSE AMPLIFIERS
Logic Control
8
3 4 5 6
7
R2 0 LB BIAS
C3 0.1 F
2416310, rev. 3
L3 8.2 nH 50 strip L2 6.8 nH C4 33 nF R3 0
C5 0.1 F C6 100 pF
J2 LB IN
VCC1 LB P1 P1-1 1 2 P1-3 3 CON3 HB BIAS GND LB BIAS P2-3 P2-1 P2 1 2 3 CON3 HB SELECT GND LB SELECT P3-3 P3-1 P3 1 2 3 CON3 VCC1 HB GND VCC1 LB
Rev A2 010810
4-205
RF2416
Evaluation Board Layout Board Size 2" x 2"
Board Thickness 0.060", Board Material FR-4, Multi-Layer
Preliminary
4
GENERAL PURPOSE AMPLIFIERS
4-206
Rev A2 010810
Preliminary
Low Band Bypass Mode (S11)
1.0
0.6
RF2416
Low Band Bypass Mode (S22)
0.6
Swp Max 6GHz
2. 0
1.0
Swp Max 6GHz
2. 0
0.8
5 GHz
0 3.
0.8
10.0
10.0
10 MHz
10 MHz
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0 4.0 5.0
0
0
4.5 GHz
950 MHz 3 GHz
.0
-0. 6
-0. 6
4 GHz
-2
-0.8
-0.8
-2
.0
-1.0
Low Band High Gain Mode (S11)
1.0
0.6
Swp Max 6GHz
Low Band High Gain Mode (S22)
1.0
0.6
Swp Max 6GHz
0.8
0.8
-1.0
2.0
2. 0
0 3.
5 GHz
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
10 MHz
5 GHz
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0
0
10 MHz
10.0
4 GHz
3.5 GHz
4.5 GHz
500 MHz 3 GHz
3.5 GHz 1.5 GHz
-0.8
-0. 6
-0. 6
-0.8
.0 -2
-2
.0
2 GHz
Swp Min 0.01GHz
Rev A2 010810
-1.0
-1.0
-3
-3
.4 -0
.4 -0
.0
.0
950 MHz
-4. 0 -5.0
-4. 0 -5.0
-0.2
-0.2
500 MHz 950 MHz
Swp Min 0.01GHz
-10.0
0.2
4.0 5.0
0. 4
-10.0
-3
.4 -0
.4 -0
1.5 GHz
Swp Min 0.01GHz
0 3.
5.5 GHz
-3 .
0
5.5 GHz
4 GHz
Swp Min 0.01GHz
4.0 5.0
-4. 0 -5.0
-4. 0 -5.0
-0.2
-0.2
950 MHz
10.0
4-207
GENERAL PURPOSE AMPLIFIERS
-10.0
0.2
4.0 5.0
0. 4
-10.0
.0
0. 4
0. 4
0.2
3.0
4.0 5.0
0.2
10.0
4
RF2416
High Band Bypass Mode (S11)
1.0
0.6
Preliminary
High Band Bypass Mode (S22)
6 0.
Swp Max 6GHz
2.0
1.0
Swp Max 6GHz
2. 0
10.0
0
0
1850 MHz
10 MHz
10 MHz
GENERAL PURPOSE AMPLIFIERS
.0 -2
-0.8
Swp Min 0.01GHz
-1.0
1 GHz
-0.8
-0 .6
3 GHz
-0. 6
.0 -2
1.5 GHz
High Band High Gain Mode (S11)
1.0
0.6
-1.0
2.0
0.6
Swp Max 6GHz
1.0
0.8
0.8
0 3.
2.0
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
10 MHz 2 GHz 2.5 GHz 4.5 GHz 3 GHz 500 MHz 4 GHz
4.0 5.0
4 GHz
10 MHz
10.0
-10.0
0
-
-
1850 MHz
.0 -2
-0. 6
-0.8
-0. 6
1.5 GHz
Swp Min 0.01GHz
-0.8
.0 -2
-1.0
S-Parameter Conditions: All plots shown were taken at VCC =2.78V and Ambient Temperature=25C. Note: All S11 and S22 plots shown were taken from an RF2416 while on a 2416310 evaluation board. The data was captured without the external input or output tuning components in place, and the reference point at the HB IN and HB OUT pins for high band and LB IN and LB OUT for low band.
4-208
-1.0
Rev A2 010810
-3
-3
4 0.
4 0.
.0
.0
1850 MHz
1 GHz
1 GHz
Swp Min 0.01GHz
-4. 0 -5.0
-4. 0 -5.0
-0.2
0
0.2
4.0 5.0
-0.2
0. 4
-10.0
-3
.4 -0
-0
.4
4 GHz
1850 MHz
High Band High Gain Mode (S22)
Swp Max 6GHz
0 3.
3.5 GHz
-4 .0 -5. 0
-3 .0
-4. 0 -5.0
-0.2
5 GHz
2 GHz 500 MHz
4.5 GHz
1 GHz
2 -0.
Swp Min 0.01GHz
-10.0
-10.0
4
4 GHz
10.0
10.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
0.4
0.6
0.8
1.0
2.0
3.0
4.0 5.0
0.2
4.0 5.0
0.
0 3.
0.8
0.8
4
.0
0. 4 0. 4
0 3.
0 4. 5.0
10.0
0.2 0.2
4.0 5.0
10.0


▲Up To Search▲   

 
Price & Availability of RF2416

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X