Part Number Hot Search : 
MIC923 AC6T1 LT1162 DM74LS3 16C255 B2100 IN74ACT MV5433
Product Description
Full Text Search
 

To Download REC22-1424DRI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC2.2-DRI Series, 2.2 Watt, DIP24, Regulated, Isolated Outputs (Dual Output) Features

500VDC Isolation Dual In-Line Package Up to 2.2W Regulated Output Power

100% Burned In Isolated Outputs UL94V-0 Package Material Regulated
Selection Guide
Part Number DIP24 REC2.2-XX05DRI REC2.2-XX12DRI REC2.2-XX15DRI REC2.2-XX24DRI Input Voltage (VDC) 5, 12, 24 5, 12, 24 5, 12, 24 5, 12, 24 Output Voltage (V1VDC) 5 12 15 24 Output Voltage (V2VDC) 5 12 15 24 Output Current (mA) 200/200 90/90 75/75 46/46 Efficiency (%) 56 60 62 62
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Output Accuracy Line Voltage Regulation Output Power Load Voltage Regulation (10% - 100% Full Load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight 10% 5% 0.5%
Output Power (Watts) 3.3 2.2 Safe Operating Area 1.1 0 -25 0 50 100 125 150 70 Operating Temperature C 4.4
2.2 Watt max. 0.5% 100mVp-p max. 50% min. 500VDC min. 10 G min. 100pF min./190pF max. Short Term 35kHz min. / 85kHz max. -25C to +70C (see Graph) -55C to +125C 12.3g
EC
August 2002
www.recom-international.com
ECONOLINE - DC/DC-Converter
REC2.2-DRI Series, 2.2 Watt, DIP24, Regulated, Isolated Outputs (Dual Output) Package Style and Pinning (mm)
24 PIN DIP Package
Top View
+Vin 1 2 3 24 23 -Vout 1 22 +Vout 1
3rd angle projection
31.50
20.30
REC2.2-0505DRI RECOM ****
10 11 - Vin 12
15 -Vout 2 14 +Vout 2 13
10.29
4.10
2.0
17.78 typ. 2.54 0.51 typ.
15.24
Recommended Footprint Details
2.54
2.54
1.00 o+0.15/-0
XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC


▲Up To Search▲   

 
Price & Availability of REC22-1424DRI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X