Part Number Hot Search : 
CD6282 RH732E ATU18600 M3100 HIN206CB AD642 OHN3177U HIN207IP
Product Description
Full Text Search
 

To Download PH1090-175L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Avionics Pulsed Power Transistor 175 Watts, 1030-1090 MHz, 250s Pulse, 10 % Duty
PH1090-175L
PH1090-175L
Avionics Pulsed Power Transistor - 175 Watts, 1030-1090 MHz, 250s Pulse, 10% Duty
Features
* * * * * * * * NPN Silicon Microwave Power Transistor Common Base Configuration Broadband Class C Operation High Efficiency Interdigitated Geometry Diffused Emitter Ballasting Resistors Gold Metalization System Internal Input and Output Impedance Matching Hermetic Metal/Ceramic Package
Outline Drawing
1
Absolute Maximum Rating at 25C
Parameter Collector-Emitter Voltage Emitter-Base Voltage Collector Current (Peak) Total Power Dissipation @ +25C Storage Temperature Junction Temperature Symbol VCES VEBO IC PTOT Tstg Tj Rating 80 3.0 10.5 375 -65 to +200 200 Units V V A W C C
Notes: (unless otherwise specified) 1. Tolerances are: inches .005" (millimeters 0.13mm)
TEST FIXTURE INPUT CIRCUIT
TEST FIXTURE OUTPUT CIRCUIT
Broadband Test Fixture Impedance
F (MHz) 1030 1090 Z IF () 3.4 + j5.6 3.2 + j5.1 Z OF () 2.3 + j2.2 2.3 + j1.7
50
ZIF
ZOF
50
Electrical Specifications at 25C
Symbol
BVCES
ICES RTH(JC) PO GP RL VSWR-T VSWR-S
Parameter Collector-Emitter Breakdown Collector-Emitter Leakage Thermal Resistance Output Power Power Gain Collector Efficiency Input Return Loss Load Mismatch Tolerance Load Mismatch Stability
Test Conditions IC=125mA VCE=45 V VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz VCC=45 V, Pin=26 W, f=1090 MHz
Min 80 175 8.3 55 9 -
Max 12.5 0.4 2:1 1.5:1
Units V mA C/W W dB % dB -
V2.00 M/A-COM Division of AMP Incorporated n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
Avionics Pulsed Power Transistor 175 Watts, 1030-1090 MHz, 250s Pulse, 10 % Duty
PH1090-175L
Electrical Schematic
1
Electrical Schematic Parts List
C1, C2 C3 Q1 10 pF ATC Size A 68 uF 63 Volts PH1090-175L
Board Type Rogers 6010.5 .025" thick, ER = 10.5
Notes: 1. Dimensions in mils.
V2.00 M/A-COM Division of AMP Incorporated n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PH1090-175L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X