Part Number Hot Search : 
MB90F455 1N4679 S241H 1050QA3 XMP6A TC7S08F PS200 ZTX237
Product Description
Full Text Search
 

To Download P6SMB100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6SMB SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts 600 Watts Peak Power
Features
For surface mounted application in order to optimize board space Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 250OC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 600 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle
.082(2.08) .076(1.93)
SMB/DO-214AA
.147(3.73) .137(3.48)
.187(4.75) .167(4.25) .012(.31) .006(.15)
.103(2.61) .078(1.99) .012(.31) .006(.15) .056(1.41) .035(0.90) .208(5.28) .200(5.08) .008(.20) .004(.10)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Standard packaging: 12mm tape (EIA STD RS-481) Weight: 0.093gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Type Number Symbol Value
Peak Power Dissipation at TA=25OC, Tp=1ms(Note 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Maximum Instantaneous Forward Voltage at 50.0A for Unidirectional Only (Note 4) Operating and Storage Temperature Range
Units Watts Amps Volts
O
PPK IFSM VF TJ, TSTG
Minimum 600 100 3.5 -65 to + 150
O
C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. 2. Mounted on 5.0mm2 (.013 mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 pulses Per Minute Maximum. Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types P6SMB6.8 through Types P6SMB200A. 2. Electrical Characteristics Apply in Both Directions.
- 620 -
RATINGS AND CHARACTERISTIC CURVES (P6SMB SERIES)
PEAK PULSE POWER (PPP) or CURRENT (IPPM) DERATING IN PERCENTAGE. %
FIG.1- PEAK PULSE POWER RATING CURVE
100
FIG.2- PULSE DERATING CURVE
100
PPPM, PEAK PULSE POWER, KW
10
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG.3 O TJ = 25 C
75
50
1
25
0.1 0.1 s 1.0 s 10 s 100 s 1.0ms 10ms
0 0 25 50 75 100 125
O
150
175
200
tp, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. ( C)
FIG.3- PULSE WAVEFORM
150
IFSM, PEAK FORWARD SURGE CURRENT. AMPERES
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY
200
tr = 10 sec
PEAK PULSE CURRENT - %
100
Peak Value IPPM
PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
100
8.3ms Single Half Sine Wave JEDEC Method
50
Half Value - IPPM 2 10/1000 sec. WAVEFORM as DEFINED by R.E.A.
50
td
0 0 1.0 2.0 3.0 4.0
10
1
2
4
6
8
10
20
40
60
80
100
t, TIME, ms
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL REVERSE LEAKAGE CHARACTERASTICS
1000
FIG.6- TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL
6000
ID, INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES
MEASURED at ZERO BIAS
100
CJ,JUNCTION CAPACITANCE. (pF)
1000
10
1
MEASURED AT DEVICES STAND-OFF VOLTAGE, VWM
Tj =25 C f = 1.0MHz Vsig = 50 mVp-p
O
0.1
100
MEASURED at STAND-OFF VOLTAGE, VWM
0.01
TJ = 25 C
10 0 100 200 300 400 500 1 10 100 200
O
0.001
V(BR), BREAKDOWN VOLTAGE. VOLTS
V(BR), BREAKDOWN VOLTAGE. VOLTS
- 621 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code
KDJ KEJ KFJ KGJ KHJ KKJ KLJ KMJ KNJ KPJ KQJ KRJ KSJ KTJ KUJ KVJ KWJ KXJ KYJ KZJ LDJ LEJ LFJ LGJ LHJ LKJ LLJ LMJ LNJ LPJ LQJ LRJ LSJ LTJ LUJ LVJ LWJ LXJ LYJ LZJ MDJ MEJ MFJ MGJ MHJ MKJ MLJ MMJ MNJ MPJ MQJ MRJ MSJ MTJ
Breakdown Voltage Test Stand-Off Maximum Maximum Maximum Maximum Current Voltage Reverse Leakage Peak Pulse Clamping Temperature VBR @IT VWM at VWM Current IRSM Voltage at IPPM Coefficient (Volts) (Note 1) O Min Max (mA) (Volts) ID (uA) (Note 2)(Amps) VC(Volts) of VBR(% / C)
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 58 60 53 55 50 52 45 47 42 43 38 40 36 37 33 34 28 29 26 28 23 25 21 22 19 20 18 19 16 16.8 14 15 13.0 13.8 12 12.6 11.1 11.6 10.0 10.6 9.2 9.7 8.5 8.9 7.8 8.1 7.0 7.4 6.4 6.8 5.8 6.1 5.3 5.5 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0 118.0 113.0 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105
P6SMB6.8 P6SMB6.8A P6SMB7.5 P6SMB7.5A P6SMB8.2 P6SMB8.2A P6SMB9.1 P6SMB9.1A P6SMB10 P6SMB10A P6SMB11 P6SMB11A P6SMB12 P6SMB12A P6SMB13 P6SMB13A P6SMB15 P6SMB15A P6SMB16 P6SMB16A P6SMB18 P6SMB18A P6SMB20 P6SMB20A P6SMB22 P6SMB22A P6SMB24 P6SMB24A P6SMB27 P6SMB27A P6SMB30 P6SMB30A P6SMB33 P6SMB33A P6SMB36 P6SMB36A P6SMB39 P6SMB39A P6SMB43 P6SMB43A P6SMB47 P6SMB47A P6SMB51 P6SMB51A P6SMB56 P6SMB56A P6SMB62 P6SMB62A P6SMB68 P6SMB68A P6SMB75 P6SMB75A P6SMB82 P6SMB82A
- 622 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Device Marking Code MUJ MVJ MWJ MXJ MYJ MZJ NDJ NEJ NFJ NGJ NHJ NKJ NLJ NMJ NNJ NPJ NQJ NRJ NSJ NTJ NUJ NVJ
Breakdown Voltage Test VBR Current (Volts) (Note 1) @IT Min Max (mA) Stand-Off Voltage VWM (Volts) Maximum Maximum Maximum Reverse Leakage Peak Pulse Clamping at VWM Current IRSM Voltage at IPPM ID (uA) (Note 2)(Amps) VC(Volts) Maximum Temperature Coefficient O of VBR(% / C)
P6SMB91 P6SMB91A P6SMB100 P6SMB100A P6SMB110 P6SMB110A P6SMB120 P6SMB120A P6SMB130 P6SMB130A P6SMB150 P6SMB150A P6SMB160 P6SMB160A P6SMB170 P6SMB170A P6SMB180 P6SMB180A P6SMB200 P6SMB200A P6SMB220 P6SMB220A
81.9 86.5 90.0 95.0 99.0 105.0 108.0 114.0 117.0 124.0 135.0 143.0 144.0 152.0 153.0 162.0 162.0 171.0 180.0 190.0 198.0 209.0
100.0 95.5 110.0 105.0 121.0 116.0 132.0 126.0 143.0 137.0 165.0 158.0 176.0 168.0 187.0 179.0 198.0 189.0 220.0 210.0 242.0 231.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
73.7 77.8 81.0 85.5 89.2 94.0 97.2 102.0 105.0 111.0 121.0 128.0 130.0 136.0 138.0 145.0 146.0 154.0 162.0 171.0 175.0 185.0
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
4.8 5.0 4.3 4.5 3.9 4.1 3.6 3.8 3.3 3.5 2.9 3.0 2.7 2.8 2.5 2.6 2.4 2.5 2.1 2.2 1.8 1.9
131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 342.0 328.0
0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108
Notes: 1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent. 2. Surge current waverform per Figure 3 and derate per Figure 2. 3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled. 4. For bidirectional use C or Ca suffix for types P6SMB6.8 through P6SMB200A. 5. All terms and symbols are consistent with ANSI/IEEE C62.35.
- 623 -


▲Up To Search▲   

 
Price & Availability of P6SMB100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X