Part Number Hot Search : 
ZMM5222B AOD2610E B72210 NP3534R SKR12XG NP3534R SMDA05CM RF1405
Product Description
Full Text Search
 

To Download OM5219XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OM5204SC/RC/DC OM5206SC/RC/DC OM5219SC/RC/DC OM5235SC/RC/DC OM5205SC/RC/DC OM5218SC/RC/DC OM5220SC/RC/DC
HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
30 Amp, 50 To 600 Volts, 35 To 50 ns trr
FEATURES
* * * * * * * Very Low Forward Voltage Very Fast Switching Time Hermetic Metal Package, JEDEC TO-258AA Low Thermal Resistance Isolated Package High Surge Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at power switching frequencies in excess of 100 kHz. The series combines two high efficiency devices into one package, simplifying installation, reducing heat sink hardware, and the need to obtain matched components. These devices are ideally suited for Hi-Rel applications where small size and a hermetically sealed package is required. Common anode configurations are also available. Common cathode is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V Maximum Average D.C. Output Current @ TC = 100 C . . . . . . . . . . . . . . . . . . . 15 A Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55 C to + 150 C Z
3.2
SCHEMATIC
1 2 COMMON ANODE 1 1 2 COMMON CATHODE 3 DOUBLER 2 OMXXXXDC
Common cathode is standard. Contact the factory for performance characteristics for common anode and doubler. Z-Pak also available.
.165 .155
MECHANICAL OUTLINE
.695 .685 .270 .240 .045 .035
3 OMXXXXRC
3
OMXXXXSC
.835 .815 .707 .697
1 2 3
.550 .530
.092 MAX. .750 .500 .065 .055 .140 TYP. .005
.200 TYP.
4 11 R4 Supersedes 1 07 R3
3.2 - 45
OM5204SC/RC/DC - OM5235SC/RC/DC
ELECTRICAL CHARACTERISTICS (Per Diode)
Type PIV Maximum Forward Voltage (Volts) @ (1) Tj = 100 C Tj = 25 C Maximum Reverse Current @ PIV Tj = 25 C Tj = 100 C 20 A 1.0 mA Maximum Reverse Recovery Time (2) Maximum Thermal Resist. q RqJC
OM5204XX OM5205XX OM5206XX OM5218XX OM5219XX OM5220XX OM5235XX
50 100 1.1 V @ 15 A 0.90 V @ 15 A 150 200 300 1.35 V @15 A 1.15 V @ 15 A 400 600 1.6 V @ 15 A 1.4 V @ 15 A
35 nsec
2.0
20 A 20 A
1.0 mA 2.0 mA
50 nsec 50 nsec
1.8
(1) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%. (2) Measured in Circuit: IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A
50 V TO 200 V TYPICAL FORWARD VOLTAGE OM5204, 5205, 5206, 5218
100
300 V & 400 V TYPICAL FORWARD VOLTAGE OM5219, 5220
100
TJ = 150C
50 50
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
30 20
IF = INSTANTANEOUS FORWARD CURRENT (AMPS)
25C
30 20
TJ = 150C 100C
10
100C
10
5.0 3.0 2.0
5.0
25C
3.0 2.0
1.0
1.0
0.5 0.3 0.2
0.5 0.3 0.2
3.2
0.1
0.1
.3 0.2
.5 0.4
.7 0.6
.9 0.8
1.1 1.0
1.3 1.2
1.5 1.4
1.7 1.6
0.2
.5
0.4
.7
0.6
.9
0.8
1.1
1.0
1.3
1.2
1.5
1.4
1.7
1.6
VF = INSTANTANEOUS VOLTAGE (VOLTS)
VF = INSTANTANEOUS VOLTAGE (VOLTS)
TYPICAL REVERSE CURRENT OM5204, 5205, 5206, 5218
IR = REVERSE CURRENT (A) IR = REVERSE CURRENT (A)
100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 20 40 60 80 100 120 140 160 180 200
TYPICAL REVERSE CURRENT OM5219, 5220, 5235
100 50 20 10 5.0 2.0 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0 50 100 150 200 250 300 350 400 450 500
TJ = 150C 100C
TJ = 150C
100C
25C
25C
VR = REVERSE VOLTAGE (VOLTS)
VR = REVERSE VOLTAGE (VOLTS)
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246


▲Up To Search▲   

 
Price & Availability of OM5219XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X