Part Number Hot Search : 
M4002 NJM2533 1485815 MAX7450 3D7225 BAV16WS RJH6677 30D60
Product Description
Full Text Search
 

To Download NTE5869 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE5850 thru NTE5869 Silicon Power Rectifier Diode, 6 Amp
Description and Features: The NTE5850 through NTE5869 are low power general purpose rectifier diodes in a DO4 type package designed for battery chargers, converters, power supplies, and machine tool controls. Features: D High Surge Current Capability D High Voltage Available D Designed for a Wide Range of Applications D Available in Anode-to-Case or Cathode-to-Case Style Ratings and Characteristics: Average Forward Current (TC = +158C Max), IF(AV) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6A Maximum Forward Surge Current, IFSM 50Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134A 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141A Fusing Current, I2t 50Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90A2s 60Hz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141A2s Fusing Current, I2pt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1270A2ps Maximum Reverse Recovery Voltage Range, VRRM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 1000V Voltage Ratings: (TJ = +175C)
NTE Type Number Cathode to Case Anode to Case VRRM-Max Repetitive Peak Reverse Volt. (V) VRSM-Max Non-Repetitive Peak Reverse Voltage (V) VR-Max. Direct Reverse Voltage (V) VR(SR) Minimum Avalanche Voltage (V) IRM-Max Reverse Current Rated VRRM
(mA)
5850 5852 5854 5856 5858 5860 5862 5866 5868
5851 5853 5855 5857 5859 5861 5863 5867 5869
50 100 200 300 400 500 600 800 1000
75 150 275 385 500 613 725 950 1200
50 100 200 300 400 50 600 800 1000
- - - - 500 613 725 950 1200
12 12 12 12 12 12 12 12 12
Electrical Specifications:
Parameter Maximum Average Forward Current Maximum RMS Forward Current Maximum Peak One-Cycle Non-Repetitive Surge Current Symbol IF (AV) IF(RMS) IFSM t = 10ms t = 8.3ms t = 10ms t = 8.3ms Maximum I2t for Individual Device Fusing Maximum I2pt Maximum Peak Forward Voltage Maximum Value of Threshold Voltage Maximum Value of Forward Slope Resistance I2t I2pt VFM VM (TO) rt t = 10ms t = 8.3ms Sinusoidal Half Wave, No voltage reapplied 100% rated voltage reapplied, TJ = +175C 100% rated voltage reapplied, Initial TJ = +175C Test Conditions 180 sinusoidal condition, TC = +158C Max Rating 6 9.5 134 141 159 167 127 116 1270 1.10 0.60 17.2 Unit A A A A A A A2s A2s A2pt V V m
t = 0.1 to 10ms, No voltage reapplied, Note 1 IFM = 19A, TJ = +25C TJ = +175C TJ = +175C
Note 1. I2t for time tx = I2 t S
tx
Thermal-Mechanical Specifications:
Parameter Maximum Operation Junction Temperature Maximum Storage Temperature Maximum Internal Thermal Resistance Junction-to-Case Thermal Resistance, Case-to-Sink Mounting Torque Approximate Weight Symbol TJ Tstg RthJC RthCS T wt .250 (6.35) Max .060 (1.52) Dia Min .175 (4.45) Max 10-32 NF-2A DC operation Mounting surface flat, smooth and greased Non-lubricated threads Test Conditions Rating -65 to + 175 -65 to + 200 2.5 0.25 Unit C C K/W K/W
1.2 - 1.5 m*N (10.5 - 13.5) (in*lb) 11 (0.25) g (oz)
.437 (11.1) Max
.424 (10.8) Dia Max
.405 (10.3) Max 1.250 (31.75) Max
.453 (11.5) Max


▲Up To Search▲   

 
Price & Availability of NTE5869

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X