Part Number Hot Search : 
10PBF CY14B 2SC3502E 1N5378B 74LVC2 KA2138N SD02H0B RCL250E
Product Description
Full Text Search
 

To Download MIE-134G2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
Description
The MIE-134G2 is a GaAs infrared emitting diode molded in clear, lensed side looking package. The MIE-134G2 provides a broad range of intensity selection .
1.70 0.10 (.067.004) 0.30max (.012) 0.50max (.020)
MIE-134G2
Unit: mm( inches )
Package Dimensions
4.000.10 (.158.004)
0.800.10 (.032.004)
2.05 (.081)
2.000.10 (.078.004) 2.450.10 (.080.004)
2.00max (.078) 0.25max (.010) 1 2 3 1 2 3
4.00 0.10 (.158.004)
R1.1 2.000.10 (.078.004) 3.090.10 (.154.004) 3.00*0.5 (.118) 5.100.10 (.200.004) 2.500.30 (.099.012)
l
Selected to specific on-line intensity and radiant intensity ranges
l
Low cost, plastic side looking package Mechanically and spectrally matched to The MID-13A45 of phototransistor .
1.25 (.049) 1.25 (.049)
l
9.60 (.378)
7.60 (.299)
Features
Pin # 1 2 3
Name Cathode Anode Open
NOTES : 1. All dimensions are in millimeters. 2. Tolerance is 0.25mm unless otherwise noted . 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings @ TA=25oC
Parameter Power Dissipation Peak Forward Current(300pps,10s pulse) Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 75 1 50 5 -55 C to +100 C -55oC to +100oC 260oC for 5 seconds
o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
0.25max (.010)
3.700.10 (.146.004)
11/17/2000
MIE-134G2
Optical-Electrical Characteristics @ TA=25oC
Parameter Radiant Incidance Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth View Angle Test Conditions IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA Symbol Ee VF IR 21/2 Min. Typ . 1.0 1.25 Max. Unit mW/cm2 V A nm nm deg .
-
1.35 100
940 50 30
-
Typical Optical-Electrical Characteristic Curves
Relative Radiant Intensity
1
0.5
0 840 880 920 960 1000 1040
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION Relative Radiant Intensity
0 1.2 1.6 2.0 2.4 2.8 100 3 2.5 2 1.5 1 0.5 0 -40 -20 0 20 40
Forward Current (mA)
80 60 40 20 0
Forward Voltage (V) FIG.2 FORWARD CURRENT VS. FORWARD VOLTAGE Relative Radiant Intensity Relative Radiant Intensity
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA( C) FIG.3 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 0.5 0.3 0.1 0.2 0.4 0.6 50 60 70 80 90
o
60
Forward Current (mA) FIG.4 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.5 RADIATION DIAGRAM
11/17/2000


▲Up To Search▲   

 
Price & Availability of MIE-134G2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X