Part Number Hot Search : 
43S11 GP1S03 PD121XL6 MM74HC RY1212S SBR5000G N60UF 381XS21D
Product Description
Full Text Search
 

To Download MID-54422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 3/4 PACKAGE NPN PHOTOTRANSISTOR
Description
The MID-54422 is a NPN silicon phototransistor mounted in a lensed, water clear plastic package. The lensing effect of the package allows an acceptance view angle of 40o so that the product performs a high directional characteristic.
7.62 (.300) 5.90 (.230) 1.00 (.040)
MID-54422
Package Dimensions
r 5.05 (.200)
Unit: mm ( inches )
5.47 (.215)
FLAT DENOTES COLLECTOR
Features
l l l l l
23.40 MIN. (.920) .50 TYP. (.020)
Wide range of collector current Lensed for high sensitivity Low cost plastic package Standard T-1 3/4 (5mm) package. Acceptance angle :40o
1.00MIN. (.040) 2.54 (.100)
E
C
Notes : 1.Tolerance is 0.25 mm (.010") unless otherwise noted. 2.Protruded resin under flange is 1.0 mm (.040") max. 3.Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
@ TA=25oC Parameter Power Dissipation Collector-Emitter Voltage Emitter-Collector Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature Maximum Rating 150 30 5 -55 C to +100 C -55oC to +100oC 260oC for 5 seconds
o o
Unit mW V V
Unity Opto Technology Co., Ltd.
02/04/2002
MID-54422
Optical-Electrical Characteristics
@ TA=25oC Parameter Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current
Iceo-Collector Dark Current -A
Test Conditions Ic=0.1mA Ee=0 Ie=0.1mA Ee=0 Ic=0.5mA Ee=0.1mW/cm2 Vcc =5V , RL=1K IC=1mA VCE=10V Ee=0 VCE=5V Ee=0.1mW/cm2
Symbol V(BR)CEO V(BR)ECO VCE(SAT)
Min. 30
Typ .
Max.
Unit V
5
V 0.4
V S
Tr Tf ICEO IC(ON)
15 15 100
nA
1
mA
1000 100 10 1 0.1 0.01 0.001 0 40 80 120
IC Normalized Collector Current
Typical Optical-Electrical Characteristic Curves
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
Vce = 5 V Ee = 0.1 mW/cm2 @= 940 nm
200 160 120 80 40 0
Relative Collector Current (mA)
Tr Tf Rise and Fall Time - S
TA - Ambient Temperature -oC FIG.1 COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE
Vcc = 5 V VRL= 1 V F = 100 Hz PW = 1 ms
TA - Ambient Temperature -oC FIG.2 NORMALIZED COLLECTOR CURRENT VS AMBIENT TEMPERATURE
5 4 3 2 1 0
Vce = 5V
-75
-25
25
75
125
0
2
4
6
8
10 0 10 20
RL - Load Resistance - K FIG.3 RISE AND FALL TIME VS LOAD RESISTANCE Relative Sensitivity
Ee - Irradiance - mW/cm2 FIG.4 RELATIVE COLLECTOR CURRENT VS IRRADIANCE
0 0.1 0.2 0.3 0.4 0.5 0.6
30 40 50 60 70 80 90 0.5 0.3 0.1 0.2 0.4 0.6
1.0 0.9 0.8
FIG .5 SENSITIVITY DIAGRAM
Unity Opto Technology Co., Ltd.
02/04/2002


▲Up To Search▲   

 
Price & Availability of MID-54422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X