Part Number Hot Search : 
MAX2740 JRC0198 39861 100C1296 VHS30 88F6281 0M331 ELECTRO
Product Description
Full Text Search
 

To Download MB15F76UL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
DS04-21373-1E
ASSP
Dual Serial Input PLL Frequency Synthesizer
MB15F76UL
s DESCRIPTION
The Fujitsu MB15F76UL is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 6.0 GHz and a 1.5 GHz prescalers. Both prescalers for RF and IF have a 1/4 divider. A 16/17 or a 32/33 for the 6.0 GHz prescaler, and a 4/5 or a 8/9 for the 1.5 GHz prescaler can be selected for the prescaler that enables pulse swallow operation. The BiCMOS process is used, as a result a supply current is typically 8.5 mA at 3.0 V. The supply voltage range is from 2.5 V to 3.6 V. A refined charge pump supplies well-balanced output current with 1.5 mA and 6 mA selectable by serial date. The pin assignments are is the same as the MB15F78UL. Fast locking is achieved for adopting the new circuit. The new package (BCC20) decreases a mount area of MB15F76UL more than 30% comparing with the former BCC16 (for dual PLL) .
s PACKAGE
20-pad plastic BCC
(LCC-20P-M05)
MB15F76UL
s FEATURES
* High frequency operation * * * : RF synthesizer : 6.0 GHz Max : IF synthesizer : 1.5 GHz Max Low power supply voltage : VCC = 2.5 V to 3.6 V Ultra low power supply current : ICC = 8.5 mA Typ (VCC = Vp = 3.0 V, Ta = +25 C, SWIF = SWRF = 0 in IF/RF locking state) Direct power saving function : Power supply current in power saving mode Typ. 0.1 A (VCC = Vp = 3.0 V, Ta = +25 C) Max. 10 A (VCC = Vp = 3.0 V) Software selectable charge pump current : 1.5 mA/6.0 mA Typ Dual modulus prescaler : 6.0 GHz prescaler (1/4 divider and 16/17 or 32/33) / 1.5 GHz prescaler (1/4 divider and 4/5 or 8/9) 23-bit shift register Serial input binary 14-bit programmable reference divider : R = 3 to 16,383 Serial input programmable divider consisting of: - Binary 5-bit swallow counter : 0 to 31 - Binary 13-bit programmable counter : 3 to 8,191 Built-in high-speed tuning, low-noise phase comparator, current-switching type constant current circuit On-chip phase control for phase comparator On-chip phase comparator for fast lock and low noise Built-in digital locking detector circuit to detect PLL locking and unlocking Operating temperature : Ta = -40 C to +85 C
* * * * *
* * * * *
s PIN ASSIGNMENT
(BCC-20) TOP VIEW
OSCIN Data GND Clock finIF XfinIF GNDIF VCCIF PSIF VpIF 1 2 3 4 5 6 7 8 20 19 18 17 16 15 14 13 12 9 10 11 LE finRF XfinRF GNDRF VCCRF PSRF
DoIF DoRF LD/fout VpRF
(LCC-20P-M05)
2
MB15F76UL
s PIN DESCRIPTION
Pin no. 1 2 3 4 Pin name finIF XfinIF GNDIF VCCIF I/O I I Descriptions Prescaler input pin for the IF-PLL. Connection to an external VCO should be AC coupling. Prescaler complimentary input for the IF-PLL section. This pin should be grounded via a capacitor. Power supply voltage input pin for the IF-PLL section (except for the charge pump circuit), the shift register and the oscillator input buffer. Power saving mode control pin for the IF-PLL section. This pin must be set at "L" when the power supply is started up. (Open is prohibited.) PSIF = "H" ; Normal mode/PSIF = "L" ; Power saving mode Charge pump output for the IF-PLL section. Lock detect signal output (LD) /phase comparator monitoring output (fout) pin. The output signal is selected by LDS bit in a serial data. LDS bit = "H" ; outputs fout signal/LDS bit = "L" ; outputs LD signal Charge pump output for the RF-PLL section. Power saving mode control for the RF-PLL section. This pin must be set at "L" when the power supply is started up. (Open is prohibited. ) PSRF = "H" ; Normal mode/PSRF = "L" ; Power saving mode Power supply voltage input pin for the RF-PLL section (except for the charge pump circuit) Prescaler complimentary input pin for the RF-PLL section. This pin should be grounded via a capacitor. Prescaler input pin for the RF-PLL. Connection to an external VCO should be via AC coupling. Load enable signal input pin (with the schmitt trigger circuit) When LE is set "H", data in the shift register is transferred to the corresponding latch according to the control bit in a serial data. Serial data input pin (with the schmitt trigger circuit) Data is transferred to the corresponding latch (IF-ref. counter, IF-prog. counter, RF-ref. counter, RF-prog. counter) according to the control bit in a serial data. Clock input pin for the 23-bit shift register (with the schmitt trigger circuit) One bit data is shifted into the shift register on a rising edge of the clock. The programmable reference divider input pin. TCXO should be connected with an AC coupling capacitor.
Ground pin for the IF-PLL section. I
5 6 7 8 9 10 11
PSIF VpIF DoIF LD/fout DoRF VpRF PSRF
Power supply voltage input pin for the IF-PLL charge pump. O O O
Power supply voltage input pin for the RF-PLL charge pump. I
12 13 14 15
VCCRF GNDRF XfinRF finRF
Ground pin for the RF-PLL section I I
16
LE
I
17
Data
I
18 19 20
Clock OSCIN GND
I I
Ground pin for OSC input buffer and the shift register circuit.
3
MB15F76UL
s BLOCK DIAGRAM
VCCIF GNDIF 4 3 VpIF 6
PSIF 5
SWIF
LDS
FCIF
Intermittent mode control (IF-PLL)
3 bit latch
5 bit latch
13 bit latch Phase Fast comp. lock (IF-PLL) Tuning Charge pump Current (IF-PLL) Switch 7 DoIF
Binary 5-bit Binary 13-bit swallow counter programmable (IF-PLL) counter (IF-PLL)
Prescaler (IF-PLL) Modulus (4/5, 8/9) finIF 1 XfinIF 2 1/4 divider T1 T2 2 bit latch 14 bit latch Binary 14-bit programmable ref. counter(IF-PLL) frIF OSCIN 19
fpIF Lock Det. (IF-PLL) 1 bit latch C/P setting counter LDIF
Fast lock Tuning frRF T1 OR 2 bit latch T2
Binary 14-bit programmable ref. counter (RF-PLL)) C/P setting counter
AND
Selector
14 bit latch
1 bit latch LDRF
LD frIF frRF fpIF fpRF
8 LD/ fout
finRF 15 XfinRF 14
1/4 divider Modulus (16/17, 32/33)
Prescaler (RF-PLL)
fpRF
Lock Det. (RF-PLL)
PSRF 11
Intermittent mode control (RF-PLL)
Binary 13-bit Binary 5-bit swallow counter programmable counter (RF-PLL) (RF-PLL)
Phase comp. (RF-PLL)
Fast lock Tuning
Charge Current pump Switch (RF-PLL)
SWRF
FCRF
LDS
9 DoRF
fpRF
3 bit latch
5 bit latch
13 bit latch
LE 16
Schmitt circuit
Latch selector
Data 17 Clock 18
Schmitt circuit Schmitt circuit
CC NN 12
23-bit shift register
20 GND
12 VCCRF
13 GNDRF
10 VpRF
4
MB15F76UL
s ABSOLUTE MAXIMUM RATINGS
Parameter Power supply voltage Input voltage Output voltage Storage temperature LD/fout DoIF, DoRF Symbol VCC Vp VI VO VDO Tstg Rating Min. -0.5 VCC -0.5 GND GND -55 Max. 4.0 4.0 VCC + 0.5 VCC Vp +125 Unit V V V V V C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Parameter Power supply voltage Input voltage Operating temperature Symbol VCC Vp VI Ta Value Min. 2.5 VCC GND -40 Typ. 3.0 3.0 Max. 3.6 3.6 VCC +85 Unit V V V C Remarks VCCRF = VCCIF
Note : * VCCRF, VpRF, VCCIF and VpIF must supply equal voltage. Even if either RF-PLL or IF-PLL is not used, power must be supplied to VCCRF, VpRF, VCCIF and VpIF to keep them equal. It is recommended that the non-use PLL is controlled by power saving function. * Although this device contains an anti-static element to prevent electrostatic breakdown and the circuitry has been improved in electrostatic protection, observe the following precautions when handling the device. * When storing and transporting the device, put it in a conductive case. * Before handling the device, confirm the (jigs and) tools to be used have been uncharged (grounded) as well as yourself. Use a conductive sheet on working bench. * Before fitting the device into or removing it from the socket, turn the power supply off. * When handling (such as transporting) the device mounted board, protect the leads with a conductive sheet. WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their FUJITSU representatives beforehand.
5
MB15F76UL
s ELECTRICAL CHARACTERISTICS
*
(VCC = 2.5 V to 3.6 V, Ta = -40 C to +85 C) Parameter Symbol ICCIF *1 Power supply current ICCRF *1 Power saving current finIF *3 Operating frequency finRF finIF finRF
*3
Condition finIF = 570 MHz, VCCIF = VpIF = 3.0 V finRF = 4750 MHz, VCCRF = VpRF = 3.0 V PSIF = PSRF = "L" PSIF = PSRF = "L" IF PLL RF PLL IF PLL, 50 system RF PLL, 50 system Schmitt trigger input Schmitt trigger input
Value Min. 1.8 5.2 100 2000 3 -15 -10 0.5 0.7 VCC + 0.4 0.7 VCC -1.0 -1.0 0 -100 VCC - 0.4 1.0 Typ. 2.3 6.2 0.1 *2 0.1 *2 Max. 2.9 7.5 10 10 1500 6000 40 +2 +2 VCC 0.3 VCC - 0.4 0.3 VCC +1.0 +1.0 +100 0 0.4 0.4 2.5 -1.0
Unit mA mA A A MHz MHz MHz dBm dBm VP-P V V V V A A A A V V V V nA mA mA
IPSIF IPSRF finIF finRF fOSC PfinIF PfinRF VOSC VIH VIL VIH VIL IIH *4 IIL *4 IIH IIL *4 VOH VOL VDOH VDOL IOFF IOH *4 IOL
OSCIN Input sensitivity
Input available voltage OSCIN "H" level input voltage "L" level input voltage "H" level input voltage "L" level input voltage "H" level input current "L" level input current "H" level input current "L" level input current Data LE Clock PSIF PSRF Data LE Clock PS OSCIN
"H" level output voltage LD/ "L" level output voltage fout "H" level output voltage DoIF "L" level output voltage DoRF High impedance cutoff DoIF current DoRF "H" level output current LD/ "L" level output current fout
VCC = Vp = 3.0 V, IOH = -1 mA VCC = Vp = 3.0 V, IOL = 1 mA VCC = Vp = 3.0 V, IDOL = 0.5 mA VCC = Vp = 3.0 V VOFF = 0.5 V to Vp - 0.5 V VCC = Vp = 3.0 V VCC = Vp = 3.0 V
VCC = Vp = 3.0 V, IDOH = -0.5 mA Vp - 0.4
(Continued)
6
MB15F76UL
(Continued)
(VCC = 2.5 V to 3.6 V, Ta = -40 C to +85 C) Symbol Condition VCC = Vp = 3.0 V, VDOH = Vp / 2, Ta = +25 C VCC = Vp = 3.0 V, VDOL = Vp / 2, Ta = +25 C VDO = Vp / 2 0.5 V VDO Vp - 0.5 V -40 C Ta +85 C, VDO = Vp / 2 CS bit = "H" CS bit = "L" CS bit = "H" CS bit = "L" Value Min. -8.2 -2.2 4.1 0.8 Typ. -6.0 -1.5 6.0 1.5 3 10 5 Max. -4.1 -0.8 8.2 2.2 10 15 10 Unit mA mA mA mA % % %
Parameter "H" level output current "L" level output current DoIF *8 DoRF DoIF *8 DoRF
IDOH *4
IDOL
IDOL/IDOH IDOMT *5 Charge pump current rate vs VDO vs Ta IDOVD
*6
IDOTA *7
*1 : Conditions ; fosc = 10.0 MHz, Ta = +25 C, SW = "L" in locking state. *2 : VCCIF = VpIF = VCCRF = VpRF = 3.0 V, fosc = 10.0 MHz, Ta = +25 C, in power saving mode. PSIF = PSRF = GND VIH = VCC, VIL = GND (at CLK, Data, LE) *3 : AC coupling. 1000 pF capacitor is connected under the condition of Min. operating frequency. *4 : The symbol "-" (minus) means the direction of current flow. *5 : VCC = Vp = 3.0 V, Ta = +25 C (||I3| - |I4||) / [ (|I3| + |I4|) / 2] x 100 (%) *6 : VCC = Vp = 3.0 V, Ta = +25 C [ (||I2| - |I1||) / 2] / [ (|I1| + |I2|) / 2] x 100 (%) (Applied to both lDOL and lDOH) *7 : VCC = Vp = 3.0 V, [||IDO (+85 C) | - |IDO (-40 C) || / 2] / [|IDO (+85 C) | + |IDO (-40 C) | / 2] x 100 (%) (Applied to both IDOL and IDOH) *8 : When Charge pump current is measured, set LDS = "L" , T1 = "L" and T2 = "H".
I1 IDOL
I3 I2
IDOH
I2
I4 I1 0.5 Vp/2 Vp - 0.5 Vp
Charge pump output voltage (V)
7
MB15F76UL
s FUNCTIONAL DESCRIPTION
1. Pulse swallow function
fVCO = [ (P x N) + A] x 4 x fOSC / R fVCO : Output frequency of external voltage controlled oscillator (VCO) P : Preset divide ratio of dual modulus prescaler (4 or 8 for IF-PLL, 16 or 32 for RF-PLL) N : Preset divide ratio of binary 13-bit programmable counter (3 to 8,191) A : Preset divide ratio of binary 5-bit swallow counter (0 A 31, A < N) fOSC : Reference oscillation frequency (OSCIN input frequency) R : Preset divide ratio of binary 14-bit programmable reference counter (3 to 16,383)
2. Serial Data Input
The serial data is entered using three pins, Data pin, Clock pin, and LE pin. Programmable dividers of IF/RFPLL sections, programmable reference dividers of IF/RF-PLL sections are controlled individually. The serial data of binary data is entered through Data pin. On rising edge of Clock, one bit of the serial data is transferred into the shift register. On a rising edge of load enable signal, the data stored in the shift register is transferred to one of latches depending upon the control bit data setting. The programmable The programmable reference counter reference counter for the IF-PLL for the RF-PLL CN1 CN2 0 0 1 0 The programmable counter and the swallow counter for the IF-PLL 0 1 The programmable counter and the swallow counter for the RF-PLL 1 1
(1) Shift Register Configuration * Programmable Reference Counter
(LSB) Data Flow (MSB)
1
2
3
4
5
6
7
8
9
10 11 12 13
14
15
16
17
18
19 20 21 22 23 X X X
CN1 CN2 T1 T2 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 CS X
CS R1 to R14 T1, 2 CN1, 2 X
: Charge pump current select bit : Divide ratio setting bits for the programmable reference counter (3 to 16,383) : LD/fout output setting bit : Control bit : Dummy bits (Set "0" or "1")
Note : Data input with MSB first.
8
MB15F76UL
* Programmable Counter
(LSB) Data Flow (MSB)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
21
22
23
CN1 CN2 LDS SWIF/RF
FCIF/RF A1 A2 A3 A4 A5 N1 N2 N3 N4 N5 N6 N7 N8 N9 N10 N11 N12 N13
A1 to A5 N1 to N13 LDS SWIF/RF FCIF/RF CN1, 2
: Divide ratio setting bits for the swallow counter (0 to 31) : Divide ratio setting bits for the programmable counter (3 to 8,191) : LD/fout signal select bit : Divide ratio setting bit for the prescaler (IF : SWIF, RF : SWRF) : Phase control bit for the phase detector (IF : FCIF, RF : FCRF) : Control bit
Note : Data input with MSB first.
(2) Data setting * Binary 14-bit Programmable Reference Counter Data Setting Divide ratio 3 4 * * * 16383 R14 R13 R12 R11 R10 R9 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 R8 0 0 * * * 1 R7 0 0 * * * 1 R6 0 0 * * * 1 R5 0 0 * * * 1 R4 0 0 * * * 1 R3 0 1 * * * 1 R2 1 0 * * * 1 R1 1 0 * * * 1
Note : Divide ratio less than 3 is prohibited. * Binary 13-bit Programmable Counter Data Setting Divide ratio N13 N12 N11 N10 N9 3 4 * * * 8191 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 0 0 * * * 1 N8 0 0 * * * 1 N7 0 0 * * * 1 N6 0 0 * * * 1 N5 0 0 * * * 1 N4 0 0 * * * 1 N3 0 1 * * * 1 N2 1 0 * * * 1 N1 1 0 * * * 1
Note : Divide ratio less than 3 is prohibited * Binary 5-bit Swallow Counter Data Setting Divide ratio 0 1 * * * 31 A5 0 0 * * * 1 A4 0 0 * * * 1 A3 0 0 * * * 1 A2 0 0 * * * 1 A1 0 1 * * * 1 9
MB15F76UL
* Prescaler Data Setting Divide ratio Prescaler divide ratio IF-PLL Prescaler divide ratio RF-PLL * Charge Pump Current Setting Current value CS 6.0 mA 1.5 mA 1 0 SW = "H" 4/5 16/17 SW = "L" 8/9 32/33
* LD/fout output Selectable Bit Setting LD/fout pin state LD output frIF fout output frRF fpIF fpRF LDS 0 0 0 1 1 1 1 T1 0 1 1 0 1 0 1 T2 0 0 1 0 0 1 1
* Phase Comparator Phase Switching Data Setting Phase comparator input fr > fp fr < fp fr = fp Z : High-impedance Depending upon the VCO and LPF polarity, FC bit should be set. High
(1)
FCIF, RF = "H" DoIF, RF H L Z
FCIF, RF = "L" DoIF, RF L H Z
(1) VCO polarity FC = "H" (2) VCO polarity FC = "L"
VCO Output Frequency
(2)
LPF Output voltage
Max.
Note : Give attention to the polarity for using active type LPF.
10
MB15F76UL
3. Power Saving Mode (Intermittent Mode Control Circuit)
Status Normal mode Power saving mode PS pin
H L
The intermittent mode control circuit reduces the PLL power consumption. By setting the PS pin low, the device enters into the power saving mode, reducing the current consumption. See the Electrical Characteristics chart for the specific value. The phase detector output, Do, becomes high impedance. For the dual PLL, the lock detector, LD, is as shown in the LD Output Logic table. Setting the PS pin high, releases the power saving mode, and the device works normally. The intermittent mode control circuit also ensures a smooth startup when the device returns to normal operation. When the PLL is returned to normal operation, the phase comparator output signal is unpredictable. This is because of the unknown relationship between the comparison frequency (fp) and the reference frequency (fr) which can cause a major change in the comparaor output, resulting in a VCO frequency jump and an increase in lockup time. To prevent a major VCO frequency jump, the intermittent mode control circuit limits the magnitude of the error signal from the phase detector when it returns to normal operation. Notes : * When power (VCC) is first applied, the device must be in standby mode. * PS pin must be set "L" at Power-ON.
OFF
ON tV 1 s
VCC Clock Data LE PS
tPS 100 ns
(1)
(2)
(3)
(1) PS = L (power saving mode) at Power-ON (2) Set serial data at least 1 s after the power supply becomes stable (VCC 2.2 V) . (3) Release power saving mode (PSIF, PSRF : "L" "H") at least 100 ns later after setting serial data.
11
MB15F76UL
4. Serial Data Input Timing
Divide ratio is performed through a serial interface using the Data pin, Clock pin, and LE pin. Setting data is read into the shift register at the rise of the Clock signal, and transferred to a latch at the rise of the LE signal. The following diagram shows the data input timing. 1st data Invalid data 2nd data
Control bit
Data
MSB
LSB
Clock
t1 t7 t2 t3 t6
LE
t4 t5
Parameter t1 t2 t3 t4
Min 20 20 30 30
Typ
Max
Unit ns ns ns ns
Parameter t5 t6 t7
Min 100 20 100
Typ
Max
Unit ns ns ns
Note : LE should be "L" when the data is transferred into the shift register.
12
MB15F76UL
s PHASE COMPARATOR OUTPUT WAVEFORM
frIF/RF
fpIF/RF
tWU
tWL
LD
(FC bit = High)
H DoIF/RF Z L
(FC bit = Low)
DoIF/RF Z L H
* LD Output Logic IF-PLL section Locking state/Power saving state Locking state/Power saving state Unlocking state Unlocking state
RF-PLL section Locking state/Power saving state Unlocking state Locking state/Power saving state Unlocking state
LD output H L L L
Notes : * Phase error detection range = -2 to +2 * Pulses on DoIF/RF signals during locking state are output to prevent dead zone. * LD output becomes low when phase error is tWU or more. * LD output becomes high when phase error is tWL or less and continues to be so for three cycles or more. * tWU and tWL depend on OSCIN input frequency as follows. tWU 2/fosc : e.g. tWU 200 ns when fosc = 10.0 MHz tWU 4/fosc : e.g. tWL 400 ns when fosc = 10.0 MHz
13
MB15F76UL
s TEST CIRCUIT (for Measuring Input Sensitivity fin/OSCIN)
S.G
1000 pF
Controller (Divide ratio setting)
S.G
1000 pF
50 W
50 W GND OSCIN Clock Data
finIF
S.G 1000 pF
1 2 3 4 5 6
20
19
18
17
16 15
LE
50 W
XfinIF 1000 pF GNDIF VCCIF PSIF
finRF
MB15F76UL
14 13 12
XfinRF GNDRF VCCRF VCCRF PSRF 1000 pF
VpIF VCCIF 0.1 mF VpIF 0.1 mF
7
8
9
10
VpRF
11
DoIF LD/fout DORF
VpRF 0.1 mF
0.1 mF
Oscilloscope
14
MB15F76UL
s TYPICAL CHARACTERISTICS
1. fin input sensitivity
RF-PLL input sensitivity vs. Input frequency
10 0 PfinRF [dBm] SPEC -10 -20 -30 -40 -50 0 1000 2000 3000 4000 5000 6000 7000 finRF [MHz] VCC = 2.5 V VCC = 2.7 V VCC = 3.0 V VCC = 3.6 V SPEC
IF-PLL input sensitivity vs. Input frequency
10 0 SPEC PfinIF [dBm] -10 -20 -30 -40 -50 0 500 1000 1500 2000 finIF [MHz] 2500 3000 3500 4000 VCC = 2.5 V VCC = 2.7 V VCC = 3.0 V VCC = 3.6 V SPEC
15
MB15F76UL
2. OSCIN input sensitivity
Input sensitivity vs. Input frequency
10
Input sensitivity VOSC (dBm)
SPEC 0 -10 -20 -30 -40 -50 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300
VCC = 2.5 V VCC = 2.7 V VCC = 3.0 V VCC = 3.6 V SPEC
Input frequency fOSC (MHz)
16
MB15F76UL
3. RF-PLL Do output current
* 1.5 mA mode IDO - VDO
10.0
Charge pump output current IDO (mA)
VCC = Vp = 3.0 V
0
-10.0 0.0 1.0 2.0 3.0
Charge pump output voltage VDO (V)
* 6.0 mA mode
IDO - VDO
10.0
Charge pump output current IDO (mA)
VCC = Vp = 3.0 V
0
-10.0 0.0 1.0 2.0 3.0
Charge pump output voltage VDO (V)
17
MB15F76UL
4. IF-PLL Do output current
* 1.5 mA mode
IDO - VDO
10.0
VCC = Vp = 3.0 V
Charge pump output current IDO (mA)
0
-10.0 0.0 1.0 2.0 3.0
Charge pump output voltage VDO (V) * 6.0 mA mode
IDO - VDO
10.0
VCC = Vp = 3.0 V
Charge pump output current IDO (mA)
0
-10.0 0.0 1.0 2.0 3.0
Charge pump output voltage VDO (V)
18
MB15F76UL
5. fin input impedance
finIF input impedance
4 : 20.141 -92.027 1.153 pF 1 500. 000 000 MHz 1 : 714.75 -1.2319 k 100 MHz 2 : 64.484 -318.44 500 MHz 3 : 30.18 -155.06 1 GHz
1 2 4
3
START 100. 000 000 MHz
STOP 1 500. 000 000 MHz
finRF input impedance
4 : 22.418 67.184 6 000. 000 000 MHz 4 1 : 19.186 -63.068 2 GHz 2 : 18.665 -14.222 3 GHz 3 : 21.018 29.733 5 GHz
3
2
1
START 2 000. 000 000 MHz
STOP 6 000. 000 000 MHz
19
MB15F76UL
6. OSCIN input impedance
OSCIN input impedance
4 : 064.94 1.5301 pF -1.0402 k 100. 000 000 MHz 1 : 19.527 k -13.395 k 3 MHz 2 : 4.5245 k -8.9645 10 MHz 3 : 305.63 -2.6423 k 40 MHz
41 32
START 3. 000 000 MHz
STOP 100. 000 000 MHz
20
MB15F76UL
s REFERENCE INFORMATION (for Phase Noise and Reference Leakage)
Test Circuit S.G. OSCIN Do fin Spectrum Analyzer LPF 910 VCO 820 pF 3.9 k 8200 pF To VCO 470 pF fVCO = 4750 MHz VCC = 3.0 V Ta = + 25 C fr = 250 kHz (channel spacing = 1 MHz) fOSC = 13 MHz CP : 1.5 mA mode LPF
* PLL Reference Leakage
ATTEN 10dB RL 0 dBm VAVG 16 10 dB/ MKR -74.00 dB 1.000 MHz
D S
MKR 1.000 MHz -74.00 dB
CENTER 4.750000 GHz *RBW 30 kHz VBW 30 kHz
SPAN 5.000 MHz *SWP 2.00 s
Reference Leak : -74.00 dBc
* PLL Phase Noise
ATTEN 10 dB RL 0 dBm MKR 1.00 kHz -72.17 dB/Hz D S D S VAVG 16 10 dB/ MKR -72.17 dB/Hz 1.00 kHz ATTEN 10 dB RL 0 dBm VAVG 16 10 dB/ MKR -69.62 dB/Hz 17.5 kHz
MKR 17.5 kHz -69.62 dB/Hz
CENTER 4.75000000 GHz VBW 30 Hz *RBW 30 Hz
SPAN 10.00 kHz SWP 1.92 s
CENTER 4.7500000 GHz *RBW 300 Hz VBW 300Hz
SPAN 100.0kHz *SWP 3.00 s
C/N 1 kHz : -72.17 dBc/Hz
C/N Peak : -69.62 dBc/Hz BW : 33.5 kHz
21
MB15F76UL
s APPLICATION EXAMPLE
1000 pF TCXO From controller
GND OSCIN Clock Data 1000 pF finIF XfinIF 1000 pF GNDIF VCCIF PSIF VpIF 3.0 V 0.1 F 3.0 V 0.1 F DoIF LD/fout DoRF VpRF 3.0 V 0.1 F
1 2 3
20
19
18
17
16 15
LE 1000 pF finRF XfinRF GNDRF VCCRF 3.0 V PSRF 0.1 F 1000 pF
MB15F76UL
4 5 6 7 8 9 10
14 13 12 11
LPF
Lock Det.
VCO
Output
LPF
VCO
Output
Notes : Clock, Data, LE : The schmitt trigger circuit is provided (insert a pull-down or pull-up register to prevent oscillation when open-circuit in the input) .
22
MB15F76UL
s USAGE PRECAUTIONS
(1) VCCRF, VpRF, VCCIF and VpIF must be equal voltage. Even if either RF-PLL or IF-PLL is not used, power must be supplied to VCCRF, VpRF, VCCIF and VpIF to keep them equal. It is recommended that the non-use PLL is controlled by power saving function. (2) To protect against damage by electrostatic discharge, note the following handling precautions : * Store and transport devices in conductive containers. * Use properly grounded workstations, tools, and equipment. * Turn off power before inserting or removing this device into or from a socket. * Protect leads with conductive sheet, when transporting a board mounted device
s ORDERING INFORMATION
Part number MB15F76ULPVA Package 20-pad plastic BCC (LCC-20P-M05) Remarks
23
MB15F76UL
s PACKAGE DIMENSIONS
20-pad plastic BCC (LCC-20P-M05)
3.00(.118)TYP 3.600.10(.142.004)
16 11
0.550.05 (.022.002) (Mounting height)
11
0.250.10 (.010.004)
16
0.250.10 (.010.004) INDEX AREA 3.400.10 (.134.004) 2.70(.106) TYP "D" "A" "B" "C"
0.50(.020) TYP
1
6
6
1
0.0750.025 (.003.001) (Stand off)
0.50(.020) TYP 2.80(.110)REF
0.05(.002)
Details of "A" part 0.500.10 (.020.004)
Details of "B" part 0.500.10 (.020.004)
Details of "C" part 0.500.10 (.020.004) C0.20(.008)
Details of "D" part 0.300.10 (.012.004)
0.600.10 (.024.004)
0.300.10 (.012.004)
0.600.10 (.024.004)
0.400.10 (.016.004)
C
2001 FUJITSU LIMITED C20056S-c-2-1
Dimensions in mm (inches)
24
MB15F76UL
FUJITSU LIMITED
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for use accompanying fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for use requiring extremely high reliability (i.e., submersible repeater and artificial satellite). Please note that Fujitsu will not be liable against you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the prior authorization by Japanese government will be required for export of those products from Japan.
F0209 (c) FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of MB15F76UL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X