Part Number Hot Search : 
CDRH12 N40N60 BSP125 ICL8007C BL317BT 3362R103 SD243 SAB9080
Product Description
Full Text Search
 

To Download MAZY160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zener Diodes
MAZY000 Series (MA1Z000 Series)
Silicon planar type
Unit: mm
1.20.4 1.20.4 5.0+0.4 -0.1 8 0.25+0.1 -0.05
For stabilization of power supply
2.50.3 2 2.150.3
s Features
* Large power dissipation: PD = 1 W * Zener voltage VZ: 4.7 V to 51 V * Zener voltage allowable deviation: 10% * Auto mounting possible
4.40.3 1 8
s Absolute Maximum Ratings Ta = 25C
Parameter Repetitive peak forward current Total power dissipation
*1
Symbol IFRM Ptot PZSM Tj Tstg
Rating 500 1.0 100 150 -40 to +150
Unit
1.40.2 0 to 0.05
mA W W C C
Non-repetitive reverse surge power dissipation *2 Junction temperature Storage temperature
1: Anode 2: Cathode NMiniP2-J1 Package
Note) *1: Ptot = 1.0 W achieved with a printed circuit board(alumina) t = 50 s for the product of VZ 6.8 V *2: t = 100 s, Tj = 150C
Marking Symbol Refer to the list of the electrical characteristics within part numbers (Example) MAZY047 : 4.7
s Common Electrical Characteristics Ta = 25C *1
Parameter Forward voltage Zener voltage
*2
Symbol VF VZ RZ IR SZ IF = 200 mA IZ IZ VR IZ
Conditions
Min
Typ
Max 1.2
Unit V V A mV/C
Specified value Specified value Specified value Specified value Refer to the list of the electrical characteristics within part numbers
Zener operating resistance Reverse current Temperature coefficient of zener voltage *3
Note) 1. Rated input/output frequency: 5 MHz 2. *1: The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2: Guaranteed at 20 ms after power application. *3: Tj = 25C to 150C
Note) The part number in the parenthesis shows conventional part number.
Publication date: February 2002 SKE00014BED
1
MAZY000 Series
s Electrical characteristics within part numbers Ta = 25C
Zener voltage Part number Min MAZY047 MAZY051 MAZY056 MAZY062 MAZY068 MAZY075 MAZY082 MAZY091 MAZY100 MAZY110 MAZY120 MAZY130 MAZY150 MAZY160 MAZY180 MAZY200 MAZY220 MAZY240 MAZY270 MAZY300 MAZY330 MAZY360 MAZY390 MAZY430 MAZY470 MAZY510 4.4 4.8 5.2 5.6 6.2 6.8 7.4 8.2 9.0 9.9 10.8 11.7 13.5 14.4 16.2 18.0 19.8 21.6 24.3 27.0 29.7 32.4 35.1 38.7 42.3 45.9 VZ (V) Nom 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 11.0 12.0 13.0 15.0 16.0 18.0 20.0 22.0 24.0 27.0 30.0 33.0 36.0 39.0 43.0 47.0 51.0 Max 5.0 5.4 6.0 6.8 7.4 8.3 9.1 10.1 11.0 12.1 13.2 14.3 16.5 17.6 19.9 22.0 24.2 26.4 29.7 33.0 36.3 39.6 42.9 47.3 51.7 56.1 IZ (mA) 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 Reverse current Zener operating resistance IR (A) VR Max (V) 40 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 1.0 1.0 2.0 3.0 3.0 3.0 4.0 5.0 7.0 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 17.0 19.0 21.0 26.4 28.8 31.8 35.8 37.6 40.8 RZ () Max 60 50 40 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 65 65 65 65 IZ (mA) 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 Temperature coefficient of zener voltage SZ (mV/C) IZ Typ (mA) 0 0 1.5 2.4 3.1 3.8 4.5 5.4 6.3 7.4 8.4 9.4 11.4 12.5 14.5 16.6 18.6 20.7 23.8 26.9 30.0 33.4 36.3 41.1 44.9 48.6 20 20 20 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5
Marking symbol
4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
2
SKE00014BED
MAZY000 Series
Ptot Ta
1.5 Heat sink: Alumina board Copper foil 2 mm x 2 mm
IZ V Z
102 Ta = 25C 102
IZ V Z
Ta = 25C
Power dissipation Ptot (W)
10
10
Zener current IZ (mA)
1.0
1
Zener current IZ (mA)
1
MAZY056
MAZY062
MAZY068
MAZY075
MAZY100
MAZY110
MAZY120
MAZY130
MAZY150
MAZY160
18
10-2
MAZY047 MAZY051
10-2
0 0 40 80 120 160 200 240
10-3 0
10-3 4 6 8 10 12 12 14 16 20 22
2
Ambient temperature Ta (C)
Zener voltage VZ (V)
Zener voltage VZ (V)
I Z VZ
102 Ta = 25C 102
IZ V Z
Temperature coefficient of zener voltage SZ (% / C)
0.12 0.10 0.08 0.06 0.04 0.02 0
SZ V Z
60 50 40 mV / C 30 20 10 0 -10 -20 60
% / C
10
10
Zener current IZ (mA)
1
Zener current IZ (mA)
1
MAZY200 MAZY220
MAZY240
MAZY270
MAZY300
MAZY330
MAZY360
10-1
10-1
MAZY390
MAZY430
MAZY470
10-2
10-2
MAZY510
-0.02 -0.04
10-3 24 28 32 36 40 44
10-3 44 48 52 56
Ta = 25C 60 64
0
10
20
30
40
MAZY180
50
0.5
MAZY082 MAZY091
10-1
10-1
Zener voltage VZ (V)
Zener voltage VZ (V)
Zener voltage VZ (V)
Rth t
1
Heat sink: Alumina board Copper foil 2 mm x 2 mm
Thermal resistance Rth (C / mW)
Without heat sink
0.1
With head sink
0.01
0.003 0.1
1
10
100
1 000
Time t (s)
SKE00014BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of MAZY160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X