Part Number Hot Search : 
05N50 2N5428 6N03L 00TTS 1N4002 1N4002 AN1328 AN78N12
Product Description
Full Text Search
 

To Download LN01801C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Type
Minibright LED Series
18.0Min 3.0 0.2
0.4 0.1 2.2 0.2 1.7 0.7 Max
Unit: mm
18.0Min
0.5 0.1 2.1 0.2 1.0 1.5 0.2 1: Anode 2: Cathode 0.5
Conventional Part No.
Global Prat No.
Lighting Color
LN01301C(Q) - (L) ** LNG301C2G ************ Green LN01401C(Q) - (L) ** LNG401C2X ************ Amber LN01801C(Q) - (L) ** LNG801C2D ************ Orange
1.8 Max
1.0
0.7 Max
LN01201C(Q) - (L) ** LNG201C2R ************* Red
2.5 0.2
1.0
3.0 0.2 3.4 0.2
0.15
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Red 60 20 100 4 Green 60 20 100 4 Amber 60 20 100 4 3 Orange 60 20 100
IFP
Topr(C) -25 +85 -25 +85 -25 +85 -25 +85
Tstg(C) -30 +100 -30 +100 -30 +100 -30 +100
1
2
2Min
2Min 2.8 0.2
duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN01201C(Q) - (L) LN01301C(Q) - (L) LN01401C(Q) - (L) LN01801C(Q) - (L) Unit
10 5
(Q )-( L) LN 0 LN 180 1C 01 40 (Q 1C )-( (Q L) )-( L)
Lighting Color Red Green Amber Orange -
Lens Color Clear Clear Clear Clear -
100
IO Typ 1.5 10.0 5.0 8.0 mcd Min 0.65 3.50 1.90 3.00 mcd IF 15 20 20 20 mA Typ 2.2 2.2 2.2 2.1 V
VF Max 2.8 2.8 2.8 2.8 V
P Typ 700 565 590 630 nm
Typ 100 30 30 40 nm
IR IF 20 20 20 20 mA Max 10 10 10 10 A VR 4 4 4 3 V
IO IF
50
IF VF
Relative Luminous Intensity
(L)
IO Ta
Q)-
500 300
Luminous Intensity
Forward Current
LN 01 30 1C
3
30
(Q )-( L) LN LN 01201 013 C ( 01C Q)-( (Q) L) -(L )
1 0.5 0.3
01 LN
201
C(
Q
) )-(L
LN
01 014
C(
10 5 3
100 50 30
LN 01 80 1
LN01301C (Q LN01801C (Q )-(L) )-(L) LN 012 01C (Q) -(L )
LN01401C (Q)-(L)
0.1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 LN01201C (Q)-(L) 20 0 LN01401C (Q)-(L) 500 600 50 60 60 70 80 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
25
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
LN01301C (Q)-(L)
LN01801C (Q)-(L)
20
15
20
5
0 0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
231


▲Up To Search▲   

 
Price & Availability of LN01801C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X