Part Number Hot Search : 
U6264ASK MH16S HD74LV B91022 S1501 LM7915 C5VDC 1505D
Product Description
Full Text Search
 

To Download KBL408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBL400 - KBL410
PRV : 50 - 1000 Volts Io : 4.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board
SILICON BRIDGE RECTIFIERS
KBL
0.77 (19.56) 0.73 (18.54)
0.825 (20.95) 0.605 (15.36)
+
AC
AC
0.052 (1.32) 0.048 (1.22) 1.00 (25.4) MIN. 0.200 (5.08) 0.190 (4.82) 0.265 (6.73 ) 0.235 (5.97) 0.085 (2.16) 0.065 (1.65)
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 5.15 grams
Dimensions in inches and ( millimeter )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc=50C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Rating for fusing ( t < 8.3 ms. ) Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV)
KBL 400
50 35 50
KBL 401
100 70 100
KBL 402
200 140 200
KBL 404
400 280 400 4.0
KBL 406
600 420 600
KBL 408
800 560 800
KBL 410
1000 700 1000
UNIT
Volts Volts Volts Amps.
IFSM
200 166 1.1 10 1.0 10 - 50 to + 150 - 50 to + 150
Amps. AS Volts
2
It
VF IR IR(H)
2
Maximum Forward Voltage per Diode at IF = 4 Amps. Maximum DC Reverse Current at Rated DC Blocking Voltage
A
mA
Typical Thermal Resistance ( Note 1 ) Operating Junction Temperature Range Storage Temperature Range
RJA
TJ TSTG
C/W C C
Notes :
1 ) Thermal resistance from Junction to Ambient with units mounted on a 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate.
UPDATE : APRIL 23,1998
RATING AND CHARACTERISTIC CURVES ( KBL400 - KBL410 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
4.0 200 Mounted on 3" X 3" X 0.11" THK ( 7.5cm X 7.5cm X 0.3cm ) Cu. plate. 175 150 125 100 75 50 25 0 0 25 50 75 100 125 150 175
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0
PEAK FORWARD SURGE CURRENT, AMPERES
TJ = 55 C
2.0
1.0 60 Hz, Resistive or inductive load. 0
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
100 Pulse Width = 300 s 1 % Duty Cycle 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 06 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of KBL408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X