Part Number Hot Search : 
04598 ASI30264 0Q201 3S12HN32 BD49E47 VOM3052T SM3I2111 XC9105
Product Description
Full Text Search
 

To Download HLMP-1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
T-1 (3 mm) High Intensity LED Lamps Technical Data
HLMP-132X Series HLMP-142X Series HLMP-152X Series
Features
* High Intensity * Choice of 3 Bright Colors High Efficiency Red Yellow High Performance Green * Popular T-1 Diameter Package * Selected Minimum Intensities * Narrow Viewing Angle
* General Purpose Leads * Reliable and Rugged * Available on Tape and Reel
Description
This family of T-1 lamps is specially designed for applications requiring higher on-axis intensity than is achievable with a standard lamp. The light generated is focused to a narrow beam to achieve this effect.
Package Dimensions
Selection Guide
Part Number HLMP1320 1321 1420 1421 1520 1521 Minimum Intensity (mcd) at 10 mA 8.6 8.6 9.2 9.2 6.7 6.7 Green (GaP) Yellow (GaAsP on GaP)
Description Untinted Nondiffused Tinted Nondiffused Untinted Nondiffused Tinted Nondiffused Untinted Nondiffused Tinted Nondiffused
Color (Material) High Efficiency Red (GaAsP on GaP)
1-128
5964-9373E
Absolute Maximum Ratings at TA = 25C
Parameter Peak Forward Current Average Forward DC Current[2] Power Dissipation[3] Reverse Voltage (IR = 100 A) Transient Forward Current[4] (10 sec Pulse) LED Junction Temperature Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6 mm (0.063 in.) from body] Current[1] Red 90 25 30 135 5 500 110 -55 to +100 Yellow 60 20 20 85 5 500 110 -55 to +100 Green 90 25 30 135 5 500 110 -20 to +100 -55 to +100 260C for 5 seconds Units mA mA mA mW V mA C C
Notes: 1. See Figure 5 (Red), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions. 2. For Red and Green series derate linearly from 50C at 0.5 mA/C. For Yellow series derate linearly from 50C at 0.2 mA/C. 3. For Red and Green series derate power linearly from 25C at 1.8 mW/C. For Yellow series derate power linearly from 50C at 1.6 mW/C. 4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings.
1-129
Electrical Characteristics at TA = 25C
Symbol IV Description Luminous Intensity Device HLMP1320 1321 1420 1421 1520 1521 21/2 Including Angle Between Half Luminous Intensity Points Peak Wavelength All Min. 8.6 8.6 9.2 9.2 6.7 6.7 Typ. 30 30 15 15 22 22 45 Max. Units mcd mcd mcd Deg. Test Conditions IF = 10 mA (Figure 3) IF = 10 mA (Figure 8) IF = 10 mA (Figure 3) IF = 10 mA See Note 1 (Figures 6, 11, 16, 21) Measurement at Peak (Figure 1)
PEAK 1/2 d s
132X 142X 152X 132X 142X 152X 132X 142X 152X 132X 142X 152X 132X 142X 152X All 132X 142X 152X All 132X 142X 152X 5.0
635 583 565 40 36 28 626 585 569 90 90 500 11 15 18 290 1.9 2.0 2.1 2.4 2.4 2.7
nm
Spectral Line Halfwidth
nm
Dominant Wavelength
nm
See Note 2 (Figure 1)
Speed of Response
ns
C
Capacitance
pF
VF = 0; f = 1 MHz
RJ-PIN VF
Thermal Resistance Forward Voltage
C/W V
Junction to Cathode Lead IF = 10 mA IR = 100 A See Note 3
VR V
Reverse Breakdown Voltage Luminous Efficacy
V 145 500 595 lumens Watt
Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. The dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant intensity, Ie, in watts/steradian, may be found from the equation Ie = lv/v, where lv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
1-130
Figure 1. Relative Intensity vs. Wavelength.
T-1 High Efficiency Red Non-Diffused
Figure 2. Forward Current vs. Forward Voltage Characteristics.
Figure 3. Relative Luminous Intensity vs. DC Forward Current.
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current.
Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
1-131
T-1 Yellow Non-Diffused
Figure 7. Forward Current vs. Forward Voltage Characteristics.
Figure 8. Relative Luminous Intensity vs. Forward Current.
Figure 9. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Figure 10. Maximum Tolerable Peak Current vs. Pulse Duration. (IDCMAX as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
1-132
T-1 Green Non-Diffused
Figure 12. Forward Current vs. Forward Voltage Characteristics.
Figure 13. Relative Luminous Intensity vs. Forward Current.
Figure 14. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak LED Current.
Figure 15. Maximum Tolerable Peak Current vs. Pulse Duration. (IDCMAX as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.
1-133


▲Up To Search▲   

 
Price & Availability of HLMP-1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X