Part Number Hot Search : 
P03HDL SA158 ON1278 1N5333 C124GC NTE2556 215500 2SC4589
Product Description
Full Text Search
 

To Download HBC856 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6832 Issued Date : 1994.02.03 Revised Date : 2002.10.24 Page No. : 1/3
HBC856
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HBC856 is designed for switching and AF amplifier amplification suitable for automatic insertion in thick and thin-film circuits.
Absolute Maximum Ratings
SOT-23
* Maximum Temperatures Storage Temperature .......................................................................................... -55 to +150 C Junction Temperature.................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Ta=25C) ............................................................................... 225 mW * Maximum Voltages and Currents (Ta=25C) VCBO Collector to Base Voltage ........................................................................................ -80 V VCEO Collector to Emitter Voltage..................................................................................... -65 V VEBO Emitter to Base Voltage............................................................................................. -5 V IC Collector Current....................................................................................................... -100 mA
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO *VCE(sat)1 *VCE(sat)2 *VBE(sat)1 *VBE(sat)2 VBE(on)1 VBE(on)2 *hFE fT Cob Min. -80 -65 -5 -600 75 Typ. -75 -250 -700 -850 150 4.5 Max. -15 -300 -650 -750 -820 800 Unit V V V nA mV mV mV mV mV mV MHz pF Test Conditions IC=-100uA IC=-1mA IE=-10uA VCB=-30V IC=-10mA, IB=-0.5mA IC=-100mA, IB=-5mA IC=-10mA, IB=-0.5mA IC=-100mA, IB=-5mA VCE=-5V, IC=-2mA VCE=-5V, IC=-10mA VCE=-5V, IC=-2mA VCE=-5V, IC=-10mA VCB=-10V, f=1MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
Classification Of hFE
Rank hFE A 125-250 B 220-475 C 420-800 Normal 75-475
HBC856
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000
10
Spec. No. : HE6832 Issued Date : 1994.02.03 Revised Date : 2002.10.24 Page No. : 2/3
Saturation Voltage & Collector Current
VCE=5V 100
Saturation Voltage (V)
1
hFE
10
0.1 VCE(sat) @ IC=20IB
1 0.01
0.1
1
10
100
0.01 0.01
0.1
1
10
100
Collector Current (mA)
Collector Current (mA)
On Voltage & Collector Current
10 1000
Cutoff Frequency & Collector Current
Cutoff Frequnce (MHz)
1
VCE=5V
On Voltage (V)
VBE(on) @ VCE=5V
100
0.1
0.01 0.01
10 0.1 1 10 100 1 10 100
Collector Current (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
10
10000
Safe Operation Area
PT=1ms
Collector Current-IC (mA)
Cob
1000 PT=100ms 100 PT=1s
Capacitance (pF)
1
10
0.1 0.1 1 10 100
1 1 10 100
Reverse-Biased Voltage (V)
Forward Biased Voltage-VCE (V)
HBC856
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Spec. No. : HE6832 Issued Date : 1994.02.03 Revised Date : 2002.10.24 Page No. : 3/3
A L
Marking:
3 BS 1 V G 2
9A
Rank Code Control Code
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
C
D
H
K
J
Style: Pin 1.Base 2.Emitter 3.Collector *: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HBC856
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBC856

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X