Part Number Hot Search : 
CMPWR300 1A35BJ HMC579 1A35BJ BSR110ME CMPWR300 7C132 50002
Product Description
Full Text Search
 

To Download FR606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR601 THRU FR607
FAST RECOVERY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 6.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Fast switching for high efficiency Construction utilizes void-free molded plastic technique 6.0 ampere operation at TA=75 with no thermal runaway High temperature soldering guaranteed: 250 /10 seconds, 0.375(9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: R-6 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.074 ounce, 2.1 grams
DIM ENSIONS DIM A B C D inches Min. 0.339 0.339 0.047 1.000 Max. 0.358 0.358 0.052 Min. 8.6 8.6 1.2 25.40 mm Max. 9.1 9.1 1.3 Note
Maximum Ratings and Electrical Characteristics
Symbols FR601
@25
unless otherwise specified
FR602
FR603
FR604
FR605
FR606
FR607
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Average forward rectified current at TA=75 Peak forward surge current 8.3mS single half sine-wave (MIL-STD-750D 4066 method) Maximum instantaneous forward voltage at IFM=6.0A, TA=25 (Note 3) Maximum DC reverse current at rated DC blocking voltage TA=25 TA=55
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ TJ, TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 300.0 1.3 10.0 150.0
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A
Maximum reverse recovery time (Note 1) Typical junction capacitance (Note 2) Operating and storage temperature range
Notes: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Pulse test: pulse width 300uSec, Duty cycle 1%
150 150.0 -65 to +150
250
500
nS F
1
RATINGS AND CHARACTERISTIC CURVES
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of FR606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X