Part Number Hot Search : 
162244 AT83C DTA144W 2N4361 0NF03L FCD860 W1900 SN74L
Product Description
Full Text Search
 

To Download EN5330DC-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EN5330
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
Description
The EN5330 is a Power System on a Chip DC-DC converter. It is specifically designed to meet the precise voltage and fast transient requirements of present and future high-performance, low-power processor, DSP, FPGA, memory boards and system level applications in a distributed power architecture. Advanced circuit techniques, ultra high switching frequency, and very advanced, high-density, integrated circuit and proprietary inductor technology deliver high-quality, ultra compact, non-isolated DCDC conversion. Operating this converter requires only three external components that include small value input and output ceramic capacitors and a soft-start capacitor. The EN5330 significantly helps in system design and productivity by offering greatly simplified board design, layout and manufacturing requirements. In addition, a reduction in the number of vendors required for the complete power solution helps to enable an overall system cost savings.
Features
* * * * * * * * * * * * * * * * Up to 10W output power (at VOUT=3.3V) External inductor is NOT required Lead-Free packaging 5MHz operating frequency More than 90% efficient VOUT accuracy of 2% over line, load and temperature 1/3 the board area of discrete component solutions Very fast transient response All high speed switching signals contained inside the part Wide input voltage range of 2.375V to 5.5V Digital voltage selector with options for common output voltages from 0.8V to 3.3V External resistor divider and OVP option for output voltages from 0.8V to VIN-600mV Output enable pin and Power OK signal Programmable soft-start time Over-current protection Thermal shutdown, short circuit, output overvoltage and input under-voltage protection
Applications Typical Application Circuit
* * *
VIN 22F
PVIN AVIN VS0 VS1 VS2
VID Output Voltage Select
*
POK SS
Servers, workstations and PCs Broadband, networking, LAN/WAN, optical telecommunications equipment Point of load regulation for low-power processors, network processors, DSPs, FPGAs, and ASICs Low voltage, distributed power architectures with 2.5V, 3.3V or 5V rails
VSENSE VOUT
VOUT 47F
Ordering Information
Part Number EN5330DC EN5330DC-T EN5330DI EN5330DI-T EN5330DC-E Temp Rating (C) Package 0 to 70 36-pin DFN 0 to 70 36-pin DFN T&R -40 to +85 36-pin DFN -40 to +85 36-pin DFN T&R DFN Evaluation Board
15nF
AGND PGND
Rev 1.0 - July 2005
1
www.enpirion.com
Rev 1.0 - July 2005
EN5330
Pin Configuration
This diagram is a top-view of the component and represents the on-board layout requirements for the landing pads and thermal connection points. Specific dimensions for the pads are presented on page 10. Pin 1 of the device is signified by the white dot marked on the top of the device.
Block Diagram
2
www.enpirion.com
Rev 1.0 - July 2005
EN5330
Typical Efficiency
VIN = 3.3V and VOUT = 2.5V
92% 90% 88% 86% 84% 82% 80% 0 0.5 1 1.5 2 2.5 3 3.5 Output Current (A)
Waveforms
5Vin / 1.2Vout 3A load CH1 = VOUT CH2 = ENABLE CH3 = POK Soft Start capacitor = 15nF
3
www.enpirion.com
Rev 1.0 - July 2005
EN5330
5Vin / 1.2Vout 0-3A Load step
Absolute Maximum Ratings
CAUTION: Stresses in excess of the absolute maximum ratings may cause permanent damage to the device. Exposure to absolute maximum ratings for extended periods can adversely affect device reliability. PARAMETER Input Supply Voltage Input Voltage - Enable Input Voltage - VS0, VS1 & VS2 (Note 1) Storage Temperature Range Operating Junction Temperature MSL per JEDEC J-STD-020A Level 3 (Note 2) ESD Rating (based on Human Body Model) NOTES:
1. 2.
SYMBOL VIN TSTG TJ
MIN -0.5 -0.5 -0.5 -65
MAX 6.5 VIN 2.8 150 150 240 2000
UNITS V V V C C C V
VS0, VS1 and VS2 pins have an internal pull-up resistor, only ground potentials should be placed on them as required. Evaluation for MSL3 at 255C in process.
Recommended Operating Conditions
PARAMETER Input Supply Voltage Operating Junction Temperature SYMBOL VIN TJ MIN 2.375 -40 MAX 5.5 125 UNITS V C
Thermal Characteristics
PARAMETER Thermal Resistance: Junction to Ambient (0 LFM) (Note 3) Thermal Resistance: Junction to Case (0 LFM) NOTES:
3. Based on a four-layer board and proper thermal design in line with JEDEC EIJ/JESD 51 Standards.
SYMBOL JA JC
TYPICAL 28 6
UNITS C/W C/W
Electrical Characteristics
NOTE: VIN=3.3V and over operating temperature range unless otherwise noted. Typical values are at TA =
4
www.enpirion.com
Rev 1.0 - July 2005 25C. PARAMETER Operating Input Voltage Quiescent Supply Current No-Load Operating Current Switching Frequency Thermal Overload Trip Point VOUT Range Accuracy Line Regulation Load Regulation Temperature Regulation SYMBOL VIN IQ INL FOSC TJ VOUT VOUT VOUT VOUT VOUT VOUT Using external voltage divider Over line, load and temperature VIN = 2.5 to 5.0 volts ILOAD = 0 to 3A TA= 0 to 70C TA= -40 to 85C 0.8 No switching, AVIN = 3.3V, PVIN = 3.3V, ENABLE=0V Includes PWM, gate drive and inductor ripple current. TEST CONDITIONS MIN 2.375 15 45 5 160 TYP
EN5330
MAX 5.5 UNITS V mA mA MHz C V % mV mV % % 5 % mV
2.0 3 3 +0.25 -0.45 +0.65 -0.55 3 20
Transient Response (IOUT = 0% to 100% or 100% to 0% of Rated Load) Peak Deviation VOUT VIN = 5V, 1.2V < VOUT < 3.3V Output Voltage Ripple (with 5 x 10F X5R or X7R ceramic capacitors) VIN = 5.0V, VOUT = 1.2V, IOUT = 3A, Peak-to-peak VOUT-PP COUT = 50uF, 5 x 10F X5R or X7R ceramic capacitors Output Current (Note 4) Max Continuous IOUT Output Current Over-Current IOCP Threshold Short-Circuit ISC Current Enable Operation Max voltage to ensure the converter Disable Threshold VDISABLE is disabled Min voltage to ensure the converter 1.8 Enable Threshold VENABLE is enabled Power OK Operation POK low voltage VPOK IPOK = 1mA Max POK Voltage VPOK Supply voltage applied to POK NOTES:
4.
3 4.5 4 0.8
A A A V V
0.4 5.5
V V
Maximum output current may need to be de-rated, based on operating condition, to meet TJ requirements.
5
www.enpirion.com
Rev 1.0 - July 2005
EN5330
FUNCTION Output of the buffer leading to the error amplifier. Used for external modifications of the compensation network. External feedback voltage input. Option for programming the output voltage with a resistor divider on VOUT. Remote voltage sense input. Connect this pin to the load voltage at the point to be regulated. Input of the error amplifier for external modifications of the compensation network. Output of the error amplifier for external modifications of the compensation network. Enable input. An input high enables operation. An input low disables operation. NO CONNECT - Do not electrically connect this pin to PCB. See Note 5.
Over-Voltage set-point input. When using an external voltage divider and the XFB pin. When VS0, VS1 and VS2 are left OPEN or pulled high, an additional voltage divider separate from the XFB pin is required to set the OVP set-point. In this mode, the OVP function is disabled if this voltage divider is not present.
Pin Descriptions
PIN 1 2 3 4 5 6 7 8 NAME COMP XFB VSENSE EAIN EAOUT ENABLE NC XOV
9 10 PGND 11 12 13 14 15 VOUT 16 17 18 19 VDRAIN 20 21 PGND 22 23 24 NC 25 26 PVIN 27 28 29 VS2 30 ROCP 31 VS1 32 AVIN 33 AGND 34 VS0 35 POK 36 SS NOTES:
5.
Power ground for the power stage circuits.
Voltage and power output.
Test point between the power FETs and Inductor. Power ground for the power stage circuits. NO CONNECT - Do not electrically connect this pin to PCB. See Note 5. Power voltage input for the power stage circuits. Voltage select line 2 input. See Table 1. Over-Current trip point adjust input. Used for adjusting the OCP trip point. Voltage select line 1 input. See Table 1. Analog voltage input for the controller circuits. Analog ground for the controller circuits. Voltage select line 0 input. See Table 1. Power OK is an open drain transistor for power system state indication. Soft-Start node. A capacitor is connected between this pin and AGND.
This pin is used for engineering test purposes and reserved for future use. Solder, but do not electrically connect this pin to the PCB.
6
www.enpirion.com
Rev 1.0 - July 2005
EN5330
It is recommended that Rb1 and Rb2 resistor values be ~2k. Use the following equation to set the resistor Ra1 for the desired output voltage:
Theory of Operation
Synchronous Buck Converter The EN5330 is a synchronous, pin programmable power supply with integrated power MOSFET switches and inductor. The nominal input voltage range is 2.5V-5.0V. The output can be set to common voltages by connecting appropriate combinations of 3 voltage selection pins to ground. If different voltage levels are required, provision is also made to allow external programming. The feedback control loop is voltage-mode and the part uses a low-noise PWM topology. Up to 3A of output current can be drawn from this converter. The 5MHz operating frequency enables the use of small-size output capacitors. The power supply also has protection features such as: * Programmable over-current protection (to protect the IC from excessive load current) * Thermal shutdown (to protect the converter from getting too hot) * Over-voltage protection that stops the PWM switching and turns on the lower N-MOSFET at 120% of the programmed output voltage in order to protect the load from an OV condition. * Under-voltage lockout circuit to disable the converter output when the input voltage is less than approximately 2.2V Additional features include: * * Soft-start circuit, limiting the in-rush current when the converter is powered up. Power good circuit indicating whether the output voltage is within 90%-120% of the programmed voltage.
Ra1 =
(Vout - 0.8V ) * Rb1 0.8V
If over-voltage protection is desired, use the following equation to set the resistor Ra2 for the desired OVP trip-point: Ra 2 = (OVPtrip - 0.96V ) * Rb2 0.96V
By design, if both resistor dividers are the same, the OV trip-point will be 20% above the nominal output voltage. Figure 1: External output voltage and OVP setting
PVIN VOUT
VOUT
Ra2 Ra1
22F
AVIN PGND XOV SS XFB
15 nF
AGND
Rb2 PGND
Rb1
47F
AGND
Table 1: Output Voltage Select Table
VS2* 0 0 0 0 1 1 1 1 VS1* 0 0 1 1 0 0 1 1 VS0* 0 1 0 1 0 1 0 1 Output Voltage 3.3V 2.5V 1.8V 1.5V 1.25V 1.2V 0.8V** User Selectable
Output Voltage Programming The EN5330 output voltage is programmed using one of two methods. Common output voltages are achieved by tying one or more of the three Voltage Select pins (VS0, VS1 & VS2) to ground (see Table 1). If all three are left floating, the output voltage and over voltage thresholds are determined by the voltages presented at the XFB and XOV pins respectively. These voltages should be set by way of resistor dividers between VOUT to AGND with the midpoint going to XFB and XOV (See Figure 1).
** 0.8V ref only, not guaranteed performance
* The VS0, VS1 and VS2 pins are defaulted to a `1' with an internal pull-up resistor. Only connect these pins to AGND if a `0' is required. If a `1' is required, then leave the pin floating.
7
www.enpirion.com
Rev 1.0 - July 2005
Capacitor Selection The EN5330 needs about 20-40uF of input capacitance. Low-cost, low-ESR ceramic capacitors can be used as input capacitors for this converter and it is strongly recommended that they be rated X5R or X7R. In some applications, lower value capacitors are needed in parallel with the larger, lossy capacitors in order to provide high frequency decoupling.
EN5330
Power Up Sequencing The sequencing of AVIN, PVIN and ENABLE should meet the following requirements:
1. ENABLE should not be asserted before PVIN. 2. PVIN should not be applied before AVIN. Note that tying AVIN, PVIN and ENABLE together and brought up at the same time does meet these requirements.
POK Operation The POK signal is an open drain signal from the converter indicating the output voltage is within the specified range. The POK signal will be a logic high when the output voltage is within 90% - 120% of the programmed output voltage. If the output voltage goes outside of this range, the POK signal will be a logic low until the output voltage has returned to within this range. In the event of an over-voltage condition the POK signal will go low and will remain in this condition until the output voltage has dropped to 95% of the programmed output voltage before returning to the high state (see also Over Voltage Protection) Over-Current Protection The cycle-by-cycle current limit function is achieved by sensing the current flowing through the sense PMOSFET and a signal generated by a differential amplifier with a preset over-current threshold. During a particular cycle, if the over-current threshold is exceeded, the power P-MOSFET is turned off and the power N-MOSFET is turned on to protect the PMOSFET. If the over-current condition is removed, the over-current protection circuit will enable the PWM operation. If the over-current condition persists, the converter will eventually go through a full softstart cycle. This circuit is designed to provide high noise immunity.
The EN5330 has been optimized for use with about 50F of ceramic output capacitance. It is strongly recommended that these be low-cost, low-ESR, ceramic capacitors rated X5R or X7R. (See the Enpirion application note on ripple comparison for optimum selection of number and value of these capacitors based on ripple requirements.) In order to eliminate high-frequency switching spikes on the output ripple, usually a low-value, low-ESR ceramic capacitor is used in parallel with the larger capacitors right at the load.
Enable Operation The ENABLE pin provides a means to shut down the power FET switching or enable normal operation. A logic low will disable the converter and cause it to shut down. A logic high will enable the converter into normal operation. Soft-Start Operation The SS pin in conjunction with a small capacitor between this pin and AGND provides the soft start function to limit the in-rush current during start-up. During start-up of the converter the reference voltage to the error amplifier is gradually increased to its final level by an internal current source of typically 10uA. The whole soft-start procedure is designed to take 1ms - 3ms with a 15-30nF soft start capacitor, but can be programmed by capacitor selection using the following equation:
Rise Time: TR = Css* 80k
During the soft-start cycle, when the soft-start capacitor reaches 0.8V, the output has reached its programmed regulation range. Note that the soft-start current source will continue to operate and during normal operation, the soft-start capacitor will charge up to a final value of 2.5V.
It is possible to raise the over-current set-point by ~50% by connecting a 4.99k resistor between ROCP and GND.
Over-Voltage Protection When the output voltage exceeds 120% of the programmed output voltage, the PWM operation stops, the lower N-MOSFET is turned on and the POK signal goes low. When the output voltage drops below 95% of the programmed output voltage, normal
8
www.enpirion.com
Rev 1.0 - July 2005 PWM operation resumes and POK returns to its high state.
Thermal Overload Protection Thermal shutdown will disable operation once the Junction temperature exceeds approximately 160C. Once the junction temperature drops by approx 25C, the converter will re-start with a normal soft-start. Low Input Voltage Operation Circuitry is provided to ensure that when the input voltage is below the specified voltage range, the operation of the converter is controlled and predictable. Circuits for hysteresis, input de-glitch and output leading edge blanking are included to ensure high noise immunity and prevent false tripping. Compensation The EN5330 is internally compensated through the use of a type 3 compensation network and is optimized for use with about 50F of output capacitance and will provide excellent loop bandwidth and transient performance for most applications. (See the section on Capacitor Selection for details on recommended capacitor types.) In some cases modifications to the compensation may be required. For more information, contact Enpirion Applications Engineering support. Layout Considerations The EN5330 Layout Guidelines application note provides more details on specific layout recommendations for this part. The following are general layout guidelines to consider.
EN5330
outside the package at one point through a lowimpedance trace. The connection should be made such that the impedance between the connection point and the AGND pad on the package is minimized. Since the internal voltage sensing circuit is based on AGND, the connection of the two grounds should also be made such that the best voltage regulation can be achieved. The soft-start capacitor, the voltage programming resistors, and any other external control component should be tied to AGND. The placement of the input decoupling capacitors between PVIN and PGND is very critical. These components should be placed such that they have the lowest inductance traces to PVIN and PGND. There are two thermal pads underneath the device. The centrally located pad is PGND, and, depending on the number of layers of the PC board, it needs to be connected to a thermal plane in order to conduct heat away from the device. Note that if any of the thermal planes is also connected to AGND, the impedance between this point and the GND connection of the load needs to be minimized in order to get the best possible load regulation. The pad opposite the VOUT pins is connected to VOUT. This VOUT pad should be connected to a top layer copper area as large as possible to conduct more heat away from the package. This will also help minimize the trace length to the output filter caps. Pin 19 is a connected to a noisy internal node and is brought out for test purposes only. Keep all sensitive signal traces as far as possible from this pin. Ideally, on the top layer there should be no traces or vias underneath the package between this pin and the VOUT thermal pad.
The CMOS chip inside the EN5330 has two grounds: AGND for the controller, and PGND for the power stage. These two grounds need to be connected
9
www.enpirion.com
Rev 1.0 - July 2005
EN5330
Packaging Information
Mechanical Drawing and Nominal Dimensions
Bottom View
10
www.enpirion.com
Rev 1.0 - July 2005
EN5330
Landing Pad Information The Enpirion DFN package is footprint compatible with the JEDEC standard 36-pin TSSOP package code DD. The reference document and board layout diagram appear below. JEDEC Solid State Technology Association TSSOP (Plastic Thin Shrink Small Outline Package) standardized package code DD. This TSSOP standard package is defined in the JEDEC document MO-153, Issue F, dated 05/01, which defines 57 variations on package size, lead pitch, and lead count.
Contact Information
Enpirion, Inc. 685 Route 202/206 Suite 305 Bridgewater, NJ 08807 Phone: 908-575-7550 Fax: 908-575-0775
Enpirion reserves the right to make changes in circuit design and/or specifications at any time without notice. Information furnished by Enpirion is believed to be accurate and reliable. Enpirion assumes no responsibility for its use or for infringement of patents or other third party rights, which may result from its use. Enpirion products are not authorized for use in nuclear control systems, as critical components in life support systems or equipment used in hazardous environment without the express written authority from Enpirion.
11
www.enpirion.com


▲Up To Search▲   

 
Price & Availability of EN5330DC-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X