|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZENER DIODE SILICON EPITAXIAL PLANAR TYPE Unit in: mm 2.0Max 0.5Max 26.0Min CATHODE MARK Features: Very sharp reverse characteristic Low reverse current level Very high stability Low noise Available with tighter tolerances Applications Voltage stabilization T j =25 C Parameter Power dissipation Junction temperature Storage temperature range Symbol P Tj TStg Value 500 175 -65~175 Unit mW C C Type Color Code 0.5Max DO-35 Black Marking Example: COS 6V8 Zener Voltage at 6.8V normal Cathode Mark TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com 26.0Min Absolute Maximum Rating 3.9Max ELECTRICAL CHARACTERISTICS(Ta=25 C) Zener Volage at Iz=5mA Vz(v) MAX. MIN. BZX2V0 BZX2V2 BZX2V4 BZX2V7 BZX3V0 BZX3V3 BZX3V6 BZX3V9 BZX4V3 BZX4V7 BZX5V1 BZX5V6 BZX6V2 BZX6V8 BZX7V5 BZX8V2 BZX9V1 BZX10 BZX11 BZX12 BZX13 BZX15 BZX16 BZX18 BZX20 BZX22 BZX24 BZX27 BZX30 BZX33 BZX36 BZX39 Note: 1. Zener Voltage is measured 40ms after electricity charging. 2. Data valid provided that leads are kept at ambient temperature at a distance of 8mm from case. VF=1V MAX (at IF=100mA) 3. Special Voltage accuracy will be provided upon request at different pricing. TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com Dynamic resistance at Iz=5mA f=1KHz Rzj(W) MAX. 100 100 100 110 120 120 120 120 120 100 70 40 30 25 25 20 20 20 20 25 25 25 25 30 30 30 35 45 55 65 75 85 at Iz=5mA f=1KHz Rzj(W) MAX. 1000 1000 1000 1000 1000 1000 1100 1200 1200 1200 1200 900 500 150 120 120 120 120 120 110 110 110 150 150 200 200 200 250 250 250 250 250 Type Temp coeff of Zener volt at Iz=5mA AVz(%/ C) Typ -0.075 -0.075 -0.070 -0.070 -0.070 -0.065 -0.055 -0.035 -0.030 -0.020 0.010 0.035 0.035 0.040 0.052 0.055 0.055 0.060 0.060 0.065 0.065 0.070 0.070 0.075 0.080 0.080 0.085 0.090 0.092 0.092 0.095 0.095 Reverse Current at Ta=25 C IR( A) MAX. VR(v)= 120 120 120 100 50 20 10 5 5 5 5 5 5 2 0.5 0.5 0.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 15.0 17.0 19.0 21.0 23.0 25.0 27.0 30.0 Admissible Zener current Iz(mA) MAX. 165 155 145 135 130 120 110 100 90 85 78 70 64 58 53 48 43 40 36 33 30 26 25 22 20 18 16 14 13 12 11 10 2.10 2.31 2.52 2.83 3.15 3.46 3.78 4.09 4.51 4.93 5.35 5.88 6.51 7.14 7.87 8.61 9.55 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.90 1.90 2.09 2.28 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 Series Main Characteristic 10-2 HZ12B2 HZ16-2 HZ9B2 HZ20-2 HZ24-2 HZ30-2 HZ2B2 HZ4B 2 HZ6B 2 HZ36-2 35 10-3 10-4 10-5 10-6 10-7 10-8 0 5 10 15 20 25 30 40 Zener Voltage V z (V) Fig.1 Zener current Vs. Zener voltage 0.10 0.08 0.06 0.04 0.02 0 Zener Voltage -0.02 -0.04 -0.06 -0.08 -0.10 0 5 10 50 40 30 20 10 Zener Voltage 0 -10 -20 -30 -40 -50 15 20 25 30 35 40 500 5mm Power Dissipation Pb (mW) 2.5mm 400 3mm Printed circuit board 100X180X1.6t mm Quality: paper phenol 300 200 100 0 0 50 100 150 200 Ambient Temperature Ta ( C) Fig.3 Power Dissipation Vs. Ambient Temperature Zener Voltage Vz (V) Fig.2 Temperature Coefficient Vs. Zener voltage TEL:(852) 23413351 FAX:(852)27978275 WEB SITE:http://www.daiwahk.com |
Price & Availability of BZX22 |