|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MAGNA TEC 4.69 5.31 1.49 2.49 (0.185) (0.209) (0.059) (0.098) 15.49 (0.610) 16.26 (0.640) BUZ902P BUZ903P MECHANICAL DATA Dimensions in mm N-CHANNEL POWER MOSFET POWER MOSFETS FOR AUDIO APPLICATIONS 3.55 (0.140) 3.81 (0.150) 20.80 (0.819) 21.46 (0.845) 6.15 (0.242) BSC 4.50 (0.177) Max. 1 2 3 1.65 (0.065) 2.13 (0.084) 2.87 (0.113) 3.12 (0.123) FEATURES * HIGH SPEED SWITCHING * SEMEFAB DESIGNED AND DIFFUSED * HIGH VOLTAGE (220V & 250V) * HIGH ENERGY RATING * ENHANCEMENT MODE * INTEGRAL PROTECTION DIODES * COMPLIMENTARY P-CHANNEL BUZ907P & BUZ908P 0.40 (0.016) 0.79 (0.031) 19.81 (0.780) 20.32 (0.800) 1.01 (0.040) 1.40 (0.055) 2.21 (0.087) 2.59 (0.102) 5.25 ( 0.215) BSC TO-247 Pin 1 - Gate Pin 2 - Source Case - Source Pin 3 - Drain ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated) VDSX Drain - Source Voltage VGSS ID ID(PK) PD Tstg Tj RJC Gate - Source Voltage Continuous Drain Current Body Drain Diode Total Power Dissipation Storage Temperature Range Maximum Operating Junction Temperature Thermal Resistance Junction - Case @ Tcase = 25C BUZ902P 220V 14V 8A 8A 125W -55 to 150C 150C 1C/W BUZ903P 250V Magnatec. Telephone (01455) 554711. Fax (01455) 558843 Prelim. 01/97 MAGNA TEC Characteristic BVDSX BVGSS VGS(OFF) VDS(SAT)* RDS(on)* BUZ902P BUZ903P STATIC CHARACTERISTICS (Tcase = 25C unless otherwise stated) Test Conditions BUZ902P BUZ903P IG = 100A ID = 100mA ID = 8A ID = 8A VDS = 220V IDSX Drain - Source Cut-Off Current VGS = -10V BUZ902P VDS = 250V BUZ903P yfs* Forward Transfer Admittance VDS = 10V ID = 3A 0.7 2 S 10 mA ID = 10mA Gate - Source Breakdown Voltage VDS = 0 Gate - Source Cut-Off Voltage Drain - Source Saturation Voltage Static - Source Resistance VDS = 10V VGD = 0 VGS = 10 Min. 220 250 14 0.15 Typ. Max. Unit V V V Drain - Source Breakdown Voltage VGS = -10V 1.5 12 1.5 10 V V mA DYNAMIC CHARACTERISTICS (Tcase = 25C unless otherwise stated) Characteristic Ciss Coss Crss ton toff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Time Turn-off Time Test Conditions VDS = 10V f = 1MHz VDS = 20V ID = 5A Min. Typ. TBA TBA TBA TBA TBA Max. Unit pF ns * Pulse Test: Pulse Width = 300s , Duty Cycle 2%. D G S Magnatec. Telephone (01455) 554711. Fax (01455) 558843 Prelim. 01/97 |
Price & Availability of BUZ902 |