Part Number Hot Search : 
RS2201 00130 K8VM800 16080 MC344 ISOPAC02 D9893F SMAJ5306
Product Description
Full Text Search
 

To Download BUZ901DP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAGNA
TEC
20.0 5.0
BUZ900DP BUZ901DP
MECHANICAL DATA Dimensions in mm
3.3 Dia.
N-CHANNEL POWER MOSFET
POWER MOSFETS FOR AUDIO APPLICATIONS
FEATURES
1
2.0
2
3
2.0 1.0
* HIGH SPEED SWITCHING * N-CHANNEL POWER MOSFET * SEMEFAB DESIGNED AND DIFFUSED * HIGH VOLTAGE (160V & 200V) * HIGH ENERGY RATING
1.2 0.6 2.8
3.4
* ENHANCEMENT MODE * INTEGRAL PROTECTION DIODE * P-CHANNEL ALSO AVAILABLE AS BUZ905DP & BUZ906DP * DOUBLE DIE PACKAGE FOR MAXIMUM POWER AND HEATSINK SPACE
5.45 5.45
TO-3PBL
Pin 1 - Gate Pin 2 - Source Case is Source Pin 3 - Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25C unless otherwise stated) VDSX Drain - Source Voltage VGSS ID ID(PK) PD Tstg Tj RJC Gate - Source Voltage Continuous Drain Current Body Drain Diode Total Power Dissipation Storage Temperature Range Maximum Operating Junction Temperature Thermal Resistance Junction - Case @ Tcase = 25C BUZ900DP 160V 16A 16A 250W -55 to 150C 150C 0.5C/W BUZ901DP 200V
14V
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
MAGNA
TEC
Characteristic
BVDSX BVGSS VGS(OFF) VDS(SAT)* Drain - Source Breakdown Voltage Gate - Source Breakdown Voltage Gate - Source Cut-Off Voltage Drain - Source Saturation Voltage
BUZ900DP BUZ901DP
STATIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Test Conditions
VGS = -10V ID = 10mA VDS = 0 VDS = 10V VGD = 0 BUZ900DP BUZ901DP IG = 100A ID = 100mA ID = 16A VDS = 160V IDSX Drain - Source Cut-Off Current VGS = -10V BUZ900DP VDS = 200V BUZ901DP yfs* Forward Transfer Admittance VDS = 10V ID = 3A 1.4
Min.
160 200 14 0.1
Typ.
Max.
Unit
V V
1.5 12 10
V V
mA 10 4 S
DYNAMIC CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Characteristic
Ciss Coss Crss ton toff Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Time Turn-off Time
Test Conditions
VDS = 10V f = 1MHz VDS = 20V ID = 7A
Min.
Typ.
950 550 18 160 80
Max.
Unit
pF
ns
* Pulse Test: Pulse Width = 300s , Duty Cycle 2%.
300
Derating Chart
250
CH AN NE L D ISS IP ATION (W )
200
150
100
50
0 0 25 50 75 100 125 150
TC -- CASE TEMPERATURE (C)
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
MAGNA
TEC
22 20 18
I D -- D R AIN C U RR EN T (A)
7V
BUZ900DP BUZ901DP
Typical Output Characteristics
TC = 25C
22 20 18
I D -- D R AIN C U RR EN T (A)
Typical Output Characteristics
TC = 75C
16
6V
16 14 12
7V 6V
14
5V
12
PC
5V
PC
10 8 6
H
=
25
10 8 6 4
H
=
4V
0W
25
4V
0W
3V
3V
4 2 0 0 10 20 30 40 50
2V
2V
1V
2 0 60 70 0 10 20 30 40 50
1V
60
70
V DS -- DRAIN - SOURCE VOLTAGE (V)
V DS -- DRAIN - SOURCE VOLTAGE (V)
100
Forward Bias Safe Operating Area
TC = 25C G FS -- TRA NSC ON D UC TAN CE (S)
100
V DS = 20V
Transconductance
I D -- D R AIN C U RR EN T (A)
10
DC
10
TC = 25C TC = 75C
OP
ER
AT
IO
N
1
BUZ900D BUZ901D
1
160V
0.1 1 10 100
200V
0.1 1000 0 2
4
6
8
10
12
14
16
V DS -- DRAIN - SOURCE VOLTAGE (V)
I D -- DRAIN CURRENT (A)
Drain - Source Voltage
vs
16 14
V DS -- DR AIN - S OU RC E V OLTAGE (V )
Gate - Source Voltage
TC = 25C
22 20 18
Typical Transfer Characteristics
V DS = 10V TC = 25C
12
I D -- D RA IN C UR R EN T (A)
16 14 12 10 8 6 4 2 0
TC = 75C TC = 100C
10 8 6
I D = 9A I D = 14A
4
I D = 5A
2
I D = 3A
0 1 2 3 4 5 6 7 8 9
V GS -- GATE - SOURCE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
10
11
V GS -- GATE - SOURCE VOLTAGE (V)
Magnatec.
Telephone (01455) 554711. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95


▲Up To Search▲   

 
Price & Availability of BUZ901DP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X