Part Number Hot Search : 
STD4A60S 42225 26M50 DS50R4G MURHB840 SZN4979 00105 HER603
Product Description
Full Text Search
 

To Download BLM11A102SGPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS BLM A Series
The BLM A Series ferrite beads provide outstanding electrical characteristics in packages as small as 0402. For noise applications covering a wide frequency range.
FEATURES
s Suitable for flow and reflow soldering s Wide temperature range s High Z characteristics
APPLICATIONS
s I/O ports, DC power lines, and Signal lines
PART NUMBERING SYSTEM
BLM 11 A 471 SG PT
CHIP FERRITE SERIES
SIZE 10: 1.0 x 0.5mm 11: 1.6 x 0.8mm 21: 2.0 x 1.25mm 31: 3.2 x 1.6mm 41: 4.5 x 1.6mm
STANDARD SIGNAL A: Standard
IMPEDANCE CODE at 100MHz 471: 470 ohms 121: 120 ohms 102: 1000 ohms
CHARACTERISTICS
PACKAGING CODE PB: Bulk PT: Tape 7" Reel PT1: Tape 13" Reel
SPECIFICATIONS
Dimensions: mm Part Number Impedance (Ohms) Typ. @ 100MHz 10 70 200
0.5 0.1
Rated Current (mA) 500
DCR (Ohms max.) 0.05 0.40 0.50
Operating Temperature Range
0402
BLM10A100S BLM10A700S
0.25 0.1
BLM10A121S BLM10A221SG BLM10A601SG BLM10A102SG BLM11A121S BLM11A151SG BLM11A221S
120 220 600 50 1000 120 150 220 200 330 470 100
1.0 0.1
0.5 0.1
0.70 1.10 1.50 0.2 0.25 0.3 0.45 -55 ~ +125C
0603
0.4 0.2 0.8 0.15
BLM11A331SG BLM11A471SG BLM11A601S BLM11A102S
1.6 0.15
0.8 0.15
0.5 600 1000 100 0.7
Available as standard through authorized Murata Electronics Distributors.
164
CG01-I
SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS BLM
SPECIFICATIONS
Dimensions: mm Part Number Impedance (Ohms) Typ. @ 100MHz Rated Current (mA) DCR (Ohms max.) Operating Temperature Range
A Series
0805
BLM21A121F
120
0.15
BLM21A151SG
150
0.15
BLM21A221SG
220
0.20
BLM21A331SG
330
200
0.25
-55 ~ +125C
BLM21A401S
0.5 0.2 0.85 0.2 2.0 0.2 1.25 0.2
400
0.85
BLM21A471SG
470
0.25
BLM21A601F
600
0.3
BLM21A601R
600
500
0.3
-55 ~ +85C
BLM21A601S
600
1.1 -55 ~ +125C
BLM21A102F
1000
200
0.45
BLM21A102S
1000
0.45
-55 ~ +85C
1206
0.7 0.3 1.6 0.2
BLM31A260S
26
500
0.05
1.1 0.2* 3.2 0.2 *1.6 0.3 on BLM31A700S
BLM31A700S
70 200
0.15
BLM31A601S
600
0.90
-55 ~ +125C
1806
0.7 0.3
1.6 0.2
BLM41A800S
80
500
0.1
SURFACE MOUNT EMI FILTERS
1.6 0.2 4.5 0.2
BLM41A151S
150
200
0.5
Available as standard through authorized Murata Electronics Distributors.
CG01-I
165
SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS BLM
TYPICAL IMPEDANCE CHARACTERISTICS
BLM10A100S
25 Impedance (Ohms) Impedance (Ohms) 20 15 10 5 0 1 10 100 1000 Frequency (MHz)
A Series
BLM10A700S
200
BLM10A121S
200 Impedance (Ohms) 160 120 80 40 0 1 10 100 1000
160 120 80 40 0
1
10
100
1000
Frequency (MHz)
Frequency (MHz)
BLM10A221SG
400 Impedance (Ohms)
BLM10A601SG
1000 Impedance (Ohms) 750 500 250 0
BLM10A102SG
1200 Impedance (Ohms) 900 600 300 0
300 200 100 0
1
10
100
1000
1
10
100
1000
1
10
100
1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
BLM11A121S
200 Impedance (Ohms)
BLM11A151SG
250 Impedance (Ohms)
BLM11A221S
400 Impedance (Ohms) 320 240 160 80 0 1 10 100 1000
160 120 80 40 0 1 10 100 1000 Frequency (MHz)
200 150 100 50 0
1
10
100
1000
Frequency (MHz)
Frequency (MHz)
BLM11A331SG
500 Impedance (Ohms) 400 300 200 100 0 1 10 100 1000 Frequency (MHz)
BLM11A471SG
1000 Impedance (Ohms) 800 600 400 200 0
BLM11A601S
1000 Impedance (Ohms) 800 600 400 200 0
1
10
100
1000
1
10
100
1000
Frequency (MHz)
Frequency (MHz)
BLM11A102S
2000 Impedance (Ohms)
BLM21A121F
200 Impedance (Ohms) 160 120 80 40 0 1 10 100 1000
1600 1200 800 400 0 1 10 100 1000 Frequency (MHz)
Frequency (MHz)
166
CG01-I
SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS BLM
TYPICAL IMPEDANCE CHARACTERISTICS
BLM21A151SG
250
A Series
BLM21A221SG
400 Impedance (Ohms) 320 240 160 80 0 1 10 100 1000 Impedance (Ohms)
BLM21A331SG
500 400 300 200 100 0 1 10 100 1000
Impedance (Ohms)
200 150 100 50 0 1 10 100 1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
BLM21A401S
500 Impedance (Ohms)
BLM21A471SG
1000
BLM21A601F
1000 Impedance (Ohms) 800 600 400 200 0 1 10 100 1000
400 300 200 100 0 1 10 100 1000
Impedance (Ohms)
800 600 400 200 0 1 10 100 1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
BLM21A601R
1000 Impedance (Ohms)
BLM21A601S
1000 Impedance (Ohms) Impedance (Ohms) 10 100 1000 800 600 400 200 0 1
BLM21A102F
1500 1200 900 600 300 0 1 10 100 1000
800 600 400 200 0 1 10 100 1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
BLM21A102S
1500
BLM31A260S
50 Impedance (Ohms) Impedance (Ohms) 40 30 20 10 01 10 100 1000
BLM31A700S
100 80 60 40 20 0 1 10 100 1000
Impedance (Ohms)
1200 900 600 300 0 1 10 100 1000 Frequency (MHz)
SURFACE MOUNT EMI FILTERS
Frequency (MHz)
Frequency (MHz)
BLM31A601S
1000 Impedance (Ohms) 800 600 400 200 0 1 10
(For low speed signal line)
BLM41A800S
100 Impedance (Ohms) Impedance (Ohms) 1 10 100 1000 80 60 40 20 0 Frequency (MHz)
BLM41A151S
200 160 120 80 40 0 1 10 100 1000 Frequency (MHz)
100
1000
Frequency (MHz)
CG01-I
167


▲Up To Search▲   

 
Price & Availability of BLM11A102SGPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X